Selected language     English  ▼


74VHCT05AT Datasheet(PDF) 2 Page - STMicroelectronics

Part No. 74VHCT05AT
Description  HEX INVERTER (OPEN DRAIN)
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

   
 2 page
background image
74VHCT05A
2/8
INPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
Z: High Impedance
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied
RECOMMENDED OPERATING CONDITIONS
1)VIN from 0.8V to 2V
PIN No
SYMBOL
NAME AND FUNCTION
1, 3, 5, 9, 11,
13
1A to 6A
Data Inputs
2, 4, 6, 8, 10,
12
1Y to 6Y
Data Outputs
7
GND
Ground (0V)
14
VCC
Positive Supply Voltage
AY
LZ
HL
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7.0
V
VI
DC Input Voltage
-0.5 to +7.0
V
VO
DC Output Voltage
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
- 20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Current
± 25
mA
ICC or IGND DC VCC or Ground Current
± 50
mA
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
300
°C
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
4.5 to 5.5
V
VI
Input Voltage
0 to 5.5
V
VO
Output Voltage
0 to VCC
V
Top
Operating Temperature
-55 to 125
°C
dt/dv
Input Rise and Fall Time (see note 1) (VCC = 5.0 ± 0.5V)
0 to 20
ns/V




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74AC05Hex Inverter with Open Drain Outputs 1 2 3 4 Fairchild Semiconductor
ACS05MSRadiation Hardened Hex Inverter with Open Drain Outputs 1 2 Intersil Corporation
M74HC05HEX INVERTER OPEN DRAIN 1 2 3 4 5 MoreSTMicroelectronics
HCS05MSRadiation Hardened Hex Inverter with Open Drain 1 2 3 4 5 MoreIntersil Corporation
MC74LCX05LOW-VOLTAGE CMOS HEX INVERTER OPEN DRAIN 1 2 3 4 Motorola, Inc
74LCX06Low Voltage Hex Inverter/Buffer with Open Drain Outputs 1 2 3 4 5 MoreFairchild Semiconductor
MC74LCX06Low-Voltage CMOS Hex Inverter with Open Drain Outputs 1 2 3 4 5 MoreON Semiconductor
MM74HC05Hex Inverter Open Drain 1 2 3 4 National Semiconductor (TI)
54AC05Hex Inverter with Open Drain Outputs 1 2 3 4 5 MoreNational Semiconductor (TI)
74LVX05LOW VOLTAGE CMOS HEX INVERTER OPEN DRAIN WITH 5V TOLERANT INPUTS 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl