Selected language     English  ▼


74VHCT08AM Datasheet(PDF) 3 Page - STMicroelectronics

Part No. 74VHCT08AM
Description  QUAD 2-INPUT AND GATE
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

   
 3 page
background image
DC SPECIFICATIONS
Symb ol
Parameter
T est Cond ition s
Val ue
Un it
VCC
(V)
TA =25
oC
-40 to 85
oC
Min.
Typ .
Max.
Min .
Max.
VIH
High Level Input
Voltage
4.5 to 5.5
2
2
V
VIL
Low Level Input
Voltage
4.5 to 5.5
0.8
0.8
V
VOH
High Level Output
Voltage
4.5
IO=-50
µA
4.4
4.5
4.4
V
4.5
IO=-8 mA
3.94
3.8
VOL
Low Level Output
Voltage
4.5
IO=50
µA
0.0
0.1
0.1
V
4.5
IO=8 mA
0.36
0.44
II
Input Leakage Current
0 to 5.5
VI = 5.5V or GND
±0.1
±1.0
µA
ICC
Quiescent Supply
Current
5.5
VI =VCC or GND
2
20
µA
∆ICC
Additional Worst Case
Supply Current
5.5
One Input at 3.4V,
other input at VCC or
GND
1.35
1.5
mA
IOPD
Output Leakage
Current
0VOUT = 5.5V
0.5
5.0
µA
CAPACITIVE CHARACTERISTICS
Symb ol
Parameter
T est Cond ition s
Val ue
Un it
TA =25
oC
-40 to 85
oC
Min.
Typ .
Max.
Min .
Max.
CIN
Input Capacitance
4
10
10
pF
CPD
Power Dissipation
Capacitance (note 1)
14
pF
1) CPD isdefined as the value of the IC’sinternal equivalent capacitance which is calculated fromthe operating current consumption without load. (Referto
Test Circuit).Average operating current can be obtained by the following equation. ICC(opr) = CPD
• VCC • fIN +ICC/4 (per Gate)
AC ELECTRICAL CHARACTERISTICS (Input tr =tf =3 ns)
Symb ol
Parameter
Test Co nditi on
Val ue
Un it
VCC (*)
(V)
CL
(pF )
TA =25
oC
-40 to 85
oC
Min.
Typ .
Max.
Min .
Max.
tPLH
tPHL
Propagation Delay
Time
5.0
15
4.7
6.7
1.0
7.5
ns
5.0
50
5.5
7.7
1.0
8.5
(*) Voltage range is 5V
± 0.5V
74VHCT08A
3/7




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74ALVC32Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 Fairchild Semiconductor
74VHCT08AQuad 2-Input AND Gate 1 2 3 4 5 MoreFairchild Semiconductor
74VHC08MTRQUAD 2-INPUT AND GATE 1 2 3 4 5 MoreSTMicroelectronics
IN74VHC08Quad 2-Input AND Gate 1 2 3 4 5 MoreIntegral Corp.
MC74LCX08LOW-VOLTAGE CMOS QUAD 2-INPUT AND GATE 1 2 3 4 5 MoreMotorola, Inc
CD4071BMQuad 2-Input OR AND Buffered B Series Gate 1 2 3 4 5 MoreNational Semiconductor (TI)
SN54LS08QUAD 2-INPUT AND GATE 1 2 3 4 Motorola, Inc
54ACTQ08Quiet Series Quad 2-Input AND Gate 1 2 3 4 5 National Semiconductor (TI)
MC74AC08QUAD 2-INPUT AND GATE 1 2 3 4 5 MoreON Semiconductor
MC74LCX08LOW-VOLTAGE CMOS QUAD 2-INPUT AND GATE 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl