Selected language     English  â–¼


74VHCT08AM Datasheet(PDF) 4 Page - STMicroelectronics

Part No. 74VHCT08AM
Description  QUAD 2-INPUT AND GATE
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

   
 4 page
background image
DYNAMIC SWITCHING CHARACTERISTICS
Symb ol
Parameter
T est Cond ition s
Val ue
Un it
VCC
(V)
TA =25
oC
-40 to 85
oC
Min.
Typ .
Max.
Min .
Max.
VOLP
Dynamic Low Voltage
Quiet Output (note 1, 2)
5.0
CL =50 pF
0.4
0.8
V
VOLV
-0.8
-0.4
VIHD
Dynamic High Voltage
Input (note 1, 3)
5.0
2
VILD
Dynamic Low Voltage
Input (note 1, 3)
5.0
0.8
1) Worst case package.
2) Max number of outputs defined as (n). Data inputs are driven 0V to 3.0V, (n -1) outputs switching and one output at GND.
3) Max number of data inputs (n) switching. (n-1) switching 0V to3.0V. Inputs under test switching: 3.0V to threshold (VILD), 0V to threshold (VIHD), f=1MHz.
CL = 15/50 pF or equivalent (includes jig and probe capacitance)
RT =ZOUT of pulse generator (typically 50
Ω)
WAVEFORM: PROPAGATION DELAYS (f=1MHz; 50% duty cycle)
TEST CIRCUIT
74VHCT08A
4/7




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74ALVC32Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 Fairchild Semiconductor
74VHCT08AQuad 2-Input AND Gate 1 2 3 4 5 MoreFairchild Semiconductor
74VHC08MTRQUAD 2-INPUT AND GATE 1 2 3 4 5 MoreSTMicroelectronics
IN74VHC08Quad 2-Input AND Gate 1 2 3 4 5 MoreIntegral Corp.
MC74LCX08LOW-VOLTAGE CMOS QUAD 2-INPUT AND GATE 1 2 3 4 5 MoreMotorola, Inc
CD4071BMQuad 2-Input OR AND Buffered B Series Gate 1 2 3 4 5 MoreNational Semiconductor (TI)
SN54LS08QUAD 2-INPUT AND GATE 1 2 3 4 Motorola, Inc
54ACTQ08Quiet Series Quad 2-Input AND Gate 1 2 3 4 5 National Semiconductor (TI)
MC74AC08QUAD 2-INPUT AND GATE 1 2 3 4 5 MoreON Semiconductor
MC74LCX08LOW-VOLTAGE CMOS QUAD 2-INPUT AND GATE 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl