Electronic Components Datasheet Search |
|
XC9105D091ML Datasheet(PDF) 1 Page - Torex Semiconductor |
|
XC9105D091ML Datasheet(HTML) 1 Page - Torex Semiconductor |
1 / 23 page 1/23 XC9103/XC9104/XC9105 Series Ceramic Capacitor Compatible, Step-up DC/DC Controllers ■GENERAL DESCRIPTION The XC9103/XC9104/XC9105 series are PWM, PWM/PFM auto switching /manual switching controlled universal step-up DC/DC converter controllers. Output will be stable no matter which load capacitors are used but should a low ESR capacitor be used, RSENSE of about 0.1Ω will be required and phase compensation will be achieved. This allows the use of ceramic capacitors and enables to obtain lower output ripple and small PCB design. Tantalum and electrolytic capacitors can also be used, in which case, RSENSE becomes unnecessary. With 0.9V internal voltage reference and by using externally connected two resistors, output voltage can be set freely within a range of 1.5V to 30V. The series is available in 300 kHz and 180 kHz frequencies, the size of the external components can be reduced. 100 kHz and 500 kHz are also available in custom options. The XC9103 offers PWM operation. The XC9104 offers PWM/PFM automatic switching operation. The PWM operation is shifted to the PFM operation automatically at light load so that it maintains high efficiency over a wide range of load currents. The XC9105 offers both PWM and PWM/PFM auto switching operations and it can be selected by external signal. A current limiter circuit is built-in to the IC (except with the 500 kHz version) and monitors the ripple voltage on the FB pin. Operation is shut down when the ripple voltage is more than 250mV. The operations of the IC can be returned to normal with a toggle of the CE pin or by turning the power supply back on. ■APPLICATIONS ●PDAs ●Cellular phones ●Palmtop computers ●Portable audio systems ●Various multi-function power supplies ■TYPICAL APPLICATION CIRCUIT ■ TYPICAL PERFORMANCE CHARACTERISTICS ☆GreenOperation Compatible ■FEATURES Input Voltage Range : 0.9V ~ 10V Supply Voltage Range : 1.8V ~ 10V Output Voltage Range : 1.5V ~ 30V Set freely with the reference voltage 0.9V(±2.0%) and two resistors Oscillation Frequency : 100, 180, 300, 500kHz (±15%) 180, 300kHz only for XC9103/04/05B type (with current limiter) Output Current : more than 400mA (VIN=1.8V, VOUT=3.3V) Controls : PWM (XC9103) PWM/PFM auto-switching (XC9104) PWM/PFM manual switching (XC9105) High Efficiency : 85% (TYP.) Stand-by Current : ISTB=1.0μA (MAX.) Load Capacitors : Low ESR capacitors compatible Current Limiter Function : Operates when ripple voltage=250mV Also available without current limiter (100kHz and 500kHz types are available only without current limiter) Package : SOT-25, USP-6B ETR0404_003 |
Similar Part No. - XC9105D091ML |
|
Similar Description - XC9105D091ML |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |