Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9105B092ML Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC9105B092ML
Description  Ceramic Capacitor Compatible, Step-up DC/DC Controllers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9105B092ML Datasheet(HTML) 5 Page - Torex Semiconductor

  XC9105B092ML Datasheet HTML 1Page - Torex Semiconductor XC9105B092ML Datasheet HTML 2Page - Torex Semiconductor XC9105B092ML Datasheet HTML 3Page - Torex Semiconductor XC9105B092ML Datasheet HTML 4Page - Torex Semiconductor XC9105B092ML Datasheet HTML 5Page - Torex Semiconductor XC9105B092ML Datasheet HTML 6Page - Torex Semiconductor XC9105B092ML Datasheet HTML 7Page - Torex Semiconductor XC9105B092ML Datasheet HTML 8Page - Torex Semiconductor XC9105B092ML Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5/23
XC9103/XC9104/XC9105
Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
Output Voltage
VOUT
3.234
3.300
3.366
V
Output Voltage Range
VOUTSET
VIN=VOUTSETx0.6, VDD=3.3V
IOUT=10mA, Using 2SD1628
1.5
-
30.0
V
FB Control Voltage
VFB
0.882
0.900
0.918
V
Supply Voltage Range
(*1)
VDD
1.8
-
10.0
V
Operation Start Voltage
VST1
Recommended circuit using 2SD1628,
IOUT=1.0mA
-
-
0.9
V
Oscillation Start Voltage
(*1)
VST2
No external components, CE connected
to VDD, Voltage applied, FB=0V
-
-
0.8
V
Operation Hold Voltage
VHLD
Recommended circuit using 2SD1628,
IOUT=1.0mA
-
-
0.7
V
Supply Current 1
IDD1
Same as VST2, VDD=3.3V
-
62
88
μA
Supply Current 2
IDD2
Same as IDD1, FB=1.2V
-
16
22
μA
Stand-by Current
ISTB
Same as IDD1, CE=0V
-
-
1.0
μA
Oscillation Frequency
FOSC
Same as IDD1
255
300
345
kHz
Maximum Duty Cycle
MAXDTY
Same as IDD1
75
81
87
%
PFM Duty Rate
PFMDTY
No load
(XC9104B/D, 9105B/D)
24
32
40
%
Overcurrent
Sense Voltage (*3)
VLMT
Step input to FB (Pulse width: 2.0μS
or more), EXT=Low level voltage
(XC9103B, 9104B, 9105B)
220
300
380
mV
Efficiency
EFFI
Recommended circuit using XP161A1355
-
85
-
%
Soft-Start Time
TSS
5.0
10.0
20.0
ms
CE “High” Voltage (*2)
VCEH
Same as IDD1
0.65
-
-
V
CE “Low” Voltage (*2)
VCEL
Same as IDD1
-
-
0.20
V
PWM “High” Voltage (*2)
VPWMH
IOUT=1.0mA
(XC9105B/D)
VDD-0.2
-
-
V
PWM “Low” Voltage (*2)
VPWML
IOUT=1.0mA
(XC9105B/D)
-
-
VDD-1.0
V
EXT “High”
On Resistance
REXTH
Same as IDD1, VEXT=VOUT-0.4V
-
24
36
Ω
EXT “Low”
On Resistance
REXTL
Same as IDD1, VEXT=0.4V
-
16
24
Ω
CE “High Current
ICEH
Same as IDD2, CE=VDD
-
-
0.1
μA
CE “Low” Current
ICEL
Same as IDD2, CE=0V
-
-
- 0.1
μA
FB “High” Current
IFBH
Same as IDD2, CE=VDD
-
-
0.1
μA
FB “Low” Current
IFBL
Same as IDD2, CE=0V
-
-
- 0.1
μA
(FOSC=300 kHz)
Ta=25℃
XC9103B093MR, XC9104B093MR, XC9105B093MR
XC9103D093MR, XC9104D093MR, XC9105D093MR
■ELECTRICAL CHARACTERISTICS (Continued)
Test Conditions: Unless otherwise stated, CL: ceramic, recommended MOSFET should be connected.
NOTE:
*1 Although the IC starts step-up operations from a VDD of 0.8V, the output voltage and oscillation frequency are stabilized at VDD>1.8V.
Therefore, a VDD of more than 1.8V is recommended when VDD is supplied from VIN or other power sources.
*2 With the XC9105 series, the CE pin also serves as a PWM/PFM switching pin. In operation, PWM control is selected when the voltage
at the CE pin is more than VDD -0.2V. On the other hand, PWM/PFM automatic switching control at a duty = 25% is selected when
the voltage at the CE pin is less than VDD -1.0V and more than VCEH.
*3 The overcurrent limit circuit of this IC is designed to monitor the ripple voltage so please select your external components carefully to
prevent VLMT being reached under low temperature conditions as well as normal operating conditions. Following current limiter
circuit operations, which in turn causes the IC's operations to stop, the operations of the IC can be returned to normal with a toggle of
the CE pin or by turning the power supply back on.


Similar Part No. - XC9105B092ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9105 TOREX-XC9105 Datasheet
205Kb / 19P
   Step-Up DC/DC Converters
More results

Similar Description - XC9105B092ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9119D10A TOREX-XC9119D10A_1 Datasheet
383Kb / 18P
   1MHz, PWM Controlled, Step-Up DC/DC Converter, Ceramic Capacitor Compatible
XC9119D10A TOREX-XC9119D10A_V01 Datasheet
421Kb / 18P
   1MHz, PWM Controlled Step-Up DC/DC Converter, Ceramic Capacitor Compatible
XC9119D10A TOREX-XC9119D10A Datasheet
378Kb / 16P
   1MHz, PWM Controlled, Step-Up DC/DC Converter, Ceramic Capacitor Compatible
XC9101 TOREX-XC9101_1 Datasheet
1Mb / 22P
   PWM Controlled Step-Up DC/DC Controllers
XC9101 TOREX-XC9101 Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_2 Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_1 Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com