Selected language     English  ā–¼


74VHCT08AT Datasheet(PDF) 5 Page - STMicroelectronics

Part No. 74VHCT08AT
Description  QUAD 2-INPUT AND GATE
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

   
 5 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.75
0.068
a1
0.1
0.2
0.003
0.007
a2
1.65
0.064
b
0.35
0.46
0.013
0.018
b1
0.19
0.25
0.007
0.010
C
0.5
0.019
c1
45 (typ.)
D
8.55
8.75
0.336
0.344
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
7.62
0.300
F
3.8
4.0
0.149
0.157
G
4.6
5.3
0.181
0.208
L
0.5
1.27
0.019
0.050
M
0.68
0.026
S
8 (max.)
P013G
SO-14 MECHANICAL DATA
74VHCT08A
5/7




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74ALVC32Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 Fairchild Semiconductor
74VHCT08AQuad 2-Input AND Gate 1 2 3 4 5 MoreFairchild Semiconductor
74VHC08MTRQUAD 2-INPUT AND GATE 1 2 3 4 5 MoreSTMicroelectronics
IN74VHC08Quad 2-Input AND Gate 1 2 3 4 5 MoreIntegral Corp.
MC74LCX08LOW-VOLTAGE CMOS QUAD 2-INPUT AND GATE 1 2 3 4 5 MoreMotorola, Inc
CD4071BMQuad 2-Input OR AND Buffered B Series Gate 1 2 3 4 5 MoreNational Semiconductor (TI)
SN54LS08QUAD 2-INPUT AND GATE 1 2 3 4 Motorola, Inc
54ACTQ08Quiet Series Quad 2-Input AND Gate 1 2 3 4 5 National Semiconductor (TI)
MC74AC08QUAD 2-INPUT AND GATE 1 2 3 4 5 MoreON Semiconductor
MC74LCX08LOW-VOLTAGE CMOS QUAD 2-INPUT AND GATE 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl