Selected language     English  ▼


74VHCT126A Datasheet(PDF) 1 Page - STMicroelectronics

Part No. 74VHCT126A
Description  QUAD BUS BUFFERS 3-STATE
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

   
 1 page
background image
74VHCT126A
QUAD BUS BUFFERS (3-STATE)
PRELIMINARY DATA
March 2000
PIN CONNECTION AND IEC LOGIC SYMBOLS
s
HIGH SPEED: tPD = 5 ns (TYP.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =4
µA (MAX.) at TA =25 oC
s
COMPATIBLE WITH TTL OUTPUTS:
VIH =2V (MIN), VIL = 0.8V (MAX)
s
POWER DOWN PROTECTION ON INPUTS &
OUTPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|=IOL = 8 mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH
≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 4.5V to 5.5V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 126
s
IMPROVED LATCH-UP IMMUNITY
s
LOW NOISE: VOLP = 0.8V (Max.)
DESCRIPTION
The 74VHCT126A is an advanced high-speed
CMOS QUAD BUS BUFFERS fabricated with
sub-micron silicon gate and double-layer metal
wiring C
2MOS technology.
This device requires the 3-STATE control input G
to be set low to place the output into the high
impedance state.
Power down protection is provided on all inputs
and outputs and 0 to 7V can be accepted on
inputs with no regard to the supply voltage. This
device can be used to interface 5V to 3V.
All inputs
and
outputs are
equipped with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
®
SOP
TSSOP
ORDER CODES
PACKAGE
T UBE
T & R
SOP
74VHCT126AM
74VHCT126AMTR
TSSOP
74VHCT126ATTR
1/8




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74VHC126QUAD BUS BUFFERS 3-STATE 1 2 3 4 5 MoreSTMicroelectronics
74VHCT125AQUAD BUS BUFFERS 3-STATE 1 2 3 4 5 MoreSTMicroelectronics
M54HCT125QUAD BUS BUFFERS 3-STATE 1 2 3 4 5 MoreSTMicroelectronics
74ACT125QUAD BUS BUFFERS 3-STATE 1 2 3 4 5 MoreSTMicroelectronics
74AC125QUAD BUS BUFFERS 3-STATE 1 2 3 4 5 MoreSTMicroelectronics
M54HC125QUAD BUS BUFFERS 3-STATE 1 2 3 4 5 MoreSTMicroelectronics
74LVQ125QUAD BUS BUFFERS 3-STATE 1 2 3 4 5 MoreSTMicroelectronics
74LVX126TTRLOW VOLTAGE CMOS QUAD BUS BUFFERS 3-STATE WITH 5V TOLERANT INPUTS 1 2 3 4 5 MoreSTMicroelectronics
74LVC125ALOW VOLTAGE CMOS QUAD BUS BUFFERS 3-STATE HIGH PERFORMANCE 1 2 3 4 5 MoreSTMicroelectronics
74LVX125LOW VOLTAGE QUAD BUS BUFFERS 3-STATE WITH 5V TOLERANT INPUTS 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl