Selected language     English  ▼


74VHCT126A Datasheet(PDF) 2 Page - STMicroelectronics

Part No. 74VHCT126A
Description  QUAD BUS BUFFERS 3-STATE
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

   
 2 page
background image
TRUTH TABLE
AG
Y
XL
Z
LH
L
HH
H
X:”H” or ”L”
Z: High Impedance
PIN DESCRIPTION
PI N No
SYMBOL
NAME AND FUNCT ION
1, 4, 10, 13
1G to 4G
Output Enable Inputs
2, 5, 9, 12
1A to 4A
Data Inputs
3, 6, 8, 11
1Y to 4Y
Data Outputs
7
GND
Ground (0V)
14
VCC
Positive Supply Voltage
INPUT EQUIVALENT CIRCUIT
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Valu e
Uni t
VCC
Supply Voltage
4.5 to 5.5
V
VI
Input Voltage
0 to 5.5
V
VO
Output Voltage (see note 1)
0 to 5.5
V
VO
Output Voltage (see note 2)
0 to VCC
V
Top
Operating Temperature
-40 to +85
oC
dt/dv
Input Rise and Fall Time (see note 3) (VCC =5.0
± 0.5V)
0 to 20
ns/V
1) Output in OFF State
2) High or Low State
3)VIN from0.8V to 2 V
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Val ue
Unit
VCC
Supply Voltage
-0.5 to +7.0
V
VI
DC Input Voltage
-0.5 to +7.0
V
VO
DC Output Voltage (see note 1)
-0.5 to +7.0
V
VO
DC Output Voltage (see note 2)
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
- 20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Current
± 25
mA
ICC or IGND DC VCC or Ground Current
± 50
mA
Tstg
Storage Temperature
-65 to +150
oC
TL
Lead Temperature (10 sec)
300
oC
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied.
1) Output in OFF State
2) High or Low State
74VHCT126A
2/8




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74VHC126QUAD BUS BUFFERS 3-STATE 1 2 3 4 5 MoreSTMicroelectronics
74VHCT125AQUAD BUS BUFFERS 3-STATE 1 2 3 4 5 MoreSTMicroelectronics
M54HCT125QUAD BUS BUFFERS 3-STATE 1 2 3 4 5 MoreSTMicroelectronics
74ACT125QUAD BUS BUFFERS 3-STATE 1 2 3 4 5 MoreSTMicroelectronics
74AC125QUAD BUS BUFFERS 3-STATE 1 2 3 4 5 MoreSTMicroelectronics
M54HC125QUAD BUS BUFFERS 3-STATE 1 2 3 4 5 MoreSTMicroelectronics
74LVQ125QUAD BUS BUFFERS 3-STATE 1 2 3 4 5 MoreSTMicroelectronics
74LVX126TTRLOW VOLTAGE CMOS QUAD BUS BUFFERS 3-STATE WITH 5V TOLERANT INPUTS 1 2 3 4 5 MoreSTMicroelectronics
74LVC125ALOW VOLTAGE CMOS QUAD BUS BUFFERS 3-STATE HIGH PERFORMANCE 1 2 3 4 5 MoreSTMicroelectronics
74LVX125LOW VOLTAGE QUAD BUS BUFFERS 3-STATE WITH 5V TOLERANT INPUTS 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl