Selected language     English  ▼


74VHCT126A Datasheet(PDF) 3 Page - STMicroelectronics

Part No. 74VHCT126A
Description  QUAD BUS BUFFERS 3-STATE
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

   
 3 page
background image
AC ELECTRICAL CHARACTERISTICS (Input tr =tf =3 ns)
Symb ol
Parameter
Test Co nditi on
Val ue
Un it
VCC
(V)
CL
(pF )
TA =25
oC
-40 to 85
oC
Min.
Typ .
Max.
Min .
Max.
tPLH
tPHL
Propagation Delay
Time
5.0
(*)
15
3.8
5.5
1.0
6.5
ns
5.0
(*)
50
5.3
7.5
1.0
8.5
tPZL
tPZH
Output Enable Time
5.0
(*)
15
RL =1K
3.6
5.1
1.0
6.0
ns
5.0
(*)
50
RL =1K
5.1
7.1
1.0
8.0
tPLZ
tPHZ
Output Disable Time
5.0
(*)
50
RL =1K
6.1
8.8
1.0
10.0
ns
(*) Voltage range is 5.0V
± 0.5V
DC SPECIFICATIONS
Symb ol
Parameter
T est Cond ition s
Val ue
Un it
VCC
(V)
TA =25
oC
-40 to 85
oC
Min.
Typ .
Max.
Min .
Max.
VIH
High Level Input
Voltage
4.5 to 5.5
2
2
V
VIL
Low Level Input
Voltage
4.5 to 5.5
0.8
0.8
V
VOH
High Level Output
Voltage
4.5
IO=-50
µA
4.4
4.5
4.4
V
4.5
IO=-8 mA
3.94
3.8
VOL
Low Level Output
Voltage
4.5
IO=50
µA
0.0
0.1
0.1
V
4.5
IO=8 mA
0.36
0.44
IOZ
High Impedance
Output Leakage
Current
4.5 to 5.5
VI =VIH or VIL
VO = 0V to 5.5V
±0.25
±2.5
µA
II
Input Leakage Current
0 to 5.5
VI = 5.5V or GND
±0.1
±1.0
µA
ICC
Quiescent Supply
Current
5.5
VI =VCC or GND
4
40
µA
∆ICC
Additional Worst Case
Supply Current
5.5
One Input at 3.4V,
other input at VCC or
GND
1.35
1.5
mA
IOPD
Output Leakage
Current
0VOUT = 5.5V
0.5
5.0
µA
74VHCT126A
3/8




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74VHC126QUAD BUS BUFFERS 3-STATE 1 2 3 4 5 MoreSTMicroelectronics
74VHCT125AQUAD BUS BUFFERS 3-STATE 1 2 3 4 5 MoreSTMicroelectronics
M54HCT125QUAD BUS BUFFERS 3-STATE 1 2 3 4 5 MoreSTMicroelectronics
74ACT125QUAD BUS BUFFERS 3-STATE 1 2 3 4 5 MoreSTMicroelectronics
74AC125QUAD BUS BUFFERS 3-STATE 1 2 3 4 5 MoreSTMicroelectronics
M54HC125QUAD BUS BUFFERS 3-STATE 1 2 3 4 5 MoreSTMicroelectronics
74LVQ125QUAD BUS BUFFERS 3-STATE 1 2 3 4 5 MoreSTMicroelectronics
74LVX126TTRLOW VOLTAGE CMOS QUAD BUS BUFFERS 3-STATE WITH 5V TOLERANT INPUTS 1 2 3 4 5 MoreSTMicroelectronics
74LVC125ALOW VOLTAGE CMOS QUAD BUS BUFFERS 3-STATE HIGH PERFORMANCE 1 2 3 4 5 MoreSTMicroelectronics
74LVX125LOW VOLTAGE QUAD BUS BUFFERS 3-STATE WITH 5V TOLERANT INPUTS 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl