Selected language     English  â–¼


74VHCT126A Datasheet(PDF) 4 Page - STMicroelectronics

Part No. 74VHCT126A
Description  QUAD BUS BUFFERS 3-STATE
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

   
 4 page
background image
CAPACITIVE CHARACTERISTICS
Symb ol
Parameter
Test Co nditi ons
Valu e
Un it
TA =25
oC
-40 to 85
oC
Min.
T yp.
Max.
Mi n.
Max.
CIN
Input Capacitance
4
10
10
pF
COUT
Output Capacitance
10
pF
CPD
Power Dissipation
Capacitance (note 1)
14
pF
1) CPD isdefined as the value of the IC’sinternal equivalent capacitance which is calculated fromthe operating current consumption without load. (Referto
Test Circuit).Average operting current can be obtained by the following equation. ICC(opr) = CPD
• VCC • fIN +ICC/4(per circuit)
TEST CIRCUIT
T EST
SW IT CH
tPLH,tPHL
Open
tPZL,tPLZ
VCC
tPZH,tPHZ
GND
CL = 15/50 pF or equivalent (includes jig and probe capacitance)
RL =R1 =1K
Ω orequivalent
RT =ZOUT of pulse generator (typically 50
Ω)
DYNAMIC SWITCHING CHARACTERISTICS
Symb ol
Parameter
T est Cond ition s
Val ue
Un it
VCC
(V)
TA =25
oC
-40 to 85
oC
Min.
Typ .
Max.
Min .
Max.
VOLP
Dynamic Low Voltage
Quiet Output (note 1, 2)
5.0
CL =50 pF
0.3
0.8
V
VOLV
-0.8
-0.3
VIHD
Dynamic High Voltage
Input (note 1, 3)
5.0
2.0
VILD
Dynamic Low Voltage
Input (note 1, 3)
5.0
0.8
1) Worst case package.
2) Max number of outputs defined as (n). Data inputs are driven 0V to 5.0V, (n -1) outputs switching and one output at GND.
3) Max number of data inputs (n) switching. (n-1) switching 0V to5.0V. Inputs under test switching: 5.0V to threshold (VILD), 0V to threshold (VIHD), f=1MHz.
74VHCT126A
4/8




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74VHC126QUAD BUS BUFFERS 3-STATE 1 2 3 4 5 MoreSTMicroelectronics
74VHCT125AQUAD BUS BUFFERS 3-STATE 1 2 3 4 5 MoreSTMicroelectronics
M54HCT125QUAD BUS BUFFERS 3-STATE 1 2 3 4 5 MoreSTMicroelectronics
74ACT125QUAD BUS BUFFERS 3-STATE 1 2 3 4 5 MoreSTMicroelectronics
74AC125QUAD BUS BUFFERS 3-STATE 1 2 3 4 5 MoreSTMicroelectronics
M54HC125QUAD BUS BUFFERS 3-STATE 1 2 3 4 5 MoreSTMicroelectronics
74LVQ125QUAD BUS BUFFERS 3-STATE 1 2 3 4 5 MoreSTMicroelectronics
74LVX126TTRLOW VOLTAGE CMOS QUAD BUS BUFFERS 3-STATE WITH 5V TOLERANT INPUTS 1 2 3 4 5 MoreSTMicroelectronics
74LVC125ALOW VOLTAGE CMOS QUAD BUS BUFFERS 3-STATE HIGH PERFORMANCE 1 2 3 4 5 MoreSTMicroelectronics
74LVX125LOW VOLTAGE QUAD BUS BUFFERS 3-STATE WITH 5V TOLERANT INPUTS 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl