Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9504B092DAR Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC9504B092DAR
Description  2 ch. Step-Up / Inverting DC/DC Controller ICs
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9504B092DAR Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC9504B092DAR Datasheet HTML 4Page - Torex Semiconductor XC9504B092DAR Datasheet HTML 5Page - Torex Semiconductor XC9504B092DAR Datasheet HTML 6Page - Torex Semiconductor XC9504B092DAR Datasheet HTML 7Page - Torex Semiconductor XC9504B092DAR Datasheet HTML 8Page - Torex Semiconductor XC9504B092DAR Datasheet HTML 9Page - Torex Semiconductor XC9504B092DAR Datasheet HTML 10Page - Torex Semiconductor XC9504B092DAR Datasheet HTML 11Page - Torex Semiconductor XC9504B092DAR Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
8/53
XC9504 Series
■OPERATIONAL EXPLANATION
The XC9504 series are dual DC/DC (step-up + inverting) converter controller ICs with built-in high speed, low ON resistance
buffers.
<Error Amp. 1>
Error amplifier 1 is designed to monitor the output voltage and it compares the feedback voltage1 (FB1) with the reference
voltage Vref1.
In response to feedback of a voltage lower than the reference voltage Vref1, the output voltage of the error
amp. decreases
<Error Amp. 2>
Error amplifier 2 is designed to monitor the output voltage and it compares the feedback voltage 2 (FB2) with the reference
voltage Vref 2.
In response to feedback of a voltage lower than the reference voltage Vref2, the output voltage of the error
amp. decreases.
<OSC Generator>
This circuit generates the internal reference clock.
<Ramp Wave Generator 1, 2>
The ramp wave generator generates a saw-tooth waveform based on outputs from the OSC generator.
<PWM Comparator 1, 2>
The PWM comparator compares outputs from the error amp. and saw-tooth waveform. When the voltage from the error
amp's output is low, the external will be set to ON.
<PWM/PFM Controller 1, 2>
This circuit generates PFM pulses.
Control can be switched between PWM control and PWM/PFM automatic switching control using external signals.
The PWM/PFM automatic switching mode is selected when the voltage of the PWM1 (2) pin is less than 0.2V, and the control
switches between PWM and PFM automatically depending on the load.
As the PFM circuit generates pulses based on
outputs from the PWM comparator, shifting between modes occurs smoothly.
PWM control mode is selected when the
voltage of the PWM1 (2) pin is more than 0.65V. Noise is easily reduced with PWM control since the oscillation frequency is
fixed. Control suited to the application can easily be selected which is useful in audio applications, for example, where
traditionally, efficiencies have been sacrificed during stand-by as a result of using PWM control (due to the noise problems
associated with the PFM mode in stand-by).
<Vref 1 with Soft Start 1>
The reference voltage, Vref1 (FB1 pin voltage)=0.9V, is adjusted and fixed by laser trimming (for output voltage settings,
please refer to the functional settings notes below.). To protect against inrush current, when the power is switched on, and
also to protect against voltage overshoot, soft-start time is set internally to 10ms.
It should be noted, however, that this
circuit does not protect the load capacitor (CL) from inrush current. With the Vref voltage limited, and depending upon the
input to error amp 1, the operation maintains a balance between the two inputs of error amps and controls the EXT pin's ON
time so that it doesn't increase more than is necessary.
<Vref 2>
The reference voltage, Vref2 (FB2 pin voltage)=0.9V, is adjusted and fixed by laser trimming.
<Enable Function 1,2>
This function controls the operation and shutdown of the IC.
When the voltage of the EN1 or EN2 pins is 0.2V or less, the
mode will be disable, the channel's operations will stop and the EXT1 pin will be kept at a low level (the external N-ch
MOSFET will be OFF) and the EXT2 pin will be kept at a high level (the external P-ch MOSFET will be OFF). When both EN1
and EN2 are in a state of chip disable, current consumption will be no more than 3.0
μA.
When the EN1 or EN2 pin's voltage is 0.65V or more, the mode will be enable and operations will recommence.
With
channel one (output 1) soft-start, 95% of the set output voltage will be reached within 10msec (TYP.) from the moment of
enable.


Similar Part No. - XC9504B092DAR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9504 TOREX-XC9504 Datasheet
722Kb / 50P
   2ch. Step-up / Inverting DC/DC Controller ICs
More results

Similar Description - XC9504B092DAR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9504 TOREX-XC9504 Datasheet
722Kb / 50P
   2ch. Step-up / Inverting DC/DC Controller ICs
XC9505 TOREX-XC9505 Datasheet
705Kb / 47P
   2ch. Step-Down / Inverting DC/DC Controller ICs
XC9303 TOREX-XC9303 Datasheet
244Kb / 18P
   Step-Up & Down DC / DC Controller ICs
XC9501 TOREX-XC9501 Datasheet
381Kb / 24P
   2ch. Step-up DC/DC Controller ICs.
XC9505 TOREX-XC9505_1 Datasheet
3Mb / 50P
   2 ch.Step-Down / Inverting DC/DC Controller ICs.
XC9502 TOREX-XC9502_1 Datasheet
2Mb / 43P
   2ch. Step-up / down DC/DC Controller ICs
XC9502 TOREX-XC9502 Datasheet
631Kb / 40P
   2ch. Step-up / down DC/DC Controller ICs
XC9110 TOREX-XC9110 Datasheet
2Mb / 35P
   PFM Controlled Step-Up DC/DC Converter / Controller ICs
XC9501 TOREX-XC9501_1 Datasheet
1Mb / 27P
   2ch.Step-Up/Up DC/DC Controller ICs
logo
Linear Technology
LT3782A LINER-LT3782A_15 Datasheet
275Kb / 20P
   2-Phase Step-Up DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com