Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9504B093DAR Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC9504B093DAR
Description  2 ch. Step-Up / Inverting DC/DC Controller ICs
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9504B093DAR Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC9504B093DAR Datasheet HTML 5Page - Torex Semiconductor XC9504B093DAR Datasheet HTML 6Page - Torex Semiconductor XC9504B093DAR Datasheet HTML 7Page - Torex Semiconductor XC9504B093DAR Datasheet HTML 8Page - Torex Semiconductor XC9504B093DAR Datasheet HTML 9Page - Torex Semiconductor XC9504B093DAR Datasheet HTML 10Page - Torex Semiconductor XC9504B093DAR Datasheet HTML 11Page - Torex Semiconductor XC9504B093DAR Datasheet HTML 12Page - Torex Semiconductor XC9504B093DAR Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
9/53
XC9504
Series
< Output Voltage Setting, Ch.1 (Step-Up DC/DC Converter Controller) >
Output voltage can be set by adding external split resistors.
Output voltage is determined by the following equation, based
on the values of RFB11 and RFB12.
The sum of RFB11 and RFB12 should normally be 1 M
Ω or less.
VOUT1=0.9
×(RFB11+RFB12)/RFB12
The speed-up capacitor for phase compensation's (CFB1) value should be adjusted using the formula fzfb=1/(2
×π× CFB1
×RFB11) so that it equals 12kHz. Depending on the application, the inductance value L, and the load capacity value CL,
adjustments to this value are suggested so that the value is somewhere between 1kHz to 50kHz.
[Calculation Example]
When RFB11 = 470k
Ω and RFB12 = 30kΩ : VOUT1 = 0.9×(470k+30k) / 30k = 15.0V.
VOUT
(V)
RFB11
(k
Ω)
RFB12
(k
Ω)
CFB1
(pF)
VOUT
(V)
RFB11
(k
Ω)
RFB12
(k
Ω)
CFB1
(pF)
VOUT
(V)
RFB11
(k
Ω)
RFB12
(k
Ω)
CFB1
(pF)
1.5
220
330
62
2.7
360
180
33
10.0
680
68
18
1.8
220
220
62
3.0
560
240
24
12.0
160
13
82
2.0
330
330
39
3.3
200
75
62
15.0
470
30
27
2.2
390
390
33
5.0
82
18
160
20.0
470
22
27
2.5
390
390
33
8.0
120
15
100
30.0
390
12
34
[Typical Example]
< Output Voltage Setting, Ch. 2 (Inverting DC/DC Converter) >
Output voltage can be set by adding reference voltage and split resistors externally.
Output voltage is determined using the
following equation and is based on the values of RFB21 and RFB22.
The sum of RFB21 and RFB22 should normally be 200k
Ω
or less. The equation uses Ch 1's (VOUT1) output voltage calculation method for the reference voltage.
VOUT2 = (0.9-VOUT1)
× (RFB21/RFB22) + 0.9V
[Calculation Example]
When RFB21 =17.5k
Ω, RFB22 =10kΩ, VOUT1 =3.3V, VOUT2 = - 3.3V
The value of speed-up capacitor for phase compensation CFB21:
[Conditions: Heavy load (when coil current is continuous.)]
fzfb2 = 1/2
×π×CFB21×RFB21) = 10kHz
Depending on the application, the inductance value L, and the load capacity value CL, adjustments to this value are
suggested so that the value is somewhere between 1kHz to 50kHz.
[Conditions: Light load (when coil current is discontinuous.)]
Less than CFB21=0.1
μF
Depending on the application, the inductance value L, and the load capacity value CL, adjustments to this value are suggested.
> Example Circuit 1: Using voltage of Ch 1 (Step-Up)
> Example Circuit 2: Using a positive regulator
Channel 1 (Step-Up) circuits should be enable by setting EN1 to
High level so that a stable voltage is provided.
Inrush current to the
inverter when the supply voltage VDD of the IC is 2.0 V or higher can
be controlled by setting EN 1 and EN 2 to enable (“H” level)
simultaneously.
A stable positive voltage produced by a positive voltage regulator or
by other means is usable.
VOUT2 = (0.9 - VROUT) x (RFB21 / RFB22) + 0.9V
SBD2
RFB21
CFB21
VOUT2
CL2
RFB22
FB2
Inside of
XC9504 IC
VR
To the other
circuit
VR_OUT
SBD2
RFB21
CFB21
VOUT2
CL2
RFB22
VOUT1
FB2
Inside of XC9504 IC
■OPERATIONAL EXPLANATION (Continued)


Similar Part No. - XC9504B093DAR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9504 TOREX-XC9504 Datasheet
722Kb / 50P
   2ch. Step-up / Inverting DC/DC Controller ICs
More results

Similar Description - XC9504B093DAR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9504 TOREX-XC9504 Datasheet
722Kb / 50P
   2ch. Step-up / Inverting DC/DC Controller ICs
XC9505 TOREX-XC9505 Datasheet
705Kb / 47P
   2ch. Step-Down / Inverting DC/DC Controller ICs
XC9303 TOREX-XC9303 Datasheet
244Kb / 18P
   Step-Up & Down DC / DC Controller ICs
XC9501 TOREX-XC9501 Datasheet
381Kb / 24P
   2ch. Step-up DC/DC Controller ICs.
XC9505 TOREX-XC9505_1 Datasheet
3Mb / 50P
   2 ch.Step-Down / Inverting DC/DC Controller ICs.
XC9502 TOREX-XC9502_1 Datasheet
2Mb / 43P
   2ch. Step-up / down DC/DC Controller ICs
XC9502 TOREX-XC9502 Datasheet
631Kb / 40P
   2ch. Step-up / down DC/DC Controller ICs
XC9110 TOREX-XC9110 Datasheet
2Mb / 35P
   PFM Controlled Step-Up DC/DC Converter / Controller ICs
XC9501 TOREX-XC9501_1 Datasheet
1Mb / 27P
   2ch.Step-Up/Up DC/DC Controller ICs
logo
Linear Technology
LT3782A LINER-LT3782A_15 Datasheet
275Kb / 20P
   2-Phase Step-Up DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com