Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9237C1BDMR Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC9237C1BDMR
Description  600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9237C1BDMR Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC9237C1BDMR Datasheet HTML 7Page - Torex Semiconductor XC9237C1BDMR Datasheet HTML 8Page - Torex Semiconductor XC9237C1BDMR Datasheet HTML 9Page - Torex Semiconductor XC9237C1BDMR Datasheet HTML 10Page - Torex Semiconductor XC9237C1BDMR Datasheet HTML 11Page - Torex Semiconductor XC9237C1BDMR Datasheet HTML 12Page - Torex Semiconductor XC9237C1BDMR Datasheet HTML 13Page - Torex Semiconductor XC9237C1BDMR Datasheet HTML 14Page - Torex Semiconductor XC9237C1BDMR Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11/28
XC9235/XC9236/XC9237
Series
Output Voltage Dischage Characteristics
Rdischg
()
= 300Ω TYP
Discharge Time t (ms)
0
10
20
30
40
50
60
70
80
90
100
0
10
20304050
607080
90
100
CL=10uF
CL=20uF
CL=50uF
■OPERATIONAL DESCRIPTION (Continued)
<CL High Speed Discharge>
XC9235B(C)/ XC9236B(C)/ XC9237B(C) series can quickly discharge the electric charge at the output capacitor (CL) when
a low signal to the CE pin which enables a whole IC circuit put into OFF state, is inputted via the N-channel transistor
located between the LX pin and the VSS pin. When the IC is disabled, electric charge at the output capacitor (CL) is quickly
discharged so that it may avoid application malfunction. Discharge time of the output capacitor (CL) is set by the CL
auto-discharge resistance (R) and the output capacitor (CL). By setting time constant of a CL auto-discharge resistance
value [R] and an output capacitor value (CL) as τ(τ=C x R), discharge time of the output voltage after discharge via the N
channel transistor is calculated by the following formulas.
V = VOUT(E) x e
–t/τ, or t=τln (VOUT(E) / V)
V : Output voltage after discharge
VOUT(E) : Output voltage
t: Discharge time,
τ: C x R
C= Capacitance of Output capacitor (CL)
R= CL auto-discharge resistance


Similar Part No. - XC9237C1BDMR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9237C10CMR TOREX-XC9237C10CMR Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9237C11CMR TOREX-XC9237C11CMR Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9237C12CMR TOREX-XC9237C12CMR Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9237C13CMR TOREX-XC9237C13CMR Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9237C14CMR TOREX-XC9237C14CMR Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
More results

Similar Description - XC9237C1BDMR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9236A33DMR TOREX-XC9236A33DMR Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9235 TOREX-XC9235_1 Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9254R TOREX-XC9254R Datasheet
207Kb / 17P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converter
XC9268 TOREX-XC9268 Datasheet
1Mb / 30P
   36V Operation 600mA Synchronous Step-Down DC/DC Converters
XCM517 TOREX-XCM517 Datasheet
769Kb / 28P
   600mA Synchronous Dual Output Step-Down DC/DC Converters
XD9267 TOREX-XD9267 Datasheet
873Kb / 26P
   36V Operation 600mA Synchronous Step-Down DC/DC Converters
XC9250 TOREX-XC9250 Datasheet
985Kb / 28P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9223 TOREX-XC9223 Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9270 TOREX-XC9270 Datasheet
1Mb / 27P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9223 TOREX-XC9223_04 Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com