Selected language     English  ā–¼


74VHCT132A Datasheet(PDF) 6 Page - STMicroelectronics

Part No. 74VHCT132A
Description  QUAD 2-INPUT SCHMITT NAND GATE
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

   
 6 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.1
0.433
A1
0.05
0.10
0.15
0.002
0.004
0.006
A2
0.85
0.9
0.95
0.335
0.354
0.374
b
0.19
0.30
0.0075
0.0118
c
0.09
0.20
0.0035
0.0079
D
4.9
5
5.1
0.193
0.197
0.201
E
6.25
6.4
6.5
0.246
0.252
0.256
E1
4.3
4.4
4.48
0.169
0.173
0.176
e
0.65 BSC
0.0256 BSC
K0
o
4
o
8
o
0
o
4
o
8
o
L
0.50
0.60
0.70
0.020
0.024
0.028
c
E
b
A2
A
E1
D
1
PIN 1 IDENTIFICATION
A1
L
K
e
TSSOP14 MECHANICAL DATA
74VHCT132A
6/7




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
M74HCT132QUAD 2-INPUT SCHMITT NAND GATE 1 2 3 4 5 MoreSTMicroelectronics
SN54LS132QUAD 2-INPUT SCHMITT TRIGGER NAND GATE 1 2 3 4 5 Motorola, Inc
74VHC132QUAD 2-INPUT SCHMITT NAND GATE 1 2 3 4 5 MoreSTMicroelectronics
M54HC132QUAD 2-INPUT SCHMITT NAND GATE 1 2 3 4 5 MoreSTMicroelectronics
74VCX132Low Voltage Quad 2-Input NAND Gate with Schmitt Trigger Inputs and 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
DM74ALS132DM74ALS132 Quad 2-Input NAND Gate with Schmitt Trigger Inputs 1 2 3 4 5 MoreNational Semiconductor (TI)
DM74LS132Quad 2-Input NAND Gate with Schmitt Trigger Input 1 2 3 4 5 Fairchild Semiconductor
M74HC132QUAD 2-INPUT SCHMITT NAND GATE 1 2 3 4 5 MoreSTMicroelectronics
TC74VHC132FQUAD 2-INPUT SCHMITT NAND GATE 1 2 3 4 5 Toshiba Semiconductor
DM74S132Quad 2-Input Schmitt Trigger NAND Gate 1 2 3 National Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl