Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9801 Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC9801
Description  Regulated Voltage Step-Up Charge Pump ICs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9801 Datasheet(HTML) 4 Page - Torex Semiconductor

  XC9801_1 Datasheet HTML 1Page - Torex Semiconductor XC9801_1 Datasheet HTML 2Page - Torex Semiconductor XC9801_1 Datasheet HTML 3Page - Torex Semiconductor XC9801_1 Datasheet HTML 4Page - Torex Semiconductor XC9801_1 Datasheet HTML 5Page - Torex Semiconductor XC9801_1 Datasheet HTML 6Page - Torex Semiconductor XC9801_1 Datasheet HTML 7Page - Torex Semiconductor XC9801_1 Datasheet HTML 8Page - Torex Semiconductor XC9801_1 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4/12
XC9801/XC9802 Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Output Voltage
VOUT
Regulation Output
IOUT=1mA
4.875
5.000
5.125
V
Load Regulation
VOUT
Regulation Output
1mA≦IOUT≦80mA
-100
-
100
mV
Operating Voltage Range
VIN
Doubler Output, VOUT>VIN×2×0.95
1.8
-
5.5
V
Supply Current
IDD
VIN=3.6V, External Components=CIN only,
SENSE=0V, VOUT=VIN
1
3
6
mA
Stand-by Current
ISTB
CE=0V
-
-
2.0
μ
A
Oscillation Frequency
FOSC
External Component=CIN only,
SENSE=0V, VOUT open
255
300
345
kHz
Output Impedance
ROUT
Doubler Output
IOUT=10mA
-
20
40
Ω
IIN
Doubler Output
-
5
-
mA
Input Current
IIN2
Regulation Output
-
1.5
-
mA
Voltage Converting Efficiency
VEFFI
Doubler Output
95
99
-
%
EFFI
Doubler Output
IOUT=10mA
73
78
-
%
EFFI2
IOUT=1mA
-
40
-
%
Power Converting Efficiency
EFFI3
Regulation Output
IOUT=80mA
64
69
-
%
CE / ’H’ Level Voltage
VCEH
1.5
-
-
V
CE / ‘L’ Level Voltage
VCEL
-
-
0.25
V
CE / Input Current
ICE
VIN=5.5V, SENSE=0V,
External Components=CIN only
-2.0
-
2.0
μ
A
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Output Voltage
VOUT
Regulation Output
IOUT=1mA
4.875
5.000
5.125
V
Load Regulation
VOUT
Regulation Output
1mA≦IOUT≦80mA
-100
-
100
mV
Operating Voltage Range
VIN
Doubler Output, VOUT >VIN×2×0.95
1.8
-
5.5
V
Supply Current
IDD
VIN=3.6V, External Components=CIN only,
SENSE=0V, VOUT=VIN
1
3
6
mA
Stand-by Current
ISTB
CE=0V
-
-
2.0
μ
A
Oscillation Frequency
FOSC
External Component = CIN only,
SENSE=0V, VOUT open
255
300
345
kHz
Switching Pulse Frequency
FOSC2
Regulation Output
IOUT=1mA
-
10
-
kHz
Output Impedance
ROUT
Doubler Output
IOUT=10mA
-
20
40
Ω
IIN
Doubler Output
-
5
-
mA
Input Current
IIN2
Regulation Output
-
0.08
-
mA
Voltage Converting Efficiency
VEFFI
Doubler Output
98
99
-
%
EFFI
Doubler Output
IOUT=10mA
73
78
-
%
EFFI2
IOUT=1mA
-
59
-
%
Power Converting Efficiency
EFFI3
Regulation Output
IOUT=80mA
64
69
-
%
CE /‘H’Level Voltage
VCEH
1.5
-
-
V
CE /‘L’Level Voltage
VCEL
-
-
0.25
V
CE / Input Current
ICE
VIN=5.5V, SENSE=0V,
External Components=CIN only
-2.0
-
2.0
μ
A
ELECTRICAL CHARACTERISTICS
XC9801B503KR VOUT=5.0V
Test Conditions: Unless otherwise stated, Typical Application Circuit, VIN=3.6V,
GND=0V, CE=VIN, No Load, SENSE=VOUT (Regulation Output)
Ta=25℃
XC9802B503KR VOUT=5.0V
Test Conditions: Unless otherwise stated, Typical Application Circuit, VIN=3.6V,
GND=0V, CE=VIN, No Load, SENSE=VOUT (Regulation Output)
Ta=25℃


Similar Part No. - XC9801_1

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9801B333KR TOREX-XC9801B333KR Datasheet
103Kb / 10P
   Step-Up Charge Pump ICs
XC9801B50253DR TOREX-XC9801B50253DR Datasheet
498Kb / 12P
   Regulated Voltage Step-Up Charge Pump ICs
XC9801B50253DR-G TOREX-XC9801B50253DR-G Datasheet
498Kb / 12P
   Regulated Voltage Step-Up Charge Pump ICs
XC9801B50253KR TOREX-XC9801B50253KR Datasheet
498Kb / 12P
   Regulated Voltage Step-Up Charge Pump ICs
XC9801B50253KR-G TOREX-XC9801B50253KR-G Datasheet
498Kb / 12P
   Regulated Voltage Step-Up Charge Pump ICs
More results

Similar Description - XC9801_1

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9801 TOREX-XC9801_2 Datasheet
498Kb / 12P
   Regulated Voltage Step-Up Charge Pump ICs
XC9801 TOREX-XC9801 Datasheet
103Kb / 10P
   Step-Up Charge Pump ICs
logo
Asahi Kasei Microsystem...
AME7720 AKM-AME7720 Datasheet
267Kb / 16P
   Step-Up/Step-Down 60mA Regulated Charge Pump
logo
Analog Microelectronics
AME7739 AME-AME7739 Datasheet
169Kb / 11P
   Step-Up / Step-Down 60mA Regulated Charge Pump
logo
Maxim Integrated Produc...
MAX1595 MAXIM-MAX1595_11 Datasheet
180Kb / 7P
   Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
Rev 3; 10/11
MAX1595 MAXIM-MAX1595_09 Datasheet
492Kb / 7P
   Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
Rev 2; 6/09
MAX1595 MAXIM-MAX1595 Datasheet
350Kb / 8P
   Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
19-2107; Rev 1; 8/02
logo
Renesas Technology Corp
VPA1000 RENESAS-VPA1000 Datasheet
638Kb / 13P
   Low Voltage 0.5x Regulated Step Down Charge Pump
January 21, 2010
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602_07 Datasheet
840Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602_0705 FAIRCHILD-FAN5602_0705 Datasheet
843Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com