Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2155 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS2155
Description  LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2155 Datasheet(HTML) 3 Page - Texas Instruments

  TPS2155 Datasheet HTML 1Page - Texas Instruments TPS2155 Datasheet HTML 2Page - Texas Instruments TPS2155 Datasheet HTML 3Page - Texas Instruments TPS2155 Datasheet HTML 4Page - Texas Instruments TPS2155 Datasheet HTML 5Page - Texas Instruments TPS2155 Datasheet HTML 6Page - Texas Instruments TPS2155 Datasheet HTML 7Page - Texas Instruments TPS2155 Datasheet HTML 8Page - Texas Instruments TPS2155 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
TPS2145, TPS2147
TPS2155, TPS2157
SLVS333 − AUGUST 2001
3
www.ti.com
recommended operating conditions
MIN
MAX
UNIT
VI(VIN/SWIN1)
2.9
5.5
Input voltage
VI(SWIN2)
2.9
5.5
V
Input voltage
VI(ENx)
0
5.5
V
VI(LDO_EN)
0
5.5
Continuous output current, IO
LDO_OUT
200
mA
Continuous output current, IO
OUT1, OUT2
150
mA
Output current limit, IO(LMT)
LDO_OUT
275
550
mA
Output current limit, IO(LMT)
OUT1, OUT2
200
400
mA
Operating virtual-junction temperature range, TJ
−40
100
°C
electrical characteristics over recommended operating junction-temperature range,
2.9 V
≤ VI(VIN/SWIN1) ≤ 5.5 V, 2.9 V ≤ VI(SWIN2) ≤ 5.5 V, TJ = −40°C to 100°C (unless otherwise noted)
general
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Off-state supply current
VI(ENx) = 5 V (inactive),
VI(LDO_EN) = 0 V (inactive),
VO(LDO_OUT) = no load,
VO(OUTx) = no load
20
µA
Forward leakage current
VI(VIN/SWIN1) = 5 V,
VI(SWIN2) = 5 V
VI(ENx) = 5 V (inactive),
VI(LDO_EN) = 0 V (inactive),
VO(LDO_OUT) = 0 V,
VO(OUTx) = 0 V
(measured from outputs to
ground)
1
µA
VI(VIN/SWIN1) = 5 V,
VI(LDO_EN) = 5 V (active),
VI(ENx) = on (active)
150
µA
II
Total input current at VIN/SWIN1
and SWIN2
VI(VIN/SWIN1) = 5 V,
VI(SWIN2) = 5 V,
No load on OUTx,
No load on LDO_OUT
VI(LDO_EN) = 0 V (inactive),
VI(ENx) = on (active)
100
µA
and SWIN2
No load on OUTx,
No load on LDO_OUT
VI(LDO_EN) = 5 V (active),
VI(ENx) = off (inactive)
100
µA


Similar Part No. - TPS2155

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2155IPWP TI-TPS2155IPWP Datasheet
268Kb / 19P
[Old version datasheet]   3.3-V LDO AND DUAL SWITCH FOR USB BUS-POWERED HUB POWER MANAGEMENT
TPS2155IPWP TI-TPS2155IPWP Datasheet
274Kb / 19P
[Old version datasheet]   3.3-V LDO AND DUAL SWITCH FOR USB PERIPHERAL POWER MANAGEMENT
TPS2155IPWP TI-TPS2155IPWP Datasheet
570Kb / 29P
[Old version datasheet]   LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
TPS2155IPWPG4 TI-TPS2155IPWPG4 Datasheet
570Kb / 29P
[Old version datasheet]   LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
More results

Similar Description - TPS2155

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2145 TI-TPS2145 Datasheet
570Kb / 29P
[Old version datasheet]   LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
logo
M/A-COM Technology Solu...
M02067 MA-COM-M02067 Datasheet
414Kb / 20P
   Rise and fall times <150 ps
logo
NXP Semiconductors
HEF4520BT-653 NXP-HEF4520BT-653 Datasheet
159Kb / 14P
   Tolerant of slow clock rise and fall times
Rev. 6-18 November 2011
HEF4015BT-653 NXP-HEF4015BT-653 Datasheet
108Kb / 15P
   Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
HEC4013BT,118 NXP-HEC4013BT,118 Datasheet
128Kb / 17P
   Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
HEF4013BT-653 NXP-HEF4013BT-653 Datasheet
122Kb / 16P
   Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
logo
Texas Instruments
TPS2140 TI1-TPS2140_16 Datasheet
1Mb / 33P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
logo
Advanced Analogic Techn...
AAT2846 ANALOGICTECH-AAT2846 Datasheet
858Kb / 25P
   High Current Charge Pump with Dual LDO for Backlight and Flash Applications
AAT2846 ANALOGICTECH-AAT2846_08 Datasheet
1Mb / 22P
   High Current Charge Pump with Dual LDO for Backlight and Flash Applications
logo
Guangdong Youtai Semico...
FDV301N UMW-FDV301N Datasheet
390Kb / 7P
   Load Switch for Portable Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com