Selected language     English  â–¼


74VHCT138A Datasheet(PDF) 4 Page - STMicroelectronics

Part No. 74VHCT138A
Description  3 TO 8 LINE DECODER INVERTING
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

   
 4 page
background image
CAPACITIVE CHARACTERISTICS
Symb ol
Parameter
T est Cond ition s
Val ue
Un it
TA =25
oC
-40 to 85
oC
Min.
Typ .
Max.
Min .
Max.
CIN
Input Capacitance
4
10
10
pF
CPD
Power Dissipation
Capacitance (note 1)
49
pF
1) CPD isdefined as the value of the IC’sinternal equivalent capacitance which is calculated fromthe operating current consumption without load. (Referto
Test Circuit).Average operating current can be obtained by the following equation. ICC(opr) = CPD
• VCC • fIN +ICC
AC ELECTRICAL CHARACTERISTICS (Input tr =tf =3 ns)
Symb ol
Parameter
Test Co nditi on
Val ue
Un it
VCC
(V)
CL
(pF )
TA =25
oC
-40 to 85
oC
Min.
Typ .
Max.
Min .
Max.
tPLH
tPHL
Propagation Delay
Time A, B, C to Y
5.0
(*)
15
7.6
10.4
1.0
12.0
ns
5.0
(*)
50
8.1
11.4
1.0
13.0
tPLH
tPHL
Propagation Delay
Time G1 to Y
5.0
(*)
15
6.6
9.1
1.0
10.5
ns
5.0
(*)
50
7.1
10.1
1.0
11.5
tPLH
tPHL
Propagation Delay
Time G2A, G2B to Y
5.0
(*)
15
7.0
9.6
1.0
11.0
ns
5.0
(*)
50
7.5
10.6
1.0
12.0
(*) Voltage range is 5V
± 0.5V
TEST CIRCUIT
CL = 15/50 pF or equivalent (includes jig and probe capacitance)
RT =ZOUT of pulse generator (typically 50
Ω)
74VHCT138A
4/8




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HCS138MSRadiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer 1 2 3 4 5 MoreIntersil Corporation
IN74LV139Dual 2-to-4 line decoder/demultiplexer; inverting 1 2 3 4 5 MoreIntegral Corp.
HCS138TRadiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer 1 2 3 Intersil Corporation
M74HC1383 TO 8 LINE DECODER INVERTING 1 2 3 4 5 MoreSTMicroelectronics
74AHC1383-to-8 line decoder/demultiplexer; inverting 1 2 3 4 5 MoreNXP Semiconductors
CD74HC138High Speed CMOS Logic 3-to-8 Line Decoder/ Demultiplexer Inverting and Non-Inverting 1 2 3 4 5 MoreTexas Instruments
74AC1383 TO 8 LINE DECODER INVERTING 1 2 3 4 5 MoreSTMicroelectronics
M54HC1373 TO 8 LINE DECODER/LATCH INVERTING 1 2 3 4 5 MoreSTMicroelectronics
HCTS138MSRadiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer 1 2 3 4 5 MoreIntersil Corporation
74HC45154-to-16 line decoder/demultiplexer with input latches; inverting 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl