Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2148IDGN Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2148IDGN
Description  LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2148IDGN Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS2148IDGN Datasheet HTML 3Page - Texas Instruments TPS2148IDGN Datasheet HTML 4Page - Texas Instruments TPS2148IDGN Datasheet HTML 5Page - Texas Instruments TPS2148IDGN Datasheet HTML 6Page - Texas Instruments TPS2148IDGN Datasheet HTML 7Page - Texas Instruments TPS2148IDGN Datasheet HTML 8Page - Texas Instruments TPS2148IDGN Datasheet HTML 9Page - Texas Instruments TPS2148IDGN Datasheet HTML 10Page - Texas Instruments TPS2148IDGN Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
TPS2145, TPS2147
TPS2155, TPS2157
SLVS333 − AUGUST 2001
7
www.ti.com
electrical characteristics over recommended operating junction-temperature range,
2.9 V
≤ VI(VIN/SWIN1) ≤ 5.5 V, 2.9 V ≤ VI(SWIN2) ≤ 5.5 V, VI(ENx) = 0 V or VI(ENx) = 5 V,
VI(LDO_EN) = 5 V, TJ = −40°C to 100°C (unless otherwise noted)
enable input, ENx (active low)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
II
Input current, pullup (source)
VI(ENx) = 0 V
5
µA
enable input, ENx (active high)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
II
Input current, pulldown (sink)
VI(ENx) = 5 V
5
µA
enable input, LDO_EN (active high)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
II
Input current, pulldown
VI(LDO_EN) = 5 V
5
µA
Falling-edge deglitch (see Note 1)
50
µs
NOTE 1. Specified by design, not tested in production.
logic output, OCx
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Current sinking at VO = 0.4 V
1
mA
thermal shutdown characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
First thermal shutdown (shuts down switch or regulator
in overcurrent)
Occurs at or above specified temperature
when overcurrent is present.
120
Recovery from thermal shutdown
110
°C
Second thermal shutdown (shuts down all switches and
regulator)
Occurs on rising temperature, irrespective of
overcurrent.
155
°C
Second thermal shutdown hysteresis
10


Similar Part No. - TPS2148IDGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2148IDGN TI-TPS2148IDGN Datasheet
268Kb / 19P
[Old version datasheet]   3.3-V LDO AND DUAL SWITCH FOR USB BUS-POWERED HUB POWER MANAGEMENT
TPS2148IDGN TI-TPS2148IDGN Datasheet
274Kb / 19P
[Old version datasheet]   3.3-V LDO AND DUAL SWITCH FOR USB PERIPHERAL POWER MANAGEMENT
TPS2148IDGN TI-TPS2148IDGN Datasheet
570Kb / 29P
[Old version datasheet]   LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
TPS2148IDGN TI1-TPS2148IDGN Datasheet
444Kb / 22P
[Old version datasheet]   3.3-V LDO AND DUAL SWITCH FOR USB PERIPHERAL POWER MANAGEMENT
TPS2148IDGNG4 TI1-TPS2148IDGNG4 Datasheet
444Kb / 22P
[Old version datasheet]   3.3-V LDO AND DUAL SWITCH FOR USB PERIPHERAL POWER MANAGEMENT
More results

Similar Description - TPS2148IDGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2145 TI-TPS2145 Datasheet
570Kb / 29P
[Old version datasheet]   LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
logo
M/A-COM Technology Solu...
M02067 MA-COM-M02067 Datasheet
414Kb / 20P
   Rise and fall times <150 ps
logo
NXP Semiconductors
HEF4520BT-653 NXP-HEF4520BT-653 Datasheet
159Kb / 14P
   Tolerant of slow clock rise and fall times
Rev. 6-18 November 2011
HEF4015BT-653 NXP-HEF4015BT-653 Datasheet
108Kb / 15P
   Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
HEC4013BT,118 NXP-HEC4013BT,118 Datasheet
128Kb / 17P
   Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
HEF4013BT-653 NXP-HEF4013BT-653 Datasheet
122Kb / 16P
   Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
logo
Texas Instruments
TPS2140 TI1-TPS2140_16 Datasheet
1Mb / 33P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
logo
Advanced Analogic Techn...
AAT2846 ANALOGICTECH-AAT2846 Datasheet
858Kb / 25P
   High Current Charge Pump with Dual LDO for Backlight and Flash Applications
AAT2846 ANALOGICTECH-AAT2846_08 Datasheet
1Mb / 22P
   High Current Charge Pump with Dual LDO for Backlight and Flash Applications
logo
Guangdong Youtai Semico...
FDV301N UMW-FDV301N Datasheet
390Kb / 7P
   Load Switch for Portable Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com