Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9504B092CDL Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC9504B092CDL
Description  2 ch. Step-Up / Inverting DC/DC Controller ICs
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9504B092CDL Datasheet(HTML) 5 Page - Torex Semiconductor

  XC9504B092CDL Datasheet HTML 1Page - Torex Semiconductor XC9504B092CDL Datasheet HTML 2Page - Torex Semiconductor XC9504B092CDL Datasheet HTML 3Page - Torex Semiconductor XC9504B092CDL Datasheet HTML 4Page - Torex Semiconductor XC9504B092CDL Datasheet HTML 5Page - Torex Semiconductor XC9504B092CDL Datasheet HTML 6Page - Torex Semiconductor XC9504B092CDL Datasheet HTML 7Page - Torex Semiconductor XC9504B092CDL Datasheet HTML 8Page - Torex Semiconductor XC9504B092CDL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
5/53
XC9504
Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
Supply Voltage
(*1)
VDD
2.0
-
10.0
V
-
VDD
≧2.0V, IOUT=1mA
VOUT1
0.9
-
-
VDD
≠VOUT
VOUT2
-
-
0.0
V
VIN
≧0.9V, IOUT=1mA
(*2)
VOUT1
2.0
-
10.0
Output Voltage Range
(*3)
VOUTSET
VDD=VOUT
VOUT2
-
-
0.0
V
Supply Current 1
IDD1
FB=0V, FB2=1.2V
-
110
250
μA
EN1=3.0V, EN2=0, FB1=0V
Supply Current 1-1
IDD1-1
EN2=3.0V, EN1=0V, FB2=1.2V
-
80
150
μA
FB1=0V, FB2=0V
Supply Current 1-2
IDD1-2
FB1=1.2V, FB2=1.2V
-
90
200
μA
Supply Current 2
IDD2
FB1=1.2V, FB2=0V
-
80
160
μA
Stand-by Current
ISTB
Same as IDD1, EN1=EN2=0V
-
1.0
3.0
μA
Oscillation Frequency
FOSC
Same as IDD1
255
300
345
kHz
EN1, 2 "High" Voltage
VENH
FB1=0V, FB2=3.0V
0.65
-
-
V
EN1, 2 "Low" Voltage
VENL
FB1=0V, FB2=3.0V
-
-
0.20
V
EN1, 2 "High" Current
IENH
FB1=3.0V, FB2=0V
-
-
0.50
μA
EN1, 2 "Low" Current
IENL
EN1, 2=0V, FB1=3.0V, FB2=0V
-
-
-0.50
μA
PWM1, 2 "High" Current
IPWMH
FB1=3.0V, FB2=0V, PWM1, 2=3.0V
-
-
0.50
μA
PWM1, 2 "Low" Current
IPWML
FB1=3.0V, FB2=0V, PWM1, 2=0V
-
-
-0.50
μA
FB1, 2 "High" Current
IFBH
FB1=3.0V, FB2=0.8V
-
-
0.50
μA
FB1, 2 "Low" Current
VFBL
FB1=1.0V, FB2=0V
-
-
-0.50
μA
Unless otherwise stated, VDD=3.0V, PWM1, 2=3.0V, EN1, 2 = 3.0V
XC9504B093A
Common Characteristics
Ta=25
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
FB 1 Voltage
VFB1
VDD=3.0V, VIN=1.5V, IOUT1=10mA
0.882
0.900
0.918
V
Using Tr: 2SD1628,
IOUT=1.0mA, RFB11=200k
Ω, RFB12=75kΩ
-
-
0.9
V
Operating Start Voltage 1
(*2)
VST1-1
VDD
≠VOUT1 : IOUT1=10mA
-
-
2.0
V
Oscillation Start Voltage 1
VST2-1
FB1=0V
-
-
0.8
V
Maximum Duty Ratio 1
MINDTY1
Same as IDD1
75
80
87
%
Minimum Duty Ratio 1
MAXDTY2
Same as IDD2
-
-
0
%
PFM Duty Ratio 1
PFMDTY1
No Load, VPWM1=0V
22
30
38
%
Efficiency 1
EFFI1
IOUT1= 130mA, N-ch MOSFET: XP161A1355P
-
85
-
%
Soft-Start Time 1
TSS1
VOUT1
×0.95V, EN1=0V→0.65V
5.0
10.0
20.0
ms
EXT1 "High" ON Resistance
REXTBH1
FB1=0V, EXT1=VDD -0.4V
-
28
47
Ω
EXT1 "Low" ON Resistance
REXTBL1
EN1=FB1=1.2V, EXT1=0.4V
-
22
30
Ω
PWM1 "High" Voltage
VPWMH1
No Load
0.65
-
-
V
PWM1 "Low" Voltage
VPWML1
No Load
-
-
0.20
V
Unless otherwise stated, VDD=EN1=PWM1=3.0V, EN2=PWM2=GND, EXT2=OPEN, FB2=OPEN, VIN=1.8V
Output 1 Characteristics
Step-Up Controller
Ta=25
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
FB 2 Voltage
VFB2
VDD=3.0V
0.882
0.900
0.918
V
IOUT2=1.0mA, RFB11=200k
Ω, RFB12=75kΩ
Operating Start Voltage 2
VST1-2
RFB21=17.5k
Ω,RFB22=10k, EN1=PWM1=3.0V
-
-
2.0
V
①②
Oscillation Start Voltage 2
VST2-2
FB2=1.2V
-
-
2.0
V
Maximum Duty Ratio 2
MAXDTY2
Same as IDD1
75
80
87
%
Minimum Duty Ratio 2
MINDTY3
Same as IDD2
-
-
0
%
PFM Duty Ratio 2
PFMDTY2
No Load, VPWM2=0V
22
30
38
%
Efficiency 2 (*4)
EFFI2
IOUT2= -150mA, P-ch MOSFET: XP162A12A6P
-
75
-
%
EXT2 "High" ON Resistance
REXTBH2
EN2=FB2= 0V, EXT2=VDD-0.4V
-
28
47
Ω
EXT2 "Low" ON Resistance
REXTBL2
FB2=3.0V, EXT2=0.4V
-
22
30
Ω
PWM2 "High" Voltage
VPWMH2
No Load
0.65
-
-
V
PWM2 "Low" Voltage
VPWML2
No Load
-
-
0.20
V
Unless otherwise stated, VDD=EN2=PWM2=3.0V, PWM1=EN1=GND, EXT1=OPEN, FB1=OPEN, VIN=3.0V
Output 2 Characteristics
Inverting DC/DC Controller
Ta=25
■ELECTRICAL CHARACTERISTICS (Continued)
(FOSC = 300kHz)
(FOSC = 300kHz)
(FOSC = 300kHz)


Similar Part No. - XC9504B092CDL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9504 TOREX-XC9504 Datasheet
722Kb / 50P
   2ch. Step-up / Inverting DC/DC Controller ICs
More results

Similar Description - XC9504B092CDL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9504 TOREX-XC9504 Datasheet
722Kb / 50P
   2ch. Step-up / Inverting DC/DC Controller ICs
XC9505 TOREX-XC9505 Datasheet
705Kb / 47P
   2ch. Step-Down / Inverting DC/DC Controller ICs
XC9303 TOREX-XC9303 Datasheet
244Kb / 18P
   Step-Up & Down DC / DC Controller ICs
XC9501 TOREX-XC9501 Datasheet
381Kb / 24P
   2ch. Step-up DC/DC Controller ICs.
XC9505 TOREX-XC9505_1 Datasheet
3Mb / 50P
   2 ch.Step-Down / Inverting DC/DC Controller ICs.
XC9502 TOREX-XC9502_1 Datasheet
2Mb / 43P
   2ch. Step-up / down DC/DC Controller ICs
XC9502 TOREX-XC9502 Datasheet
631Kb / 40P
   2ch. Step-up / down DC/DC Controller ICs
XC9110 TOREX-XC9110 Datasheet
2Mb / 35P
   PFM Controlled Step-Up DC/DC Converter / Controller ICs
XC9501 TOREX-XC9501_1 Datasheet
1Mb / 27P
   2ch.Step-Up/Up DC/DC Controller ICs
logo
Linear Technology
LT3782A LINER-LT3782A_15 Datasheet
275Kb / 20P
   2-Phase Step-Up DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com