Electronic Components Datasheet Search
Selected language     English  ▼


J0011D21B Datasheet(PDF) 6 Page - Pulse A Technitrol Company

Part No. J0011D21B
Description  10/100 Base-TX RJ45 1x1 Tab-DOWN with LEDs 8-pin (J0 series) integrated magnetics connector (ICM), designed to
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PULSE [Pulse A Technitrol Company]
Homepage  http://www.pulseeng.com
Logo 

   
 6 page
background image
PULSEJACKTM
1x1 Tab-DOWN RJ45
www.pulseeng.com
9
10
12
11
LED = “B & E” Specification
(LEDs without internal resistors)
Right LED
Left LED
9
10
12
11
LED = “M” Specification
(LEDs without internal resistors)
Left LED
Right LED
9
10
12
11
LED = “F” Specification
(LEDs with internal resistors)
Right LED
Left LED
9
10
12
11
LED = “G” Specification
(Bi-color LED option with internal resistors)
Left LED
Right LED
Yellow
585 nm
2.5 V
2.1 V
Green
565 nm
2.5 V
2.2 V
Standard LED
Wavelength
Forward* V(MAX)
(TYP)
* Using an internal resistor within the LED increases the voltage rating of the
diode from 2.5 V to 5.0 V (assumes bias current = 20 mA).
J0 Series Electrical Schematics (continued)
8
7
4
5
6 RX-
3 RX+
2 TX-
1 TX+
TD+ 1
CT 3
TD- 2
RD+ 7
CT 6
RD- 8
4
5
1CT : 2.5
TRANSMIT
1CT : 1
RECEIVE
0.001mF
CHS GROUND
NOTE: Connect CHS GND to PCB ground.
75
75
75
75
J0073
8
7
4
5
6 RX-
3 RX+
2 TX-
1 TX+
TD+ 8
CT 6
TD- 7
RD+ 2
CT 3
RD- 1
4
5
1CT :1
TRANSMIT
1CT :1
RECEIVE
0.001mF
C1
CHS GROUND
NOTE: Connect CHS GND to PCB ground.
75
75
75
75
J0035
LED Configuration
www.pulseeng.com
J403.D (5/06)
For More Information:
Pulse Worldwide
Headquarters
12220 World Trade Drive
San Diego, CA 92128
U.S.A.
www.pulseeng.com
TEL: 858 674 8100
FAX: 858 674 8262
Pulse
Northern Europe
3 Huxley Road
Surrey Research Park
Guildford, Surrey GU2 5RE
United Kingdom
TEL: 44 1483 401700
FAX: 44 1483 401701
Pulse
Southern Europe
Zone Industrielle
F-39270
Orgelet
France
TEL: 33 3 84 35 04 04
FAX: 33 3 84 25 46 41
Pulse South Asia
150 Kampong Ampat
#07-01/02
KA Centre
Singapore 368324
TEL: 65 6287 8998
FAX: 65 6280 0080
Pulse North Asia
No. 26
Kao Ching Road
Yang Mei Chen
Taoyuan Hsien
Taiwan, R. O. C.
TEL: 886 3 4641811
FAX: 886 3 4641911
Pulse
China Headquarters
No. 1
Industrial District
Changan, Dongguan
China
TEL: 86 769 85538070
FAX: 86 769 85538870
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product
names mentioned herein may be trademarks or registered trademarks of their respective owners.
© Copyright, 2006. Pulse Engineering, Inc. All rights reserved.
Pulse North China
Room 1503
XinYin Building
No. 888 YiShan Road
Shanghai 200233
China
TEL: 86 21 54643211/2
FAX: 86 21 54643210




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
8330RJ-45 Connector with 100 Base-TX Magnetics 1 Filtran LTD
8341RJ-45 Single Port Connector with LEDs Intergrated Magnetics 1000 Base-T 1 Filtran LTD
8305RJ-45 Connector Modules with Intergrated LAN Magnetics 1 Filtran LTD
EPB5037GHome Phone Networking Analog Magnetics Module with 10/100 Base-T 1 PCA ELECTRONICS INC.
8339RJ-45/USB Combo Jack with 100 Base-T Magnetics and Dual USB Connector 1 Filtran LTD
TPS61160White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series 1 2 3 4 5 MoreTexas Instruments
AFBR-5978ZDigital Diagnostic 650nm Transceiver for Fast Ethernet 10/100 Mbps with SC-RJ connector 1 2 3 4 5 MoreAVAGO TECHNOLOGIES LIMITED
C10082CAMini-spectrometer TM series High sensitivity type integrated with back-thinned type CCD image sensor 1 2 3 4 Hamamatsu Corporation
KS8893MIntegrated 3-Port 10/100 Managed Switch with PHYs Preliminary Data Sheet Rev. 1.0 1 2 3 4 5 MoreMicrel Semiconductor
STE10APCI 10/100 Ethernet controller with integrated PHY 3.3V 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl