Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPDPXXD270 Datasheet(PDF) 10 Page - Sensitron

Part # SPDPXXD270
Description  DC Solid State Power Controller Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SPDPXXD270 Datasheet(HTML) 10 Page - Sensitron

Back Button SPDPXXD270 Datasheet HTML 3Page - Sensitron SPDPXXD270 Datasheet HTML 4Page - Sensitron SPDPXXD270 Datasheet HTML 5Page - Sensitron SPDPXXD270 Datasheet HTML 6Page - Sensitron SPDPXXD270 Datasheet HTML 7Page - Sensitron SPDPXXD270 Datasheet HTML 8Page - Sensitron SPDPXXD270 Datasheet HTML 9Page - Sensitron SPDPXXD270 Datasheet HTML 10Page - Sensitron SPDPXXD270 Datasheet HTML 11Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATASHEET 5019, Rev-
• 221 West Industry Court
Deer Park, NY 11729-4681
Phone (631) 586 7600 Fax (631) 242 9798
• World Wide Web - http://www.sensitron.com • E-Mail Address - sales@sensitron.com • Page 10
SPDPXXD270 SERIES
Amendment 1 of MIL-W-5088L has a table for copper wire in a bundle, group or harness with condition on the
number of wires, percent of total harness capacity, etc. This table shows that an 18 gauge wire is necessary for
200
oC operation, 16-gauge for 150 oC and 14-gauge for 105 oC.
MIL-W-5088L has various figures showing derating for harnesses as a function of the number of current carrying
conductors for different altitudes. MIL-W-5088L only specifies wire for DC or RMS AC conditions, not for
transient or overload conditions. MIL-W-5088L and its amendment should be consulted to determine minimum
wire sizes for other currents and conditions.
For transient or overload conditions, the transient or overload happens so quickly that heat is not transferred
from the wire to the surroundings. The heat caused by the I
2R heating of the wire causes the temperature to
rise at a linear rate controlled by the heat capacity of the wire. The equation for this linear rise in temperature,
with respect to time, can be solved as: I
2t = constant. Every wire has an I2t rating that’s dependent on the
temperature rise allowed and the diameter of the wire. If the I
2t rating of the SSPC or circuit breaker is less than
the I
2t rating of the wire, then the SSPC or circuit breaker can protect the wire. The maximum I2t rating for the
SPDxxD270 is 130 Amp
2-Seconds. Every wire size in the paragraphs above has an I2t rating that exceeds the
SPDPxxD270 I
2t rating for the temperature rises stated. Therefore, to select a wire size, it’s simply a matter of
determining the maximum temperature rise of the application and deciding whether or not the wire will be in a
bundle and use the information above.
Application Connections
Due to the presence of the circuitry that keeps the output at safe voltage when the SPDPxxD270 series are off,
the SPDPxxD270 Series may only be configured as a high-side switch as shown in Figure 3.
Rise Time & Fall Time
The rise and fall times of the SPDPxxD270 are pre-set at the factory for a nominal 600µS rise time and 100µS
fall time with a LINE supply of 270VDC (see Table 1 for min/max limits). The rise and fall times will vary linearly
with supply voltage. The “PWR RTN” pin is used to control the rise and fall times. If the “PWR RTN” pin is left
open, the rise and fall times will be less than 25uS. Leaving the “PWR RTN” pin open can be useful when a
faster rise or fall time is desirable; however, the Output Leakage Sink will not be functional with the “PWR RTN”
pin open.
With the “PWR RTN” pin connected as in Figures 3, the SPDPxxD270, when set for a 10 Amp rating, can turn
on into a capacitive load of 220µF, typ, without tripping for any power supply voltage within the ratings. The
capacitive load capability is proportional to current rating and can be therefore easily calculated for each model
and setting in the SPDPxxD270 Series.
Wiring and Load Inductance
Wiring inductance can cause voltage transients when the SPDPxxD270 is switched off due to an overload.
Generally, these transients are small but must be considered when long wires are used on either the “LINE” or
“LOAD” pins or both. A 30 foot length of wire in free air will cause a transient voltage of about 10 Volts when the
SPDP10D270 trips at an Instant Trip level of 80 Amps. At the rated load current of 10 Amps, the voltage
transient will be less than 1 Volt. If longer wire lengths are used, a transient suppressor may be used at the
“LINE” pin so that the total voltage between the “LINE” and “LOAD” pins is less than 500 Volts.
The
SPDPxxD270V series includes a reverse biased diode from the “LOAD” to “PWR RTN” pins to prevent
damaging transients on the output due to inductive loads.


Similar Part No. - SPDPXXD270

ManufacturerPart #DatasheetDescription
logo
Sensitron
SPDPXXD28 SENSITRON-SPDPXXD28 Datasheet
505Kb / 15P
   DC Solid State Power Controller Module
SPDPXXD28 SENSITRON-SPDPXXD28 Datasheet
206Kb / 14P
   Programmable DC Solid State Power Controller Module
SPDPXXD28-1 SENSITRON-SPDPXXD28-1 Datasheet
249Kb / 14P
   Programmable DC Solid State Power Controller Module
SPDPXXD28ER SENSITRON-SPDPXXD28ER Datasheet
482Kb / 13P
   Programmable DC Solid State Power Controller Module
SPDPXXD28 SENSITRON-SPDPXXD28_09 Datasheet
206Kb / 14P
   Programmable DC Solid State Power Controller Module
More results

Similar Description - SPDPXXD270

ManufacturerPart #DatasheetDescription
logo
Sensitron
SPDXXD28 SENSITRON-SPDXXD28 Datasheet
501Kb / 11P
   DC Solid State Power Controller Module
SPDP50D375-503 SENSITRON-SPDP50D375-503 Datasheet
263Kb / 10P
   DC Solid State Power Controller Module
SPDPXXD375 SENSITRON-SPDPXXD375 Datasheet
1Mb / 11P
   DC Solid State Power Controller Module
SPDP50D375 SENSITRON-SPDP50D375 Datasheet
253Kb / 10P
   DC Solid State Power Controller Module
SPDPXXD375 SENSITRON-SPDPXXD375_10 Datasheet
1Mb / 11P
   DC Solid State Power Controller Module
SPDPXXD28 SENSITRON-SPDPXXD28 Datasheet
505Kb / 15P
   DC Solid State Power Controller Module
SPD40D28 SENSITRON-SPD40D28 Datasheet
491Kb / 11P
   DC Solid State Power Controller Module
SPD-8A115 SENSITRON-SPD-8A115 Datasheet
71Kb / 4P
   AC/DC Solid State Power Controller Module
SPDPXXD28ER SENSITRON-SPDPXXD28ER Datasheet
482Kb / 13P
   Programmable DC Solid State Power Controller Module
SPDPXXD28 SENSITRON-SPDPXXD28_09 Datasheet
206Kb / 14P
   Programmable DC Solid State Power Controller Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com