Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRW5SN Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LRW5SN
Description  Platinum DRAGON Enhanced thin film LED
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRW5SN Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LRW5SN Datasheet HTML 7Page - OSRAM GmbH LRW5SN Datasheet HTML 8Page - OSRAM GmbH LRW5SN Datasheet HTML 9Page - OSRAM GmbH LRW5SN Datasheet HTML 10Page - OSRAM GmbH LRW5SN Datasheet HTML 11Page - OSRAM GmbH LRW5SN Datasheet HTML 12Page - OSRAM GmbH LRW5SN Datasheet HTML 13Page - OSRAM GmbH LRW5SN Datasheet HTML 14Page - OSRAM GmbH LRW5SN Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Vorläufige Daten / Preliminary Data
LR W5SN, LA W5SN, LY W5SN
2007-08-16
11
Maßzeichnung
8) Seite 17
Package Outlines
8) page 17
Kathodenkennung:
Markierung
Cathode mark:
mark
Gewicht / Approx. weight:
0.2 g
Gurtung / Polarität und Lage
8) Seite 17
Verpackungseinheit 800/Rolle, ø180 mm
Method of Taping / Polarity and Orientation
8) page 17
Packing unit 800/reel, ø180 mm
GPLY6147
6.2 (0.244)
5.8 (0.228)
1.9 (0.075)
1.7 (0.067)
Cathode
(R0.85 (0.033))
0...0.1 (0.004)
0.29 (0.011)
0.24 (0.009)
1.1 (0.043)
0.9 (0.035)
1.6 (0.063)
2.0 (0.079)
ø0.81 (0.031)
4.25 (0.167)
ø0.73 (0.028)
4.15 (0.163)
Heat sink
C
A
Protection
Diode
0.65 (0.026)
0.45 (0.018)
OHAY0508
1.55 (0.061)
2 (0.079)
4 (0.157)
6.35 (0.250)
8 (0.315)
0.3 (0.012)
0.3 (0.012)
1.9 (0.075)
Cathode/Collector Side


Similar Part No. - LRW5SN

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRW5SM OSRAM-LRW5SM Datasheet
611Kb / 21P
   Architectural Lighting indoor and outdoor
LRW5SM OSRAM-LRW5SM Datasheet
1Mb / 22P
   Signalling
LRW5SM-HZJZ-1-1 OSRAM-LRW5SM-HZJZ-1-1 Datasheet
611Kb / 21P
   Automotive Lighting Interior and Exterior
LRW5SM-HZJZ-1-1 OSRAM-LRW5SM-HZJZ-1-1 Datasheet
611Kb / 21P
   Architectural Lighting indoor and outdoor
LRW5SM-HZJZ-1-1 OSRAM-LRW5SM-HZJZ-1-1 Datasheet
1Mb / 22P
   Signalling
More results

Similar Description - LRW5SN

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HEL-700 HONEYWELL-HEL-700_V01 Datasheet
823Kb / 7P
   Thin Film Platinum RTDs
June 2014
logo
OSRAM GmbH
Q65110A6011 OSRAM-Q65110A6011 Datasheet
290Kb / 17P
   Platinum DRAGON짰 Enhanced thin film LED Lead (Pb) Free Product - RoHS Compliant
logo
KOA Speer Electronics, ...
SDT101AXCT26A100DF KOA-SDT101AXCT26A100DF Datasheet
243Kb / 2P
   platinum thin film thermal sensors
logo
RCD COMPONENTS INC.
PTF2L-1000-ABW RCD-PTF2L-1000-ABW Datasheet
52Kb / 1P
   THIN-FILM PLATINUM TEMPERATURE SENSOR
logo
KOA Speer Electronics, ...
SDT73H2BTTE100F385 KOA-SDT73H2BTTE100F385 Datasheet
236Kb / 2P
   platinum thin film thermal chip sensors
logo
TT Electronics.
PTS TTELEC-PTS Datasheet
273Kb / 2P
   High stability thin film Platinum sensor
logo
TE Connectivity Ltd
PTF TEC-PTF Datasheet
350Kb / 8P
   Platinum Thin Film (PTF) Temperature Elements
logo
KOA Speer Electronics, ...
SDT3102BLTC100B3850 KOA-SDT3102BLTC100B3850 Datasheet
361Kb / 3P
   small type platinum thin film thermal sensors
logo
OSRAM GmbH
LAE65F OSRAM-LAE65F Datasheet
189Kb / 13P
   Power TOPLED With Lens Enhanced Thin Film LED
Q65110A4110 OSRAM-Q65110A4110 Datasheet
344Kb / 19P
   Power TOPLED With Lens Enhanced Thin Film LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com