Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9510K1364 Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC9510K1364
Description  Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9510K1364 Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC9510K1364 Datasheet HTML 5Page - Torex Semiconductor XC9510K1364 Datasheet HTML 6Page - Torex Semiconductor XC9510K1364 Datasheet HTML 7Page - Torex Semiconductor XC9510K1364 Datasheet HTML 8Page - Torex Semiconductor XC9510K1364 Datasheet HTML 9Page - Torex Semiconductor XC9510K1364 Datasheet HTML 10Page - Torex Semiconductor XC9510K1364 Datasheet HTML 11Page - Torex Semiconductor XC9510K1364 Datasheet HTML 12Page - Torex Semiconductor XC9510K1364 Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
9/36
XC9510
Series
OPERATIONAL EXPLANATION (Continued)
<PWM/PFM>
The XC9510A to F series are PWM control, while the XC9510H to L series can be automatically switched between PWM
control and PWM/PFM control. The PWM of the XC9510A to F series are controlled on a specified frequency from light
loads through the heavy loads. Since the frequency is specified, the composition of a noise filter etc. becomes easy.
However, the efficiency at the time of the light load may become low.
The XC9510H to L series can switch in any timing between PWM control and PWM/PFM automatic switching control.
The series cannot control only PFM mode. If needed, the operation can be set on a specified frequency; therefore, the
control of the noise etc. is possible and the high efficiency at the time of the light load during PFM control mode is
possible. With the automatic PWM/PFM switching control function, the series ICs are automatically switched from
PWM control to PFM control mode under light load conditions. If during light load conditions the coil current becomes
discontinuous and on-time rate falls lower than 30%, the PFM circuit operates to output a pulse with 30% of a fixed
on-time rate from the Lx pin. During PFM operation with this fixed on-time rate, pulses are generated at different
frequencies according to conditions of the moment. This causes a reduction in the number of switching operations per
unit of time, resulting in efficiency improvement under light load conditions. However, since pulse output frequency is
not constant, consideration should be given if a noise filter or the like is needed. Necessary conditions for switching to
PFM operation depend on input voltage, load current, coil value and other factors.
<Synchronous / Non-synchronous>
The XC9510 series automatically switches between synchronous / non-synchronous according to the state of the DC/DC
converter.
Highly efficient operations are achievable using the synchronous mode while the coil current is in a continuous state.
The series enters non-synchronous operation when the built-in N-ch switching transistor for synchronous operation is
shutdown which happens when the load current becomes low and the operation changes to a discontinuous state.
The IC can operate without an external schottky diode because the parasitic diode in the N-ch switching transistor
provides the circuit's step-down operation. However, since Vf of the parasitic diode is a high 0.6V, the efficiency level
during non-synchronous operation shows a slight decrease.
Please use an external schottky diode if high efficiency is
required during light load current.
Continuous Mode: Synchronous
Discontinuous Mode: Non-Synchronous


Similar Part No. - XC9510K1364

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9510KXXXSX TOREX-XC9510KXXXSX Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
More results

Similar Description - XC9510K1364

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9510 TOREX-XC9510_1 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9508 TOREX-XC9508 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator plus Voltage Detector
XC9511 TOREX-XC9511_1 Datasheet
3Mb / 35P
   Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
XC9511 TOREX-XC9511 Datasheet
171Kb / 13P
   Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
XC9508 TOREX-XC9508_1 Datasheet
2Mb / 38P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Series Plus Voltage Detector
XC9509 TOREX-XC9509_1 Datasheet
3Mb / 41P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel Plus Voltage Detector
XC9510 TOREX-XC9510 Datasheet
116Kb / 9P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator In Series plus Voltage Detector
XC9509 TOREX-XC9509 Datasheet
97Kb / 9P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel plus Voltage Detector
XCM524 TOREX-XCM524 Datasheet
1Mb / 52P
   600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
XCM520 TOREX-XCM520 Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com