Selected language     English  ▼


J0024D21NL Datasheet(PDF) 4 Page - Pulse A Technitrol Company

Part No. J0024D21NL
Description  10/100 Base-TX RJ45 1x1 Tab-DOWN with LEDs 8-pin (J0 series) integrated magnetics connector (ICM), designed to
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PULSE [Pulse A Technitrol Company]
Homepage  http://www.pulseeng.com
Logo 

   
 4 page
background image
PULSEJACKTM
1x1 Tab-DOWN RJ45
www.pulseeng.com
J0 Series Mechanicals
E
F
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
USA 858 674 8100 •• UK 44 1483 401 700 •• France 33 3 84 35 04 04 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 769 85538070 •• Taiwan 886 3 4641811
www.pulseeng.com
4
J403.D (5/06)




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
8330RJ-45 Connector with 100 Base-TX Magnetics 1 Filtran LTD
8341RJ-45 Single Port Connector with LEDs Intergrated Magnetics 1000 Base-T 1 Filtran LTD
8305RJ-45 Connector Modules with Intergrated LAN Magnetics 1 Filtran LTD
EPB5037GHome Phone Networking Analog Magnetics Module with 10/100 Base-T 1 PCA ELECTRONICS INC.
8339RJ-45/USB Combo Jack with 100 Base-T Magnetics and Dual USB Connector 1 Filtran LTD
TPS61160White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series 1 2 3 4 5 MoreTexas Instruments
AFBR-5978ZDigital Diagnostic 650nm Transceiver for Fast Ethernet 10/100 Mbps with SC-RJ connector 1 2 3 4 5 MoreAVAGO TECHNOLOGIES LIMITED
C10082CAMini-spectrometer TM series High sensitivity type integrated with back-thinned type CCD image sensor 1 2 3 4 Hamamatsu Corporation
KS8893MIntegrated 3-Port 10/100 Managed Switch with PHYs Preliminary Data Sheet Rev. 1.0 1 2 3 4 5 MoreMicrel Semiconductor
STE10APCI 10/100 Ethernet controller with integrated PHY 3.3V 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl