Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9509A033AL Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC9509A033AL
Description  Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel Plus Voltage Detector
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9509A033AL Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC9509A033AL Datasheet HTML 5Page - Torex Semiconductor XC9509A033AL Datasheet HTML 6Page - Torex Semiconductor XC9509A033AL Datasheet HTML 7Page - Torex Semiconductor XC9509A033AL Datasheet HTML 8Page - Torex Semiconductor XC9509A033AL Datasheet HTML 9Page - Torex Semiconductor XC9509A033AL Datasheet HTML 10Page - Torex Semiconductor XC9509A033AL Datasheet HTML 11Page - Torex Semiconductor XC9509A033AL Datasheet HTML 12Page - Torex Semiconductor XC9509A033AL Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
9/41
XC9509
Series
DC/DC Converter (Continued)
<PWM/PFM>
The PWM control of the XC9509A to F series are controlled on a specified frequency from light loads through the heavy
loads. Since the frequency is specified, the composition of a noise filter etc. becomes easy. However, the efficiency at
the time of the light load may become low. The XC9509H to L series can switch in any timing between PWM control
and PWM/PFM automatic switching control. The series cannot control only PFM mode. If needed, the operation can
be set on a specified frequency; therefore, the control of the noise etc. is possible and the high efficiency at the time of
the light load during PFM control mode is possible. With the automatic PWM/PFM switching control function, the series
ICs are automatically switched from PWM control to PFM control mode under light load conditions. If during light load
conditions the coil current becomes discontinuous and on-time rate falls lower than 30%, the PFM circuit operates to
output a pulse with 30% of a fixed on-time rate from the Lx pin. During PFM operation with this fixed on-time rate,
pulses are generated at different frequencies according to conditions of the moment. This causes a reduction in the
number of switching operations per unit of time, resulting in efficiency improvement under light load conditions.
However, since pulse output frequency is not constant, consideration should be given if a noise filter or the like is
needed. Necessary conditions for switching to PFM operation depend on input voltage, load current, coil value and
other factors.
<Synchronous / Non-synchronous>
The XC9509 series automatically switches between synchronous / non-synchronous according to the state of the DC/DC
converter. Highly efficient operations are achievable using the synchronous mode while the coil current is in a
continuous state.
The series enters non-synchronous operation when the built-in N-ch switching transistor for
synchronous operation is shutdown, which happens when the load current becomes low and the operation changes to a
discontinuous state. The IC can operate without an external schottky diode because the parasitic diode in the N-ch
switching transistor provides the circuit's step-down operation. However, since Vf of the parasitic diode is a high 0.6V,
the efficiency level during non-synchronous operation shows a slight decrease.
Please use an external schottky diode
if high efficiency is required during light load current.
Continuous Mode: Synchronous
Discontinuous Mode: Non-Synchronous
OPERATIONAL EXPLANATION (Continued)


Similar Part No. - XC9509A033AL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9509A TOREX-XC9509A Datasheet
97Kb / 9P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel plus Voltage Detector
More results

Similar Description - XC9509A033AL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9511 TOREX-XC9511 Datasheet
171Kb / 13P
   Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
XC9511 TOREX-XC9511_1 Datasheet
3Mb / 35P
   Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
XC9509 TOREX-XC9509 Datasheet
97Kb / 9P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel plus Voltage Detector
XC9510 TOREX-XC9510_1 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9508 TOREX-XC9508 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator plus Voltage Detector
XC9510 TOREX-XC9510_2 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9508 TOREX-XC9508_1 Datasheet
2Mb / 38P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Series Plus Voltage Detector
XC9510 TOREX-XC9510 Datasheet
116Kb / 9P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator In Series plus Voltage Detector
XC9248 TOREX-XC9248 Datasheet
571Kb / 21P
   18V Driver Transistor Built-In Synchronous Step-Down DC/DC Converter
XC9254R TOREX-XC9254R Datasheet
207Kb / 17P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com