Electronic Components Datasheet Search
Selected language     English  ▼


J0024D21BNL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part No. J0024D21BNL
Description  10/100 Base-TX RJ45 1x1 Tab-DOWN with LEDs 8-pin (J0 series) integrated magnetics connector (ICM), designed to
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PULSE [Pulse A Technitrol Company]
Homepage  http://www.pulseeng.com
Logo 

   
 1 page
background image
Electrical Specifications @ 25°C — Operating Temperature 0°C to +70°C
Insertion
Return Loss
Common Mode
RoHS-5
RoHS-6
Turns
Mech.
EMI
LEDs1
Loss
(dB TYP)
Crosstalk
Rejection
Hipot
Part No.
Part No.
Ratios
Drawing
Fingers
(L/R)
(dB TYP)
100W ±15W
(dB TYP)
(dB TYP)
(Vrms)
TX
RX
1-65
1-10
10-30
30-60
60-80
1-30
30-60
60-100
1-50
50-150
@60Hz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
1 MIN
J0006D01B
J0006D01BNL
1CT:1
1CT:1
A
No
G/Y
-1
-20
-16
-12
-10
-40
-35
-30
-30
-20
1500
J0006D21
J0006D21NL
1CT:1
1CT:1
E
YES
N/A
-1
-20
-16
-12
-10
-40
-35
-30
-30
-20
1500
J0006D21B
J0006D21BNL
1CT:1
1CT:1
B
YES
G/Y
-1
-20
-16
-12
-10
-40
-35
-30
-30
-20
1500
J0011D01
J0011D01NL
1CT:1
1CT:1
C
No
N/A
-1
-20
-16
-12
-10
-40
-35
-30
-30
-20
1500
J0011D01B
J0011D01BNL
1CT:1
1CT:1
A
No
G/Y
-1
-20
-16
-12
-10
-40
-35
-30
-30
-20
1500
J0011D21
J0011D21NL
1CT:1
1CT:1
E
YES
N/A
-1
-20
-16
-12
-10
-40
-35
-30
-30
-20
1500
J0011D21B
J0011D21BNL
1CT:1
1CT:1
B
YES
G/Y
-1
-20
-16
-12
-10
-40
-35
-30
-30
-20
1500
J0011D21E
J0011D21ENL
1CT:1
1CT:1
B
YES
G/G
-1
-20
-16
-12
-10
-40
-35
-30
-30
-20
1500
J0012D21
J0012D21NL
1CT:1
1CT:1
E
YES
N/A
-1
-20
-16
-12
-10
-40
-35
-30
-30
-20
1500
J0018D21
J0018D21NL
1CT:1.414 1CT:1
E
YES
N/A
-1
-20
-16
-12
-10
-40
-35
-30
-30
-20
1500
J0018D21E
J0018D21ENL
1CT:1.414 1CT:1
B
YES
G/G
-1
-20
-16
-12
-10
-40
-35
-30
-30
-20
1500
J0024D21
J0024D21NL
1CT:2
1CT:1
E
YES
N/A
-1
-20
-16
-12
-10
-40
-35
-30
-30
-20
1500
J0024D21B
J0024D21BNL
1CT:2
1CT:1
B
YES
G/Y
-1
-20
-16
-12
-10
-40
-35
-30
-30
-20
1500
J0026D01
J0026D01NL
1CT:1
1CT:1
D
No
N/A
-1
-20
-16
-12
-10
-40
-35
-30
-30
-20
1500
J0026D01B
J0026D01BNL
1CT:1
1CT:1
A
No
G/Y
-1
-20
-16
-12
-10
-40
-35
-30
-30
-20
1500
J0026D01E
J0026D01ENL
1CT:1
1CT:1
A
No
G/G
-1
-20
-16
-12
-10
-40
-35
-30
-30
-20
1500
J0026D01F 2 J0026D01FNL 2
1CT:1
1CT:1
A
No
G/Y
-1
-20
-16
-12
-10
-40
-35
-30
-30
-20
1500
J0026D21
J0026D21NL
1CT:1
1CT:1
E
YES
N/A
-1
-20
-16
-12
-10
-40
-35
-30
-30
-20
1500
J0026D21B
J0026D21BNL
1CT:1
1CT:1
B
YES
G/Y
-1
-20
-16
-12
-10
-40
-35
-30
-30
-20
1500
J0026D21E
J0026D21ENL
1CT:1
1CT:1
B
YES
G/G
-1
-20
-16
-12
-10
-40
-35
-30
-30
-20
1500
J0026D21F 2 J0026D21FNL2
1CT:1
1CT:1
B
YES
G/Y
-1
-20
-16
-12
-10
-40
-35
-30
-30
-20
1500
J0026D21G 3 J0026D21GNL3
1CT:1
1CT:1
B
YES
YG/G
-1
-20
-16
-12
-10
-40
-35
-30
-30
-20
1500
J0033D21
J0033D21NL
1.25CT:1
1CT:1
E
YES
N/A
-1
-20
-16
-12
-10
-40
-35
-30
-30
-20
1500
J0035D21B
J0035D21BNL
1CT:1
1CT:1
F
YES
G/Y
-1
-20
-16
-12
-10
-40
-35
-30
-30
-20
1500
J0073D01B
J0073D01BNL
1CT:2.5
1CT:1
A
No
G/Y
-1
-20
-16
-12
-10
-40
-35
-30
-30
-20
1500
PULSEJACKTM
1x1 Tab-DOWN RJ45
www.pulseeng.com
Features and Benefits:
RoHS-5 peak wave solder temperature rating 235°C
RoHS-6 peak wave solder temperature rating 260°C
Suitable for CAT 5 & 6 Fast Ethernet Cable or better UTP
Electrical Performance Summary:
Meets or exceeds IEEE 802.3 standard for 100Base-T
350µH minimum OCL with 8mA bias current
Minimum 1500Vrms isolation per IEEE 802.3 requirement
Description:
10/100 Base-TX RJ45 1x1 Tab-DOWN with LEDs 8-pin (J0 series) integrated magnetics connector (ICM), designed to
support applications, such as SOHO (ADSL modems), LAN-on-Motherboard (LOM), Hub and Switches.
Notes: 1. LEDs Left/Right: G=green, Y=yellow, N/A=none, YG=Bi-color LED Yellow Green. 2. LEDs with internal resistor. 3. Bi- color Left LED. 4. RoHS-5 - Product does not
contain 5 out of the 6 banned substances specified in the RoHS directive. Product contains lead in applications considered as solders. 5. RoHS-6 - Product does not contain 5 out
of the 6 banned substances specified in the RoHS directive. Some internal connections may contain lead in high temperature solder (solder alloys containing more than 85% lead).
Mating Force
Unmating Force
Plug to Jack
Part Number
(MAX)
(MAX)
Durability
Retention (MIN)
J0 Series
5 lbs./2.268 kgs.
5 lbs./2.268 kgs.
750 Insertions
20 lbs./9.072 kgs.
RJ45 Durability Testing Rating
Notes: 1. Connector dimensions comply with FCC dimension requirements. 2. RoHS-6 parts are tin matte finish over nickel. 3. MSL = Moisture Sensitivity Level rating
from 1 to 5 (highest rating = 1, lowest rating = 5)
Part
Shield
Contact
Housing
MSL
3
Number
Material
Finish
Material
Plating Area
Solder Area
2
Material
Specification
Rating
J0
10-20m inches Nickel over
Phosphor
Nickel underplating and
120µ inches Sn90/Pb10
Series
Brass
10-20m inches Brass
Bronze
selective gold plating 15µ inches
over 50µ inches nickel
Thermoplastic
UL 94 V-0
1
RJ45 Material Specification
USA 858 674 8100 •• UK 44 1483 401 700 •• France 33 3 84 35 04 04 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 769 85538070 •• Taiwan 886 3 4641811
www.pulseeng.com
1
J403.D (5/06)




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
8330RJ-45 Connector with 100 Base-TX Magnetics 1 Filtran LTD
8341RJ-45 Single Port Connector with LEDs Intergrated Magnetics 1000 Base-T 1 Filtran LTD
8305RJ-45 Connector Modules with Intergrated LAN Magnetics 1 Filtran LTD
EPB5037GHome Phone Networking Analog Magnetics Module with 10/100 Base-T 1 PCA ELECTRONICS INC.
8339RJ-45/USB Combo Jack with 100 Base-T Magnetics and Dual USB Connector 1 Filtran LTD
TPS61160White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series 1 2 3 4 5 MoreTexas Instruments
AFBR-5978ZDigital Diagnostic 650nm Transceiver for Fast Ethernet 10/100 Mbps with SC-RJ connector 1 2 3 4 5 MoreAVAGO TECHNOLOGIES LIMITED
C10082CAMini-spectrometer TM series High sensitivity type integrated with back-thinned type CCD image sensor 1 2 3 4 Hamamatsu Corporation
KS8893MIntegrated 3-Port 10/100 Managed Switch with PHYs Preliminary Data Sheet Rev. 1.0 1 2 3 4 5 MoreMicrel Semiconductor
STE10APCI 10/100 Ethernet controller with integrated PHY 3.3V 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl