Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHCT20AM Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74VHCT20AM
Description  DUAL 4-INPUT NAND GATE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHCT20AM Datasheet(HTML) 1 Page - STMicroelectronics

  74VHCT20AM Datasheet HTML 1Page - STMicroelectronics 74VHCT20AM Datasheet HTML 2Page - STMicroelectronics 74VHCT20AM Datasheet HTML 3Page - STMicroelectronics 74VHCT20AM Datasheet HTML 4Page - STMicroelectronics 74VHCT20AM Datasheet HTML 5Page - STMicroelectronics 74VHCT20AM Datasheet HTML 6Page - STMicroelectronics 74VHCT20AM Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
74VHCT20A
DUAL 4-INPUT NAND GATE
PRELIMINARY DATA
February 2000
s
HIGH SPEED: tPD = 5 ns (TYP.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =2
µA (MAX.) at TA =25 oC
s
COMPATIBLE WITH TTL OUTPUTS:
VIH =2V (MIN), VIL = 0.8V (MAX)
s
POWER DOWN PROTECTION ON INPUTS &
OUTPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|=IOL = 8 mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH
≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 4.5V to 5.5V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 20
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The 74VHCT20A is an advanced high-speed
CMOS DUAL 4-INPUT NAND GATE fabricated
with sub-micron silicon gate and double-layer
metal wiring C
2MOS technology.
The internal circuit is composed of 3 stages
including buffer output, which provide high noise
immunity and stable output.
Power down protection is provided on all inputs
and outputs and 0 to 7V can be accepted on
inputs with no regard to the supply voltage. This
device can be used to interface 5V to 3V.
All inputs
and
outputs are
equipped with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
PIN CONNECTION AND IEC LOGIC SYMBOLS
®
SOP
TSSOP
ORDER CODES
PACKAGE
T UBE
T & R
SOP
74VHCT20AM
74VHCT20AMTR
TSSOP
74VHCT20ATTR
1/7


Similar Part No. - 74VHCT20AM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT238A STMICROELECTRONICS-74VHCT238A Datasheet
63Kb / 8P
   3 TO 8 LINE DECODER
74VHCT238A STMICROELECTRONICS-74VHCT238A Datasheet
294Kb / 12P
   3 TO 8 LINE DECODER
74VHCT238AM STMICROELECTRONICS-74VHCT238AM Datasheet
63Kb / 8P
   3 TO 8 LINE DECODER
74VHCT238AMTR STMICROELECTRONICS-74VHCT238AMTR Datasheet
63Kb / 8P
   3 TO 8 LINE DECODER
74VHCT238AMTR STMICROELECTRONICS-74VHCT238AMTR Datasheet
294Kb / 12P
   3 TO 8 LINE DECODER
More results

Similar Description - 74VHCT20AM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC20 STMICROELECTRONICS-74VHC20 Datasheet
51Kb / 7P
   DUAL 4-INPUT NAND GATE
June 1999
M74HC20 STMICROELECTRONICS-M74HC20 Datasheet
172Kb / 8P
   DUAL 4-INPUT NAND GATE
logo
Fairchild Semiconductor
74AC20 FAIRCHILD-74AC20_05 Datasheet
99Kb / 7P
   Dual 4-Input NAND Gate
logo
ON Semiconductor
MC74HCT20A ONSEMI-MC74HCT20A Datasheet
121Kb / 6P
   Dual 4-Input NAND Gate
March, 2011 ??Rev. 1
logo
Motorola, Inc
SN54LS22 MOTOROLA-SN54LS22 Datasheet
121Kb / 4P
   DUAL 4-INPUT NAND GATE
logo
NXP Semiconductors
74ALS20A PHILIPS-74ALS20A Datasheet
85Kb / 7P
   Dual 4-Input NAND gate
1996 Jul 01
74HC20 PHILIPS-74HC20 Datasheet
34Kb / 6P
   Dual 4-input NAND gate
December 1990
74F20 PHILIPS-74F20 Datasheet
68Kb / 8P
   Dual 4-input NAND gate
1989 Mar 03
logo
Toshiba Semiconductor
TC74AC20F TOSHIBA-TC74AC20F_12 Datasheet
244Kb / 7P
   Dual 4-Input NAND Gate
logo
Fairchild Semiconductor
74AC20 FAIRCHILD-74AC20 Datasheet
81Kb / 7P
   Dual 4-Input NAND Gate
DM74LS20 FAIRCHILD-DM74LS20 Datasheet
45Kb / 4P
   Dual 4-Input NAND Gate
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com