Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9110C171PL Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC9110C171PL
Description  PFM Controlled Step-Up DC/DC Converter / Controller ICs
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9110C171PL Datasheet(HTML) 5 Page - Torex Semiconductor

  XC9110C171PL Datasheet HTML 1Page - Torex Semiconductor XC9110C171PL Datasheet HTML 2Page - Torex Semiconductor XC9110C171PL Datasheet HTML 3Page - Torex Semiconductor XC9110C171PL Datasheet HTML 4Page - Torex Semiconductor XC9110C171PL Datasheet HTML 5Page - Torex Semiconductor XC9110C171PL Datasheet HTML 6Page - Torex Semiconductor XC9110C171PL Datasheet HTML 7Page - Torex Semiconductor XC9110C171PL Datasheet HTML 8Page - Torex Semiconductor XC9110C171PL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
5/35
XC9110/XC9111
Series
Note: The XC9110 series, Tr. Built-in type, uses the Lx pin and the XC9111 series, external Tr. Type, uses the EXT pin.
The XC9110 / 9111 series E and F series have the VDD pin. The XC9110 series' duty ratio is 75% and
oscillation frequency (FOSC) is 100kHz. The duty ratio of the XC9111 series automatically varies between
56% (oscillation frequency 180kHz) and 75% (oscillation frequency (FOSC) 100kHz).
The VLx limit function only applies to the XC9110/9111 C versions.
* The duty ratio depends on power supply.
Please refer to the electrical characteristics on duty against output voltage you use.
PARAMETER
SYMBOL
RATINGS
UNITS
VOUT Input Voltage
VOUT
– 0.3 ~ 12.0
V
Lx Pin Voltage
VLx
– 0.3 ~ 12.0
V
Lx Pin Current
ILx
400
mA
EXT Pin Voltage
VEXT
VSS – 0.3 ~ VOUT+0.3
V
EXT Pin Current
IEXT
±
100
mA
CE Input Voltage
VCE
– 0.3 ~ 12.0
V
VDD Input Voltage
VDD
– 0.3 ~ 12.0
V
SOT-23, 25
250
SOT-89
500
Power Dissipation
USP-6C
Pd
100
mW
Operating Temperature Range
Topr
– 40 ~ + 85
Storage Temperature Range
Tstg
– 55 ~ +125
ABSOLUTE MAXIMUM RATINGS
Ta = 25℃
* Define as VSS with a standard of all the voltage.
BLOCK DIAGRAMS
XC9111 E and F series


Similar Part No. - XC9110C171PL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9116 TOREX-XC9116 Datasheet
1Mb / 22P
   Step-Up DC/DC Converter-Backlight LED Driver
XC9116 TOREX-XC9116 Datasheet
553Kb / 23P
   Step-Up DC/DC Converter-Backlight LED Driver
XC9116B02ADL TOREX-XC9116B02ADL Datasheet
1Mb / 22P
   Step-Up DC/DC Converter-Backlight LED Driver
XC9116B02ADL TOREX-XC9116B02ADL Datasheet
553Kb / 23P
   Step-Up DC/DC Converter-Backlight LED Driver
XC9116B02ADR TOREX-XC9116B02ADR Datasheet
1Mb / 22P
   Step-Up DC/DC Converter-Backlight LED Driver
More results

Similar Description - XC9110C171PL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9301 TOREX-XC9301_1 Datasheet
706Kb / 13P
   PWM,PWM/PFM Switching Step-Up & Down DC/DC Converter Controller ICs
logo
Gamma Microelectronics ...
GM3326 GAMMA-GM3326 Datasheet
222Kb / 7P
   PWM,PWM/PFM SWITCHING STEP-UP & DOWN DC/DC CONVERTER CONTROLLER ICS
logo
Torex Semiconductor
XC9301 TOREX-XC9301 Datasheet
524Kb / 12P
   PWM, PWM/PFM Switching Step-Up & Down DC/DC Converter Controller ICs
logo
ELM Technology Corporat...
ELM91 ELM-TECH-ELM91 Datasheet
1Mb / 22P
   PFM Step-up DC/DC converter and controller
logo
Shanghai Consonance Ele...
CN5136 CONSONANCE-CN5136 Datasheet
166Kb / 6P
   PFM Step-Up DC-DC Controller
logo
Nippon Precision Circui...
SM6702 NPC-SM6702 Datasheet
116Kb / 10P
   PFM Step-up DC/DC Converter
logo
List of Unclassifed Man...
RCR2562 ETC2-RCR2562 Datasheet
171Kb / 7P
   PFM Step-up DC/DC Converter
logo
ELM Technology Corporat...
ELM93-SERIES ELM-TECH-ELM93-SERIES Datasheet
1Mb / 8P
   PFM step-up DC/DC converter
logo
List of Unclassifed Man...
CR-F33T ETC1-CR-F33T Datasheet
122Kb / 11P
   PFM STEP-UP DC/DC CONVERTER
logo
Advanced Power Electron...
APE1910 A-POWER-APE1910 Datasheet
153Kb / 5P
   STEP-UP PFM DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com