Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP175CLF Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # IP175CLF
Description  5 Port 10/100 Ethernet Integrated Switch
Download  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175CLF Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button IP175CLF Datasheet HTML 2Page - List of Unclassifed Manufacturers IP175CLF Datasheet HTML 3Page - List of Unclassifed Manufacturers IP175CLF Datasheet HTML 4Page - List of Unclassifed Manufacturers IP175CLF Datasheet HTML 5Page - List of Unclassifed Manufacturers IP175CLF Datasheet HTML 6Page - List of Unclassifed Manufacturers IP175CLF Datasheet HTML 7Page - List of Unclassifed Manufacturers IP175CLF Datasheet HTML 8Page - List of Unclassifed Manufacturers IP175CLF Datasheet HTML 9Page - List of Unclassifed Manufacturers IP175CLF Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 111 page
background image
IP175C/IP175C LF/IP175CH/IP175CH LF
Data Sheet
6/111
Mar 09, 2007
Copyright © 2004, IC Plus Corp.
IP175C/IP175CH-DS-R14
Comparison Table of IP175A & IP175C/IP175CH
Item/Part Number
IP175A
IP175C/IP175CH
Pin Assignment
Compatible
Process
0.25um
0.18um
Package Type
128pin PQFP
128pin PQFP
Major Block
MAC/5ports+PHY/5ports
MAC/6ports+PHY/5ports
MAC Address
1K
2K
AUTO-MDI-MDIX
Yes
Yes
10M/100M Copper (10BT, 100BaseTx)
Yes
Yes
100M Fiber (100BaseFX)
Yes
No (Yes for IP175CH only)
Max Frame Size
1536
1536/1552 (Pin Option)
4+1+1: 4Tx+Two MII I/F (RMII I/F)
Yes (No)
Yes (Yes, MII0, 1 & 2)
4+ 3MII
No
Yes
5+1: 5Tx+1 MII I/F
No
Yes
SMI I/F(MDC/MDIO) CTRL PHY reg.
Yes (As data Sheet)
Yes (MDC/MDIO*2)
SNI I/F
Yes
Yes (MII0/SNI Option)
EEPROM I/F (24C01A)
Yes
Yes
Flow Control-802.3x
Yes
Yes
Flow Control-Backpressure
Yes
Yes
Port Base COS
Yes
Yes (Through SMI0)
Port Base VLAN
Yes
Yes (Through SMI0)
QOS- VLAN tag
Yes
Yes (Through SMI0)
Tag VLAN
No
Yes
QOS IPV4 TCP/IP Cos
Yes
Yes
QOS IPV6 TCP/IP Cos
No
Yes
Broadcast Storm Protection
Yes
Yes
Power Saving
Yes
Yes
Loop Back Test
PHY of port 5
Each port
Port Security Option
No
Yes
8-level Bandwidth Control
No
Yes
Link Quantity LED
No
Yes
Power down
No
Yes
Dual color mode LED
No
Yes
Spanning Tree protocol
No
Yes
Smart MAC
No
Yes
Special address handling
No
Yes
Diff serve
No
Yes
Direct forwarding
No
Yes


Similar Part No. - IP175CLF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IP175ALF ETC2-IP175ALF Datasheet
1,016Kb / 60P
   5 Port 10/100 Ethernet Integrated Switch
IP175ALF-DS-R01 ETC2-IP175ALF-DS-R01 Datasheet
1,016Kb / 60P
   5 Port 10/100 Ethernet Integrated Switch
IP175ALF-DS-R02 ETC2-IP175ALF-DS-R02 Datasheet
1,016Kb / 60P
   5 Port 10/100 Ethernet Integrated Switch
IP175ALF-DS-R03 ETC2-IP175ALF-DS-R03 Datasheet
1,016Kb / 60P
   5 Port 10/100 Ethernet Integrated Switch
IP175ALF-DS-R04 ETC2-IP175ALF-DS-R04 Datasheet
1,016Kb / 60P
   5 Port 10/100 Ethernet Integrated Switch
More results

Similar Description - IP175CLF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IP175ALF ETC2-IP175ALF Datasheet
1,016Kb / 60P
   5 Port 10/100 Ethernet Integrated Switch
IP175G ETC2-IP175G Datasheet
752Kb / 69P
   5 Port 10/100 Ethernet Integrated Switch
IP178C ETC1-IP178C Datasheet
1Mb / 91P
   8 Port 10/100 Ethernet Integrated Switch
IP178A ETC1-IP178A Datasheet
1Mb / 44P
   8-Port 10/100 Ethernet Integrated Switch
IP178C ETC2-IP178C_1 Datasheet
943Kb / 93P
   8 Port 10/100 Ethernet Integrated Switch
IP178G ETC2-IP178G Datasheet
1,013Kb / 76P
   8 Port 10/100 Ethernet Integrated Switch
logo
Black Box Registered Tr...
SW-105 BLACKBOX-SW-105 Datasheet
1Mb / 4P
   5 Port Unmanaged Ethernet Switch 10/100
SW-705 BLACKBOX-SW-705 Datasheet
1,008Kb / 4P
   Hardened 5 Port Ethernet Switch 10/100
logo
Micrel Semiconductor
KS8995M_0607 MICREL-KS8995M_0607 Datasheet
805Kb / 76P
   Integrated 5-Port 10/100 Managed Switch
KS8995XA MICREL-KS8995XA_11 Datasheet
358Kb / 55P
   Integrated 5-Port 10/100 QoS Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com