Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9509K03CDL Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC9509K03CDL
Description  Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel Plus Voltage Detector
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9509K03CDL Datasheet(HTML) 3 Page - Torex Semiconductor

  XC9509K03CDL Datasheet HTML 1Page - Torex Semiconductor XC9509K03CDL Datasheet HTML 2Page - Torex Semiconductor XC9509K03CDL Datasheet HTML 3Page - Torex Semiconductor XC9509K03CDL Datasheet HTML 4Page - Torex Semiconductor XC9509K03CDL Datasheet HTML 5Page - Torex Semiconductor XC9509K03CDL Datasheet HTML 6Page - Torex Semiconductor XC9509K03CDL Datasheet HTML 7Page - Torex Semiconductor XC9509K03CDL Datasheet HTML 8Page - Torex Semiconductor XC9509K03CDL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
3/41
XC9509
Series
PARAMETER
SYMBOL
RATINGS
UNIT
AVDD Pin Voltage
AVDD
- 0.3 ~ 6.5
V
PVDD Pin Voltage
PVDD
AVDD - 0.3 ~ AVDD + 0.3
V
DCOUT Pin Voltage
DCOUT
- 0.3 ~ AVDD + 0.3
V
VROUT Pin Voltage
VROUT
- 0.3 ~ AVDD + 0.3
V
VROUT Pin Current
IROUT
800
mA
VDOUT Pin Voltage
VDOUT
- 0.3 ~ AVDD + 0.3
V
VDOUT Pin Current
IVD
50
mA
Lx Pin Voltage
Lx
- 0.3 ~ AVDD + 0.3
V
MSOP-10
1300
Lx Pin Current
USP-10
ILx
900
mA
CE Pin Voltage
CE
- 0.3 ~ AVDD + 0.3
V
MODE Pin Voltage
MODE
- 0.3 ~ AVDD + 0.3
V
MSOP-10
350 (*)
Power Dissipation
USP-10
Pd
150
mW
Operating Temperature Range
Topr
- 40 ~ + 85
Storage Temperature Range
Tstg
- 55 ~ + 125
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Ta = 25℃
(*) When PC board mounted.
* Diodes shown in the above circuit are protective diodes.
+
-
Vrefwith
softstart
Phase
Compensation
+
-
logic
Buffer,
Driver
Ramp Wave
Generator,
OSC
DCOUT
AVDD
-
+
U.V.L.O
LX
VROUT
AGND
+
-
Current
Limit
Vref
MODE
MODE
Control
each circuit
+
-
VDOUT
PGND
CE
ON/OFF
Control
each circuit
Vref
PVDD
SENSE
(VDD or DCOUT or VROUT)
Current
Limit & Feedback
PW M/PFM
Controller


Similar Part No. - XC9509K03CDL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9509K TOREX-XC9509K Datasheet
97Kb / 9P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel plus Voltage Detector
More results

Similar Description - XC9509K03CDL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9511 TOREX-XC9511 Datasheet
171Kb / 13P
   Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
XC9511 TOREX-XC9511_1 Datasheet
3Mb / 35P
   Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
XC9509 TOREX-XC9509 Datasheet
97Kb / 9P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel plus Voltage Detector
XC9510 TOREX-XC9510_1 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9508 TOREX-XC9508 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator plus Voltage Detector
XC9510 TOREX-XC9510_2 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9508 TOREX-XC9508_1 Datasheet
2Mb / 38P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Series Plus Voltage Detector
XC9510 TOREX-XC9510 Datasheet
116Kb / 9P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator In Series plus Voltage Detector
XC9248 TOREX-XC9248 Datasheet
571Kb / 21P
   18V Driver Transistor Built-In Synchronous Step-Down DC/DC Converter
XC9254R TOREX-XC9254R Datasheet
207Kb / 17P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com