Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9509L03CDL Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC9509L03CDL
Description  Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel Plus Voltage Detector
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9509L03CDL Datasheet(HTML) 2 Page - Torex Semiconductor

  XC9509L03CDL Datasheet HTML 1Page - Torex Semiconductor XC9509L03CDL Datasheet HTML 2Page - Torex Semiconductor XC9509L03CDL Datasheet HTML 3Page - Torex Semiconductor XC9509L03CDL Datasheet HTML 4Page - Torex Semiconductor XC9509L03CDL Datasheet HTML 5Page - Torex Semiconductor XC9509L03CDL Datasheet HTML 6Page - Torex Semiconductor XC9509L03CDL Datasheet HTML 7Page - Torex Semiconductor XC9509L03CDL Datasheet HTML 8Page - Torex Semiconductor XC9509L03CDL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
2/41
XC9509 Series
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
Control Methods, the
MODE Pin, & the VD
Sense Pin
As chart below : -
②③
Setting Voltage &
Specifications
Internal
standard
: Setting voltage and specifications of each DC/DC, VR,
and VD (Based on the internal standard)
3
: 300kHz
6
: 600kHz
DC/DC Oscillation
Frequency
C
: 1.2MHz
A
: MSOP-10, Current limiter: 1.1A (TYP.)
Package &
DC/DC Current Limit
D
: USP-10, Current limiter: 0.7A (TYP.)
R
: Embossed Tape, standard feed
Device Orientation
L
: Embossed Tape, reverse feed
SERIES
DC/DC CONTROL METHODS
MODE PINS
(H LEVEL)
MODE PINS
(L LEVEL)
VD SENSE
A
VDD
B
DCOUT
C
VR: OFF
VR: ON
VROUT
D
VDD
E
DCOUT
F
PWM Control
DC/DC: OFF
DC/DC: ON
VROUT
H
VDD
K
DCOUT
XC9509
L
PWM, PFM/PWM Manual
Switch
PFM/PWM Auto
Switch
PWM Control
VROUT
PIN NUMBER
PIN NAME
FUNCTION
1
PGND
Power Ground
2
CE
Chip Enable
3
PVDD
Power Supply 1
4
AVDD
Power Supply 2
5
VDOUT
VD Input
6
AGND
Analog Ground
7
MODE
Mode Switch
8
VROUT
VR Output
9
DCOUT
DC/DC Output Sense
10
LX
Switch
PIN CONFIGURATION
PIN ASSIGNMENT
PRODUCT CLASSIFICATION
Ordering Information
XC9509①②③④⑤⑥ : The input for the voltage regulator block comes from VDD.
*The dissipation pad for the USP-10 package
should be solder-plated in recommended
mount pattern and metal masking so as to
enhance mounting strength and heat release.
If the pad needs to be connected to other pins,
it should be connected to the AGND pin.
USP-10 (BOTTOM VIEW)
Control Methods, MODE Pins, VD SENSE Pins
* The XC9509A to F series' MODE pin switches either the regulator block or DC/DC block to stand-by mode.
When the CE mode is off, every function except for the VD function enters into the stand-by mode.
(The MODE pin does not operate independently.)
MSOP-10 (TOP VIEW)


Similar Part No. - XC9509L03CDL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9509L TOREX-XC9509L Datasheet
97Kb / 9P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel plus Voltage Detector
More results

Similar Description - XC9509L03CDL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9511 TOREX-XC9511 Datasheet
171Kb / 13P
   Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
XC9511 TOREX-XC9511_1 Datasheet
3Mb / 35P
   Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
XC9509 TOREX-XC9509 Datasheet
97Kb / 9P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel plus Voltage Detector
XC9510 TOREX-XC9510_1 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9508 TOREX-XC9508 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator plus Voltage Detector
XC9510 TOREX-XC9510_2 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9508 TOREX-XC9508_1 Datasheet
2Mb / 38P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Series Plus Voltage Detector
XC9510 TOREX-XC9510 Datasheet
116Kb / 9P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator In Series plus Voltage Detector
XC9248 TOREX-XC9248 Datasheet
571Kb / 21P
   18V Driver Transistor Built-In Synchronous Step-Down DC/DC Converter
XC9254R TOREX-XC9254R Datasheet
207Kb / 17P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com