Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W79E227A Datasheet(PDF) 7 Page - Winbond

Part # W79E227A
Description  8-bit Microcontroller
Download  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W79E227A Datasheet(HTML) 7 Page - Winbond

Back Button W79E227A Datasheet HTML 3Page - Winbond W79E227A Datasheet HTML 4Page - Winbond W79E227A Datasheet HTML 5Page - Winbond W79E227A Datasheet HTML 6Page - Winbond W79E227A Datasheet HTML 7Page - Winbond W79E227A Datasheet HTML 8Page - Winbond W79E227A Datasheet HTML 9Page - Winbond W79E227A Datasheet HTML 10Page - Winbond W79E227A Datasheet HTML 11Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 200 page
background image
Preliminary W79E225A/227A Data Sheet
Publication Release Date: December 14, 2007
- 7 -
Revision A2.0
3. PARTS INFORMATION LIST
3.1 Lead Free (RoHS) Parts information list
PART NO.
EPROM
FLASH
SIZE
RAM
OPERATING
FREQUENCY
OPERATING
VOLTAGE
NVM
FLASH
EPROM
PACKAGE
REMARK
up to 40MHz
up to 20MHz
4.5V ~ 5.5V
2.7V
[1] ~ 5.5V
Internal
memory
W79E225APG
16KB
256B +
1KB
up to 24MHz
4.5V ~ 5.5V
1KB
PLCC-44 Pin
External
memory
up to 40MHz
up to 20MHz
4.5V ~ 5.5V
2.7V
[1] ~ 5.5V
Internal
memory
W79E225AFG
16KB
256B+
1KB
up to 24MHz
4.5V ~ 5.5V
1KB
LQFP-48 Pin
External
memory
up to 40MHz
up to 20MHz
4.5V ~ 5.5V
2.7V
[1] ~ 5.5V
Internal
memory
W79E227APG
64KB
256B +
2KB
up to 24MHz
4.5V ~ 5.5V
2KB
PLCC-44 Pin
External
memory
up to 40MHz
up to 20MHz
4.5V ~ 5.5V
2.7V
[1] ~ 5.5V
Internal
memory
W79E227AFG
64KB
256B +
2KB
up to 24MHz
4.5V ~ 5.5V
2KB
LQFP-48 Pin
External
memory
Note: 1. Minimum of 3.0V operating voltage for NVM program and erase operations.


Similar Part No. - W79E227A

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
W79E227A NUVOTON-W79E227A Datasheet
4Mb / 202P
   8-bit Microcontroller
logo
Winbond
W79E227AFG WINBOND-W79E227AFG Datasheet
2Mb / 203P
   8-bit Microcontroller
logo
Nuvoton Technology Corp...
W79E227ALG NUVOTON-W79E227ALG Datasheet
4Mb / 202P
   8-bit Microcontroller
logo
Winbond
W79E227APG WINBOND-W79E227APG Datasheet
2Mb / 203P
   8-bit Microcontroller
logo
Nuvoton Technology Corp...
W79E227APG NUVOTON-W79E227APG Datasheet
4Mb / 202P
   8-bit Microcontroller
More results

Similar Description - W79E227A

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com