Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC208MS8 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC208MS8
Description  GaAs MMIC SMT DOUBLE-BALANCED MIXER 0.7 - 2.0 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC208MS8 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC208MS8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC208MS8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC208MS8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC208MS8 Datasheet HTML 4Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
4 - 137
12 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Web Site: www.hittite.com
MICROWAVE CORPORATION
FEBRUARY 2000
4
-20
-15
-10
-5
0
0
0.5
1
1.5
2
2.5
FREQUENCY (GHz)
LO
RF
IF
-20
-15
-10
-5
0
0.5
1
1.5
2
2.5
FREQUENCY (GHz)
-40 C
+25 C
+85 C
-20
-15
-10
-5
0
0.5
1
1.5
2
2.5
FREQUENCY (GHz)
+7 dBm
+9 dBm
+15 dBm
+13 dBm
+11 dBm
-25
-20
-15
-10
-5
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
IF FREQUENCY (GHz)
-60
-50
-40
-30
-20
-10
0
0.5
1
1.5
2
2.5
FREQUENCY (GHz)
RF/IF
LO/RF
LO/IF
Conversion Loss vs. LO Drive
Conversion Loss vs.
Temperature @ LO = +13 dBm
IF Bandwidth @ LO = +13 dBm
Isolation @ LO = +13 dBm
Return Loss @ LO = +13 dBm
9
9.5
10
10.5
11
11.5
0.3
0.5
0.7
0.9
1.1
1.3
1.5
FREQUENCY (GHz)
-40 C
+25 C
+85 C
P1 dB vs. Temperature
@ LO = +13 dBm
HMC208MS8 SMT DOUBLE-BALANCED MIXER 0.7 - 2.0 GHz
HMC208MS8


Similar Part No. - HMC208MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC208MS8 HITTITE-HMC208MS8 Datasheet
175Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 0.7 - 2.0 GHz
More results

Similar Description - HMC208MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC207AS8 HITTITE-HMC207AS8 Datasheet
633Kb / 6P
   GaAs MMIC SMT Double-Ba lanced Mixer, 0.7 - 2.0 GHz
HMC208AMS8 HITTITE-HMC208AMS8 Datasheet
639Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 0.7 - 2.0 GHz
HMC207S8 HITTITE-HMC207S8 Datasheet
167Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 0.7 - 2.0 GHz
HMC207S8 HITTITE-HMC207S8_06 Datasheet
239Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 0.7 - 2.0 GHz
HMC208MS8 HITTITE-HMC208MS8 Datasheet
175Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 0.7 - 2.0 GHz
HMC277MS8 HITTITE-HMC277MS8_08 Datasheet
192Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 0.7 - 1.2 GHz
HMC140 HITTITE-HMC140 Datasheet
76Kb / 4P
   GaAs MMIC DOUBLE-BALANCED MIXER 1.0 - 2.0 GHz
HMC292LM3C HITTITE-HMC292LM3C_06 Datasheet
323Kb / 8P
   GaAs MMIC DOUBLE-BALANCED SMT MIXER, 17 - 31 GHz
HMC128G8 HITTITE-HMC128G8_08 Datasheet
174Kb / 4P
   GaAs MMIC SMT DOUBLE - BALANCED MIXER, 1.8 - 5 GHz
HMC141LH5 HITTITE-HMC141LH5 Datasheet
280Kb / 6P
   GaAs MMIC SMT DOUBLE BALANCED MIXER, 7 - 14 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com