Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AHC04DG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHC04DG4
Description  HEX INVERTERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AHC04DG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74AHC04DG4 Datasheet HTML 3Page - Texas Instruments SN74AHC04DG4 Datasheet HTML 4Page - Texas Instruments SN74AHC04DG4 Datasheet HTML 5Page - Texas Instruments SN74AHC04DG4 Datasheet HTML 6Page - Texas Instruments SN74AHC04DG4 Datasheet HTML 7Page - Texas Instruments SN74AHC04DG4 Datasheet HTML 8Page - Texas Instruments SN74AHC04DG4 Datasheet HTML 9Page - Texas Instruments SN74AHC04DG4 Datasheet HTML 10Page - Texas Instruments SN74AHC04DG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
Output
(see Note C)
From
B or Y Output
Under Test
SLEW RATE A-TO-B OR A-TO-Y LOAD (TOTEM POLE)
VOLTAGE WAVEFORMS MEASURED AT TP1
SLEW RATE WAVEFORMS (B8−B1 AND Y13−Y9)
62
CL = 50 pF
(see Note A)
TP1
VCC CABLE
CL = 50 pF
(see Note A)
Sink Load
Source Load
62
A-TO-B LOAD OR A-TO-Y LOAD (OPEN DRAIN)
VOLTAGE WAVEFORMS MEASURED AT TP1, B SIDE
2.7 V
VOH
VOL
0 V
1.4 V
1.4 V
2 V
2 V
0.8 V
0.8 V
tr
tf
TP1
From
B or Y Output
CL = 50 pF
(see Note A)
500
VCC CABLE
NOTES: A. CL includes probe and jig capacitance.
B. When VCC CABLE is 3.3 V " 0.3 V, slew rate is measured between 0.4 V and 0.9 V for the rising edge and between 2.4 V and
1.9 V for the falling edge. When VCC CABLE is 5 V " 0.5 V, slew rate is measured between 0.4 V and 1.9 V for the rising edge and
between 95% VCC CABLE and 50% VCC CABLE for the falling edge.
C. Input rise (tr) and fall (tf) times are 3 ns. Rise and fall times (open drain) are <120 ns.
D. The outputs are measured one at a time, with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
Input
(see Note C)
0 V
2.7 V
Input
(see Note B)
Output
(see Note B)
Output
(see Note B)
tf1
95% (VCC CABLE = 5 V"0.5 V)
50% (VCC CABLE = 5 V"0.5 V)
1.9 V (VCC CABLE = 5 V"0.5 V)
0.4 V
tr1
t
slew fall
+ VCC
95% * 50%
t
f1
t
slew rise
+
1.9 V – 0.4 V
t
r1
SN74LVCZ161284A
19-BIT IEEE STD 1284 TRANSLATION TRANSCEIVER
WITH ERROR-FREE POWER UP
SCES358B – SEPTEMBER 2001 – REVISED MAY 2005
Figure 2. Load Circuits and Voltage Waveforms
7


Similar Part No. - SN74AHC04DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC04DG4 TI-SN74AHC04DG4 Datasheet
1Mb / 30P
[Old version datasheet]   HEX INVERTERS
More results

Similar Description - SN74AHC04DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
[Old version datasheet]   HEX INVERTERS
SN54AC04 TI-SN54AC04 Datasheet
78Kb / 5P
[Old version datasheet]   HEX INVERTERS
logo
Hitachi Semiconductor
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
   Hex Inverters
HD74LV04A HITACHI-HD74LV04A Datasheet
52Kb / 13P
   Hex Inverters
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
   Hex Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com