Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AHC04DRG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHC04DRG4
Description  HEX INVERTERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AHC04DRG4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74AHC04DRG4 Datasheet HTML 1Page - Texas Instruments SN74AHC04DRG4 Datasheet HTML 2Page - Texas Instruments SN74AHC04DRG4 Datasheet HTML 3Page - Texas Instruments SN74AHC04DRG4 Datasheet HTML 4Page - Texas Instruments SN74AHC04DRG4 Datasheet HTML 5Page - Texas Instruments SN74AHC04DRG4 Datasheet HTML 6Page - Texas Instruments SN74AHC04DRG4 Datasheet HTML 7Page - Texas Instruments SN74AHC04DRG4 Datasheet HTML 8Page - Texas Instruments SN74AHC04DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
www.ti.com
FEATURES
DESCRIPTION/ORDERING INFORMATION
DGG PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
HD
A9
A10
A11
A12
A13
VCC
A1
A2
GND
A3
A4
A5
A6
GND
A7
A8
VCC
PERI LOGIC IN
A14
A15
A16
A17
HOST LOGIC OUT
DIR
Y9
Y10
Y11
Y12
Y13
VCC CABLE
B1
B2
GND
B3
B4
B5
B6
GND
B7
B8
VCC CABLE
PERI LOGIC OUT
C14
C15
C16
C17
HOST LOGIC IN
This device has eight bidirectional bits; data can flow in the A-to-B direction when the direction-control (DIR) input
SN74LVCZ161284A
19-BIT IEEE STD 1284 TRANSLATION TRANSCEIVER
WITH ERROR-FREE POWER UP
SCES358B – SEPTEMBER 2001 – REVISED MAY 2005
Power-On Reset (POR) Prevents Printer
Errors When Printer Is Turned On, But No
Valid Signal Is at Pins A9–A13
Operates From 3 V to 3.6 V
1.4-k
Ω Pullup Resistors Integrated on All
Open-Drain Outputs Eliminate the Need for
Discrete Resistors
Designed for IEEE Std 1284-I (Level-1 Type)
and IEEE Std 1284-II (Level-2 Type) Electrical
Specifications
Flow-Through Architecture Optimizes PCB
Layout
Ioff and Power-Up 3-State Support Hot
Insertion
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
ESD Protection Exceeds JESD 22
– 4000-V Human-Body Model (A114-A)
– 350-V Machine Model (A115-A)
– 1500-V Charged-Device Model (C101)
The SN74LVCZ161284A is designed for 3-V to 3.6-V
VCC operation. This device provides asynchronous
two-way communication between data buses. The
control-function implementation minimizes external
timing requirements.
is high and in the B-to-A direction when DIR is low. This device also has five drivers that drive the cable side and
four receivers. The SN74LVCZ161284A has one receiver dedicated to the HOST LOGIC line and a driver to
drive the PERI LOGIC line.
The output drive mode is determined by the high-drive (HD) control pin. When HD is high, the outputs are in a
totem-pole configuration and in an open-drain configuration when HD is low. This meets the drive requirements
as specified in the IEEE Std 1284-I (level-1 type) and IEEE Std 1284-II (level-2 type) parallel peripheral-interface
specifications. Except for HOST LOGIC IN and peripheral logic out (PERI LOGIC OUT), all cable-side pins have
a 1.4-k
Ω integrated pullup resistor. The pullup resistor is switched off if the associated output driver is in the low
state or if the output voltage is above VCC CABLE. If VCC CABLE is off, PERI LOGIC OUT is set to low.
The device has two supply voltages. VCC is designed for 3-V to 3.6-V operation. VCC CABLE supplies the inputs
and output buffers of the cable side only and is designed for 3-V to 3.6-V and for 4.7-V to 5.5-V operation. Even
when VCC CABLE is 3 V to 3.6 V, the cable-side I/O pins are 5-V tolerant.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
0°C to 70°C
TSSOP – DGG
Tape and reel
SN74LVCZ161284AGR
LVCZ161284A
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74AHC04DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC04DRG4 TI-SN74AHC04DRG4 Datasheet
1Mb / 30P
[Old version datasheet]   HEX INVERTERS
SN74AHC04DRG4 TI-SN74AHC04DRG4 Datasheet
2Mb / 35P
[Old version datasheet]   SNx4AHC04 HEX INVERTERS
REVISED JUNE 2023
More results

Similar Description - SN74AHC04DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
[Old version datasheet]   HEX INVERTERS
SN54AC04 TI-SN54AC04 Datasheet
78Kb / 5P
[Old version datasheet]   HEX INVERTERS
logo
Hitachi Semiconductor
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
   Hex Inverters
HD74LV04A HITACHI-HD74LV04A Datasheet
52Kb / 13P
   Hex Inverters
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
   Hex Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com