Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DT12-6-01L Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DT12-6-01L
Description  Thermoelectric Cooler
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DT12-6-01L Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DT12-6-01L Datasheet HTML 1Page - List of Unclassifed Manufacturers DT12-6-01L Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
marlow industries inc.®
Thermoelectric Cooler
DT12-6
102-0155, Rev D
Performance Values
Mechanical Characteristics
TOP VIEW
Hot Side
Cold
Side
Dimensions in [ ] are millimeters
20 AWG Leads
SEE TABLE
Negative
Positive
1.575
[40]
[45]
1.760
1.575
[40]
Note: Base model shown
4.00 .5
+
(Teflon Insulation)
Ceramic Material: Alumina (AC)
Ordering Options
Features
Solid state reliability
Built with high temperature solder with the ability to
withstand higher assembly processing temperatures for
short periods of time (<160°C)
Superior nickel diffusion barriers on elements
High strength for rugged environment
Porched configuration for improved leadwire strength
RTV sealing option available to improve reliability in
condensing environment
Lapped option available for multiple module
applications.
Hot Side Temperature (°C)
27°C
50°C
∆ Tmax (°C-dry N2):
66
74
Qmax (watts):
54
60
Imax (amps):
5.6
5.6
Vmax (vdc):
14.7
16.4
AC Resistance (ohms):
2.2
---
Model Number
Description
DT12-6-01
Base Model
DT12-6-01L
Lapped Model
DT12-6-01S
Sealed Model
DT12-6-01LS
Lapped and Sealed Model
Height
Flatness
Parallelism
Lapped
.154 ± .001[0.03]
.001[0.03].
.002[0.05]
Unlapped
.158 ± .005[0.13]
.002[0.05]
.003[0.08]


Similar Part No. - DT12-6-01L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DT12-2.5 ETC2-DT12-2.5 Datasheet
129Kb / 2P
   Thermoelectric Cooler
DT12-2.5-01 ETC2-DT12-2.5-01 Datasheet
129Kb / 2P
   Thermoelectric Cooler
DT12-2.5-01L ETC2-DT12-2.5-01L Datasheet
129Kb / 2P
   Thermoelectric Cooler
DT12-2.5-01LS ETC2-DT12-2.5-01LS Datasheet
129Kb / 2P
   Thermoelectric Cooler
DT12-2.5-01S ETC2-DT12-2.5-01S Datasheet
129Kb / 2P
   Thermoelectric Cooler
More results

Similar Description - DT12-6-01L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC6-4 ETC2-RC6-4 Datasheet
475Kb / 2P
   Thermoelectric Cooler
RC12-6 ETC2-RC12-6 Datasheet
163Kb / 2P
   Thermoelectric Cooler
NL1507 ETC2-NL1507 Datasheet
215Kb / 2P
   Thermoelectric Cooler
SP5446 ETC2-SP5446 Datasheet
186Kb / 2P
   Thermoelectric Cooler
XLT12-6 ETC2-XLT12-6 Datasheet
442Kb / 2P
   Thermoelectric Cooler
XLT2389 ETC2-XLT2389 Datasheet
188Kb / 2P
   Thermoelectric Cooler
DT3-2.5 ETC2-DT3-2.5 Datasheet
130Kb / 2P
   Thermoelectric Cooler
DT3-6 ETC2-DT3-6 Datasheet
187Kb / 2P
   Thermoelectric Cooler
DT6-2.5 ETC2-DT6-2.5 Datasheet
123Kb / 2P
   Thermoelectric Cooler
DT12-2.5 ETC2-DT12-2.5 Datasheet
129Kb / 2P
   Thermoelectric Cooler
MI2011T ETC2-MI2011T Datasheet
117Kb / 2P
   Thermoelectric Cooler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com