Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2475AINE4 Datasheet(PDF) 11 Page - Texas Instruments

Part # TLV2475AINE4
Description  FAMILY OF 600關A/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2475AINE4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV2475AINE4 Datasheet HTML 7Page - Texas Instruments TLV2475AINE4 Datasheet HTML 8Page - Texas Instruments TLV2475AINE4 Datasheet HTML 9Page - Texas Instruments TLV2475AINE4 Datasheet HTML 10Page - Texas Instruments TLV2475AINE4 Datasheet HTML 11Page - Texas Instruments TLV2475AINE4 Datasheet HTML 12Page - Texas Instruments TLV2475AINE4 Datasheet HTML 13Page - Texas Instruments TLV2475AINE4 Datasheet HTML 14Page - Texas Instruments TLV2475AINE4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
www.ti.com
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VDD − Supply Voltage − V
AV = 1
SHDN = VDD
Per Channel
TA = +125°C
TA = +85°C
TA = +25°C
TA = −40°C
30
40
50
60
70
80
90
100
f − Frequency − Hz
10
100
1k
10k
100k
1M
10M
VDD = 3V, 5V
RF = 5kΩ
RI = 50Ω
TA = +25°C
PSRR+
PSRR−
50
60
70
80
90
100
110
120
130
f − Frequency − Hz
100
1k
10k
100k
1M
10M
VDD = 5V
VIC = 2.5V
VDD = 3V
VIC = 1.5V
0
10
20
30
40
50
60
70
80
f − Frequency − Hz
1k
10k
100k
10
100
VDD = 3V, 5V
AV = 10
VIN = VDD/2
TA = +25°C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
f − Frequency − Hz
1M
10k
100k
VO(PP) = 5V
VO(PP) = 3V
THD+N
≤ 2.0%
RL = 10kΩ
TA = +25°C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
f − Frequency − Hz
1M
10k
100k
VO(PP) = 3V
VO(PP) = 5V
THD+N
≤ 2.0%
RL = 600Ω
TA = +25°C
Frequency − Hz
100
1k
10k
100k
20
0
−40
−20
60
40
80
100
−135
−180
−270
−225
−45
−90
0
45
1M
10M
100M
VDD = ±3
RL = 600Ω
CL = 0
TA = +25°C
Frequency − Hz
100
1k
10k
100k
20
0
−40
−20
60
40
80
100
−135
−180
−270
−225
−45
−90
0
45
1M
10M
100M
VDD = ±5
RL = 600Ω
CL = 0
TA = +25°C
TLV2470,, TLV2471
TLV2472, TLV2473
TLV2474, TLV2475, TLV247xA
SLOS232E – JUNE 1999 – REVISED JULY 2007
TYPICAL CHARACTERISTICS (continued)
POWER-SUPPLY REJECTION
SUPPLY CURRENT
RATIO
COMMON-MODE REJECTION RATIO
vs
vs
vs
SUPPLY VOLTAGE
FREQUENCY
FREQUENCY
Figure 10.
Figure 11.
Figure 12.
MAXIMUM PEAK-TO-PEAK
MAXIMUM PEAK-TO-PEAK
EQUIVALENT NOISE VOLTAGE
OUTPUT VOLTAGE
OUTPUT VOLTAGE
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 13.
Figure 14.
Figure 15.
DIFFERENTIAL VOLTAGE GAIN
DIFFERENTIAL VOLTAGE GAIN
AND PHASE
AND PHASE
vs
vs
FREQUENCY
FREQUENCY
Figure 16.
Figure 17.
11
Submit Documentation Feedback


Similar Part No. - TLV2475AINE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2475AINE4 TI-TLV2475AINE4 Datasheet
1Mb / 41P
[Old version datasheet]   FAMILY OF 600-mA/Ch 2.8-MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2475AINE4 TI-TLV2475AINE4 Datasheet
2Mb / 53P
[Old version datasheet]   FAMILY OF 600mA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2475AINE4 TI1-TLV2475AINE4 Datasheet
2Mb / 64P
[Old version datasheet]   FAMILY OF 600muA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV2475AINE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2470 TI-TLV2470_07 Datasheet
2Mb / 53P
[Old version datasheet]   FAMILY OF 600mA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2470 TI1-TLV2470_16 Datasheet
2Mb / 64P
[Old version datasheet]   FAMILY OF 600muA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2471-Q1 TI1-TLV2471-Q1 Datasheet
780Kb / 31P
[Old version datasheet]   FAMILY OF 600-關A/Ch 2.8-MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS
TLV2470 TI-TLV2470 Datasheet
1Mb / 41P
[Old version datasheet]   FAMILY OF 600-mA/Ch 2.8-MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2371-Q1 TI1-TLV2371-Q1 Datasheet
579Kb / 25P
[Old version datasheet]   FAMILY OF 550-關A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2371-EP TI1-TLV2371-EP Datasheet
594Kb / 21P
[Old version datasheet]   FAMILY OF 550-關A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2460 TI-TLV2460_07 Datasheet
1Mb / 58P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460 TI-TLV2460 Datasheet
1Mb / 54P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2780 TI-TLV2780 Datasheet
901Kb / 32P
[Old version datasheet]   FAMILY OF 1.8V HIGH SPEED RAIL TO RAIL INPUT OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460A-Q1 TI-TLV2460A-Q1 Datasheet
692Kb / 33P
[Old version datasheet]   FAMILY OF LOW POWER RAIL TO RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com