Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LWV18G Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LWV18G
Description  FIREFLY White Hyper-Bright LED
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWV18G Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LWV18G Datasheet HTML 4Page - OSRAM GmbH LWV18G Datasheet HTML 5Page - OSRAM GmbH LWV18G Datasheet HTML 6Page - OSRAM GmbH LWV18G Datasheet HTML 7Page - OSRAM GmbH LWV18G Datasheet HTML 8Page - OSRAM GmbH LWV18G Datasheet HTML 9Page - OSRAM GmbH LWV18G Datasheet HTML 10Page - OSRAM GmbH LWV18G Datasheet HTML 11Page - OSRAM GmbH LWV18G Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LW V18G
2007-10-19
8
Durchlassstrom
2) Seite 16
Forward Current
2) page 16
I
F = f (VF); TA = 25 °C
Relative Vorwärtsspannung
2) Seite 16
Relative Forward Voltage
2) page 16
ΔV
F = VF - VF(25 °C) = f (Tj); IF = 10 mA
Relative Lichtstärke
2) 7) Seite 16
Relative Luminous Intensity
2) 7) page 16
I
V/IV(10 mA) = f (IF); TA = 25 °C
Relative Lichtstärke
2) Seite 16
Relative Luminous Intensity
2) page 16
I
V/IV(25 °C) = f (Tj); IF = 10 mA
2.5
1
10
10
2
5
OHL02359
10
0
3
3.5
4
4.5 V 5
5
mA
VF
F
I
-60
-0.3
-0.2
-0.1
0
-40 -20
0
20
0.1
0.2
0.3
0.4
˚C
60
40
Tj
100
OHL02397
V
F
V
Δ
V (10 mA)
I
I
V
I
F
10 0
10 1
10 2
mA
10
-1
0
10
10
1
5
5
OHL02324
-60
0
-40 -20
0
20
V (25 ˚C)
I
IV
˚C
60
40
Tj
100
OHL02725
0.2
0.4
0.6
0.8
1.0
1.4


Similar Part No. - LWV18G

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWV18C OSRAM-LWV18C Datasheet
582Kb / 15P
   FIREFLY짰 White Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LWV18C-R1S1-3K5L-1 OSRAM-LWV18C-R1S1-3K5L-1 Datasheet
582Kb / 15P
   FIREFLY짰 White Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
More results

Similar Description - LWV18G

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWT673 OSRAM-LWT673 Datasheet
123Kb / 14P
   Hyper TOPLED White Hyper-Bright LED
LWY87S OSRAM-LWY87S Datasheet
157Kb / 14P
   Micro SIDELED White Hyper-Bright LED
LYE675 OSRAM-LYE675 Datasheet
139Kb / 14P
   Hyper-Bright LED
LBT673 OSRAM-LBT673 Datasheet
188Kb / 15P
   HYPER TOPLED, HYPER BRIGHT LED
LOP476 OSRAM-LOP476 Datasheet
586Kb / 17P
   Hyper PointLED Hyper-Bright LED
logo
Siemens Semiconductor G...
LST676 SIEMENS-LST676 Datasheet
350Kb / 7P
   Hyper TOPLED Hyper-Bright LED
logo
OSRAM GmbH
LGV296 OSRAM-LGV296 Datasheet
557Kb / 14P
   Hyper-Bright LED
LSA676 OSRAM-LSA676 Datasheet
180Kb / 14P
   Hyper SIDELED Hyper-Bright LED
LSR976 OSRAM-LSR976 Datasheet
143Kb / 11P
   Hyper CHIPLED Hyper-Bright LED
LWV283 OSRAM-LWV283 Datasheet
521Kb / 15P
   White Hyper-Bright LED Vorlaufige Daten / Preliminary Data
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com