Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MI4012T-03 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MI4012T-03
Description  Thermoelectric Cooler
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MI4012T-03 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MI4012T-03 Datasheet HTML 1Page - List of Unclassifed Manufacturers MI4012T-03 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
marlow industries inc.®
Thermoelectric Cooler
MI4012T
102-0052, Rev F
Performance Values
Mechanical Characteristics
.520
[13.21]
.676
[17.17]
Cold Side
.160
[4.06]
.314
[7.98]
.343+/-.013
[8.71 +/-0.33]
Positive Lead
Negative Lead
2.00 +/-.25
[50.80+/-6.35]
.001 [0.03]
.005 [0.13]
A
.001 [0.03]
30 AWG (0.25) Bus
Solid Tinned Copper
Leads:
A
Ceramic Material: Beryllia (BC)
Millimeters are in [ ]
Ordering Options
For example, and MI4012T with only the hot side
metallized is specified as an MI4012T-02BC
Pretinned metallized ceramic surface(s) with
117°C solder.
Thermistor mounted on edge of cold side ceramic.
(Calibration available.)
Elevated temperature burn-in with test data provided.
Hot Side Temperature (°C)
27°C
50°C
∆ Tmax (Vacuum):
114
129
Qmax (watts):
0.76
0.86
Imax (amps):
1.0
1.0
Vmax (vdc):
6.7
7.4
AC Resistance (ohms):
6.22
---
MI4012T-01
both surfaces are metallized –
cooler is mounted and shipped
on test base
MI4012T-02
hot side exterior is metallized –
cooler is mounted and shipped
on test base
MI4012T-03
no exterior metallization


Similar Part No. - MI4012T-03

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MI402 MITSUBISHI-MI402 Datasheet
173Kb / 3P
   PIN DIODE RF POWER SWITCHING
logo
List of Unclassifed Man...
MI4040 ETC2-MI4040 Datasheet
127Kb / 2P
   Thermoelectric Cooler
MI4040-01 ETC2-MI4040-01 Datasheet
127Kb / 2P
   Thermoelectric Cooler
MI4040-02 ETC2-MI4040-02 Datasheet
127Kb / 2P
   Thermoelectric Cooler
MI4040-03 ETC2-MI4040-03 Datasheet
127Kb / 2P
   Thermoelectric Cooler
More results

Similar Description - MI4012T-03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC6-4 ETC2-RC6-4 Datasheet
475Kb / 2P
   Thermoelectric Cooler
RC12-6 ETC2-RC12-6 Datasheet
163Kb / 2P
   Thermoelectric Cooler
NL1507 ETC2-NL1507 Datasheet
215Kb / 2P
   Thermoelectric Cooler
SP5446 ETC2-SP5446 Datasheet
186Kb / 2P
   Thermoelectric Cooler
XLT12-6 ETC2-XLT12-6 Datasheet
442Kb / 2P
   Thermoelectric Cooler
XLT2389 ETC2-XLT2389 Datasheet
188Kb / 2P
   Thermoelectric Cooler
DT3-2.5 ETC2-DT3-2.5 Datasheet
130Kb / 2P
   Thermoelectric Cooler
DT3-6 ETC2-DT3-6 Datasheet
187Kb / 2P
   Thermoelectric Cooler
DT6-2.5 ETC2-DT6-2.5 Datasheet
123Kb / 2P
   Thermoelectric Cooler
DT12-2.5 ETC2-DT12-2.5 Datasheet
129Kb / 2P
   Thermoelectric Cooler
MI2011T ETC2-MI2011T Datasheet
117Kb / 2P
   Thermoelectric Cooler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com