Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHCU04M Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74VHCU04M
Description  HEX INVERTER SINGLE STAGE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHCU04M Datasheet(HTML) 1 Page - STMicroelectronics

  74VHCU04M Datasheet HTML 1Page - STMicroelectronics 74VHCU04M Datasheet HTML 2Page - STMicroelectronics 74VHCU04M Datasheet HTML 3Page - STMicroelectronics 74VHCU04M Datasheet HTML 4Page - STMicroelectronics 74VHCU04M Datasheet HTML 5Page - STMicroelectronics 74VHCU04M Datasheet HTML 6Page - STMicroelectronics 74VHCU04M Datasheet HTML 7Page - STMicroelectronics 74VHCU04M Datasheet HTML 8Page - STMicroelectronics 74VHCU04M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
November 2004
s
HIGH SPEED: tPD = 3.5 ns (TYP.) at VCC = 5V
s
LOW POWER DISSIPATION:
ICC = 2 µA (MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 10% VCC (MIN.)
s
POWER DOWN PROTECTION ON INPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 8 mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH tPHL
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 2V to 5.5V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 04
s
IMPROVED LATCH-UP IMMUNITY
s
LOW NOISE: VOLP = 0.8V (MAX.)
DESCRIPTION
The 74VHCU04 is an advanced high-speed
CMOS
HEX
INVERTER
fabricated
with
sub-micron silicon gate and double-layer metal
wiring C2MOS technology.
As the internal circuit is composed of a single
stage
inverter,
it
can
be
used
in
analog
applications such as crystal oscillator.
Power down protection is provided on all inputs
and outputs and 0 to 7V can be accepted on
inputs with no regard to the supply voltage. This
device can be used to interface 5V to 3V since all
inputs are equipped with TTL threshold.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
74VHCU04
HEX INVERTER (SINGLE STAGE)
Figure 1: Pin Connection And IEC Logic Symbols
Table 1: Order Codes
PACKAGE
T & R
SOP
74VHCU04MTR
TSSOP
74VHCU04TTR
TSSOP
SOP
Rev. 5


Similar Part No. - 74VHCU04M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHCU04M FAIRCHILD-74VHCU04M Datasheet
75Kb / 8P
   Hex Inverter
74VHCU04M FAIRCHILD-74VHCU04M Datasheet
291Kb / 9P
   Hex Inverter
logo
ON Semiconductor
74VHCU04M ONSEMI-74VHCU04M Datasheet
222Kb / 9P
   Hex Inverter
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74VHCU04MTC FAIRCHILD-74VHCU04MTC Datasheet
75Kb / 8P
   Hex Inverter
74VHCU04MTC FAIRCHILD-74VHCU04MTC Datasheet
291Kb / 9P
   Hex Inverter
More results

Similar Description - 74VHCU04M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HCU04 STMICROELECTRONICS-M54HCU04 Datasheet
232Kb / 8P
   HEX INVERTER SINGLE STAGE
July 2004
74LVCU04A STMICROELECTRONICS-74LVCU04A_04 Datasheet
230Kb / 11P
   LOW VOLTAGE CMOS HEX INVERTER (SINGLE STAGE) HIGH PERFORMANCE
74LVCU04A STMICROELECTRONICS-74LVCU04A Datasheet
166Kb / 8P
   LOW VOLTAGE CMOS HEX INVERTER (SINGLE STAGE) HIGH PERFORMANCE
74V1GU04 STMICROELECTRONICS-74V1GU04 Datasheet
48Kb / 7P
   SINGLE INVERTER SINGLE STAGE
74V1GU04 STMICROELECTRONICS-74V1GU04_04 Datasheet
110Kb / 9P
   SINGLE INVERTER (SINGLE STAGE)
74V2GU04 STMICROELECTRONICS-74V2GU04 Datasheet
125Kb / 7P
   TRIPLE INVERTER (SINGLE STAGE)
M74HCU04 STMICROELECTRONICS-M74HCU04 Datasheet
169Kb / 8P
   HEX INVERTER SINGLE STATE
74LCXU04 STMICROELECTRONICS-74LCXU04_06 Datasheet
221Kb / 15P
   Low voltage CMOS HEX inverter (single stage) with 5V tolerant inputs
74LVXU04 STMICROELECTRONICS-74LVXU04 Datasheet
203Kb / 11P
   LOW VOLTAGE CMOS HEX INVERTER (SINGLE STAGE) WITH 5V TOLERANT INPUTS
74LCXU04 STMICROELECTRONICS-74LCXU04 Datasheet
204Kb / 11P
   LOW VOLTAGE CMOS HEX INVERTER(SINGLE STAGE) WITH 5V TOLERANT INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com