Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR67-21C Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # IR67-21C
Description  Technical Data Sheet Top Infrared LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

IR67-21C Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  IR67-21C Datasheet HTML 1Page - Everlight Electronics Co., Ltd IR67-21C Datasheet HTML 2Page - Everlight Electronics Co., Ltd IR67-21C Datasheet HTML 3Page - Everlight Electronics Co., Ltd IR67-21C Datasheet HTML 4Page - Everlight Electronics Co., Ltd IR67-21C Datasheet HTML 5Page - Everlight Electronics Co., Ltd IR67-21C Datasheet HTML 6Page - Everlight Electronics Co., Ltd IR67-21C Datasheet HTML 7Page - Everlight Electronics Co., Ltd IR67-21C Datasheet HTML 8Page - Everlight Electronics Co., Ltd IR67-21C Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 2
Page: 1 of 9
Device No:DIR-672-045
Prepared date:07-20-2005
Prepared by:Jaine Tsai
Technical Data Sheet
Top Infrared LED
IR67-21C
Features
․Compatible with infrared and vapor phase reflow solder process.
․Low forward voltage.
View angle 120°
․Pb free
․The product itself will remain within RoHS compliant version.
Descriptions
․IR67-21C is an infrared emitting diode in miniature SMD package
which is molded in a water clear plastic with flat top view lens.
The device is spectrally matched with silicon photodiode and phototransistor.
Applications
Floppy disk drive
Optoelectronic switch
Camera
VCR
Video
Smoke detector
Device Selection Guide
Chip
LED Part No.
Material
Lens Color
IR
GaAlAs
Water clear


Similar Part No. - IR67-21C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IR67-21C-TR10 EVERLIGHT-IR67-21C-TR10 Datasheet
230Kb / 10P
   Top Infrared LED
IR67-21C-TR8 EVERLIGHT-IR67-21C-TR8 Datasheet
176Kb / 10P
   Top Infrared LED
IR67-21C-TR8 EVERLIGHT-IR67-21C-TR8 Datasheet
250Kb / 10P
   Top Infrared LED
IR67-21C-TR8_0708 EVERLIGHT-IR67-21C-TR8_0708 Datasheet
250Kb / 10P
   Top Infrared LED
IR67-21C-TR8 EVERLIGHT-IR67-21C-TR8_15 Datasheet
371Kb / 9P
   Top Infrared LED
More results

Similar Description - IR67-21C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
HIR19-21C EVERLIGHT-HIR19-21C Datasheet
213Kb / 9P
   Technical Data Sheet 0.8mm Height Flat Top Infrared LED
67-21UBC-B040-TR8-AM EVERLIGHT-67-21UBC-B040-TR8-AM Datasheet
211Kb / 10P
   Technical Data Sheet -Top View LED
67-31B-GHC-YX2Y2MZ3-2T EVERLIGHT-67-31B-GHC-YX2Y2MZ3-2T Datasheet
131Kb / 10P
   Technical Data Sheet Power Top View LED
HIR204 EVERLIGHT-HIR204 Datasheet
172Kb / 7P
   Technical Data Sheet 3mm Infrared LED, T-1
67-31AUBC-B001-TR8 EVERLIGHT-67-31AUBC-B001-TR8 Datasheet
242Kb / 9P
   Technical Data Sheet (Preliminary) Power Top View LED
IR313 EVERLIGHT-IR313 Datasheet
155Kb / 7P
   Technical Data Sheet 4.7mm Round Non-flange Infrared LED
GBC-YV2W2N EVERLIGHT-GBC-YV2W2N Datasheet
269Kb / 10P
   Technical Data Sheet Top View LEDs
Y2C-AP2R2L EVERLIGHT-Y2C-AP2R2L Datasheet
242Kb / 10P
   Technical Data Sheet Top View LEDs
67-31F-RSC-AX2Y2B9Z5-CT EVERLIGHT-67-31F-RSC-AX2Y2B9Z5-CT Datasheet
209Kb / 10P
   Technical Data Sheet Power Top View LED With Lens
67-31F-YSC-CX2Y1B9Z5-BT EVERLIGHT-67-31F-YSC-CX2Y1B9Z5-BT Datasheet
182Kb / 10P
   Technical Data Sheet Power Top View LED With Lens.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com