Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90242LVA-CC03 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MLX90242LVA-CC03
Description  Linear Hall Effect Sensor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MLX90242LVA-CC03 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  MLX90242LVA-CC03 Datasheet HTML 1Page - List of Unclassifed Manufacturers MLX90242LVA-CC03 Datasheet HTML 2Page - List of Unclassifed Manufacturers MLX90242LVA-CC03 Datasheet HTML 3Page - List of Unclassifed Manufacturers MLX90242LVA-CC03 Datasheet HTML 4Page - List of Unclassifed Manufacturers MLX90242LVA-CC03 Datasheet HTML 5Page - List of Unclassifed Manufacturers MLX90242LVA-CC03 Datasheet HTML 6Page - List of Unclassifed Manufacturers MLX90242LVA-CC03 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MLX90242
Linear Hall Effect Sensor
3901090242
Page 6 of 7
Data Sheet
Rev. 024
Mar/04
10.
ESD Precautions
Electronic semiconductor products are sensitive to Electro Static Discharge (ESD).
Always observe Electro Static Discharge control procedures whenever handling semiconductor products.
11.
Package Information
42GA
2053
1
2
3
*
All Dimensions in millimeters
1.95 +/- 0.15
0.45
0.41
Marked
Surface
UA Hall Plate / Chip Location
1.60
1.40
45o
Typical
4.30
3.90
2.64
2.34
0.84
0.63
3.20
2.80
1.75
1.55
0.48
0.43
0.20
0.00
0.41
0.35
1.30
1.24
2.57
2.51
0.38
Typical
(see note 3)
15.0
14.0
0.41
0.35
UA Package Dimensions
* MARKING:
Line 1:
1st and 2nd digits (42) = Part Number MLX90242
3rd and 4th digits (GA) = Version number
Line 2:
1st digit (2)
= Year (2002)
2nd and 3rd digits(05)
= Week of Year
4th digit (3)
= Last Lotnumber Digit
PINOUT:
Pin 1
V
DD
Pin 2
GND (Vss)
Pin 3
Output
NOTES:
1.) Controlling dimension: mm
2.) Leads must be free of flash and
plating voids
3.) Leads must not arc toward
the rear of package
4.) Package dimensions exclude
molding flash
5.) Tolerance is 0.254mm unless
otherwise specified
Hall Plate dimension:
0.150x0.150
Max 5o
Max 5
o
Typ 5
o
0.7 Max
* MARKING:
1&2 Digits (42) = Part Number (90242)
3,4&5 Dgits(951) =Last Lotnumber Digits
42951
1.30
1.00
0.10
0.00
3.10
2.70
3.00
2.60
0.50
0.35
1.80
1.50
chip
0.66
0.56
0.20
MIN
0.25
0.10
2.10
1.70
0.90
0.70
*
SOT-23 Hall Plate / Chip Location
SOT-23 Package Dimensions
NOTES:
1.) Controlling dimension: mm
2.) Lead thickness after solder plating will
be 0.254 mm maximum
3.) Package dimensions exclude molding
flash
4.) The end flash shall not exceed 0.127 mm
on each side of package
5.) Tolerance is 0.254mm unless otherwise
specified
PINOUT:
Pin 1
V
DD
Pin 2
Outpout
Pin 3
GND
Bottom View of Package
0 +/- 0.15
MLX90242
1
2
3
2
3
1


Similar Part No. - MLX90242LVA-CC03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90242LVA-CC03 ETC2-MLX90242LVA-CC03 Datasheet
156Kb / 7P
   Linear Hall Effect Sensor
More results

Similar Description - MLX90242LVA-CC03

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS3503 SECELECTRONICS-SS3503 Datasheet
104Kb / 5P
   Linear Hall Effect Sensor
logo
List of Unclassifed Man...
MLX90242 ETC2-MLX90242_04 Datasheet
156Kb / 7P
   Linear Hall Effect Sensor
logo
SEC Electronics Inc.
SS4833 SECELECTRONICS-SS4833 Datasheet
226Kb / 4P
   Linear Hall Effect Sensor
SS1302_1311 SECELECTRONICS-SS1302_1311 Datasheet
349Kb / 5P
   Linear Hall Effect Sensor
logo
Unisonic Technologies
UHS49 UTC-UHS49 Datasheet
151Kb / 4P
   LINEAR HALL EFFECT SENSOR
logo
SEC Electronics Inc.
SS695 SECELECTRONICS-SS695 Datasheet
222Kb / 4P
   Linear Hall Effect Sensor
SS4825 SECELECTRONICS-SS4825 Datasheet
383Kb / 5P
   Linear Hall Effect Sensor
SS1302 SECELECTRONICS-SS1302 Datasheet
103Kb / 4P
   Linear Hall Effect Sensor
SS1302 SECELECTRONICS-SS1302_13 Datasheet
141Kb / 4P
   Linear Hall Effect Sensor
logo
Melexis Microelectronic...
MLX90242 MELEXIS-MLX90242_12 Datasheet
222Kb / 10P
   Linear Hall Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com