Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOCD208M Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # MOCD208M
Description  DUAL CHANNEL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOCD208M Datasheet(HTML) 2 Page - Fairchild Semiconductor

  MOCD208M Datasheet HTML 1Page - Fairchild Semiconductor MOCD208M Datasheet HTML 2Page - Fairchild Semiconductor MOCD208M Datasheet HTML 3Page - Fairchild Semiconductor MOCD208M Datasheet HTML 4Page - Fairchild Semiconductor MOCD208M Datasheet HTML 5Page - Fairchild Semiconductor MOCD208M Datasheet HTML 6Page - Fairchild Semiconductor MOCD208M Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
7/11/05
Page 2 of 7
© 2005 Fairchild Semiconductor Corporation
DUAL CHANNEL PHOTOTRANSISTOR
SMALL OUTLINE SURFACE MOUNT
OPTOCOUPLERS
MOCD206M
MOCD207M
MOCD208M
** Typical values at TA = 25°C
NOTE:
1. Input-Output Isolation Voltage, VISO, is an internal device dielectric breakdown rating.
2. For this test, Pins 1, 2, 3 and 4 are common and Pins 5, 6, 7 and 8 are common.
3. Always design to the specified minimum/maximum electrical limits (where applicable).
4. Current Transfer Ratio (CTR) = IC/IF x 100%.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
(3)
Parameter
Test Conditions
Symbol
Device
Min
Typ**
Max
Unit
EMITTER
Input Forward Voltage
IF = 30 mA
VF
All
1.25
1.55
V
Reverse Leakage Current
VR = 6.0 V
IR
All
0.001
100
µA
Capacitance
C
All
18
pF
DETECTOR
Collector-Emitter Dark Current
VCE = 10 V, TA = 25°C
ICEO
All
1.0
50
nA
VCE = 10 V, TA = 100°C
ICEO
All
1.0
µA
Collector-Emitter Breakdown Voltage
IC = 100 µA V(BR)CEO
All
70
100
V
Emitter-Collector Breakdown Voltage
IE = 100 µA V(BR)CEO
All
7.0
10
V
Collector-Emitter Capacitance
f = 1.0 MHz, VCE = 0 V
CCE
All
7.0
pF
COUPLED
Current Transfer Ratio,
Collector to Emitter(4)
IF = 10 mA, VCE = 5 V
CTR
MOCD206M
63
125
%
MOCD207M
100
150
200
MOCD208M
40
125
IF = 1 mA, VCE = 5 V
MOCD206M
22
MOCD207M
34
MOCD208M
13
Collector-Emitter Saturation Voltage
IC = 2.0 mA, IF = 1.0 mA
VCE (sat)
All
0.4
V
Turn-On Time
IC = 2.0 mA, VCC = 10 V,
RL = 100 Ω
ton
All
3.0
µs
Turn-Off Time
IC = 2.0 mA, VCC = 10 V,
RL = 100 Ω
toff
All
2.8
µs
Rise Time
IC = 2.0 mA, VCC = 10 V,
RL = 100 Ω
tr
All
1.6
µs
Fall Time
IC = 2.0 mA, VCC = 10 V,
RL = 100 Ω
tf
All
2.2
µs
Isolation Surge Voltage(1, 2)
f = 60 Hz, t = 1 min.
VISO
All
2500
Vac(rms)
Isolation Resistance(2)
VI-O = 500 V
RISO
All
1011
——
Isolation Capacitance(2)
VI-O = 0 V, f = 1 MHz
CISO
All
0.2
pF


Similar Part No. - MOCD208M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOCD208M FAIRCHILD-MOCD208M Datasheet
83Kb / 6P
   DUAL CHANNEL PHOTOTRANSISTOR
MOCD208M FAIRCHILD-MOCD208M Datasheet
498Kb / 8P
   Dual Channel Phototransistor Small Outline Surface Mount Optocouplers
MOCD208M FAIRCHILD-MOCD208M Datasheet
498Kb / 8P
   Dual Channel Phototransistor Small Outline Surface
logo
ON Semiconductor
MOCD208M ONSEMI-MOCD208M Datasheet
238Kb / 9P
   8-pin SOIC Dual-Channel Phototransistor Output Optocoupler
October, 2018 - Rev. 6
More results

Similar Description - MOCD208M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOCD213-M FAIRCHILD-MOCD213-M Datasheet
495Kb / 8P
   DUAL CHANNEL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
MOCD213-M FAIRCHILD-MOCD213-M_05 Datasheet
494Kb / 8P
   DUAL CHANNEL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
MOCD223M FAIRCHILD-MOCD223M Datasheet
2Mb / 10P
   Dual-channel Phototransistor Small Outline Surface Mount Optocouplers
MOCD208R2M FAIRCHILD-MOCD208R2M Datasheet
2Mb / 9P
   Dual-channel Phototransistor Small Outline Surface Mount Optocouplers
MOCD223-M FAIRCHILD-MOCD223-M Datasheet
498Kb / 8P
   DUAL CHANNEL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
MOCD213R2M FAIRCHILD-MOCD213R2M Datasheet
2Mb / 10P
   Dual-channel Phototransistor Small Outline Surface Mount Optocouplers
MOCD223-M FAIRCHILD-MOCD223-M_06 Datasheet
503Kb / 9P
   Dual Channel Phototransistor Small Outline Surface Mount Optocouplers
MOCD207M FAIRCHILD-MOCD207M_06 Datasheet
498Kb / 8P
   Dual Channel Phototransistor Small Outline Surface Mount Optocouplers
MOCD211-M FAIRCHILD-MOCD211-M Datasheet
506Kb / 8P
   DUAL CHANNEL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
MOCD211-M FAIRCHILD-MOCD211-M_05 Datasheet
511Kb / 8P
   DUAL CHANNEL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com