Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YA982C6R Datasheet(PDF) 5 Page - Fuji Electric

Part # YA982C6R
Description  SILICON DIODE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

YA982C6R Datasheet(HTML) 5 Page - Fuji Electric

  YA982C6R Datasheet HTML 1Page - Fuji Electric YA982C6R Datasheet HTML 2Page - Fuji Electric YA982C6R Datasheet HTML 3Page - Fuji Electric YA982C6R Datasheet HTML 4Page - Fuji Electric YA982C6R Datasheet HTML 5Page - Fuji Electric YA982C6R Datasheet HTML 6Page - Fuji Electric YA982C6R Datasheet HTML 7Page - Fuji Electric YA982C6R Datasheet HTML 8Page - Fuji Electric YA982C6R Datasheet HTML 9Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MS5D3304
5/12
H04-004-03a
Fuji Electric Device Technology Co.,Ltd.
Test
No.
Test
items
Testing methods and conditions
Reference
standard
EIAJ ED4701
Sampling
number
Acceptance
number
1
High temp.
Storage
Temperature :Tstg max
Test duration : 1000h
EIAJ
ED4701/201
22
2
Low temp.
Storage
Temperature :Tstg min
Test duration : 1000h
EIAJ
ED4701/202
22
3
Temperature
humidity
storage
Temperature : 85±2°C
Relative humidity : 85±5%
Test duration : 1000h
EIAJ
ED4701/103
test code C
22
4
Temperature
humidity
bias
Temperature : 85±2°C
Relative humidity : 85±5%
Bias voltage : VRRM× 0.8
Test duration : 1000h
EIAJ
ED4701/103
test code C
22
5
Unsaturated
pressurized
vapor
Temperature : 130±2°C
Relative humidity : 85±5%
Vapor pressure : 230kPa
Test duration : 48h
EIAJ
ED4701/103
test code F
22
6
Temperature
cycle
High temp. side : Tstg max
Room temp. : 5∼35℃
Low temp. side : Tstg min
Duration time : HT 30min,RT 5min LT 30min
Number of cycles : 100 cycles
EIAJ
ED4701/105
22
7
Thermal
shock
Fluid : pure water(running water)
High temp. side : 100+0/-5°C
Low temp. side : 0+5/-0°C
Duration time : HT 5min,LT 5min
Number of cycles : 100 cycles
EIAJ
ED4701/307
test code A
22
8
Steady state
operating
life
Ta=25±5°C
Rated load
Test duration : 1000h
22
9
Intermittent
operating
life
Tj=Tjmax ∼50℃
3min ON, 3min OFF
Test duration : 10000cycles
EIAJ
ED4701/106
22
10
High temp.
Reverse
bias
Temperature : Ta=100 °C
Bias voltage : VR=VRRM duty=1/2
Test duration : 1000h
EIAJ
ED4701/101
22
(0 : 1)
IR ≦USL x 5
USL : Upper specification limit
Failure criteria
VF≦USL x 1.1


Similar Part No. - YA982C6R

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
YA982C6R FUJI-YA982C6R_10 Datasheet
651Kb / 6P
   Low-Loss Fast Recovery Diode
More results

Similar Description - YA982C6R

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
YG963S6R FUJI-YG963S6R Datasheet
137Kb / 12P
   SILICON DIODE
ESAD92M-02RR FUJI-ESAD92M-02RR Datasheet
447Kb / 12P
   SILICON DIODE
ESAD92-03R FUJI-ESAD92-03R Datasheet
481Kb / 12P
   SILICON DIODE
ESAB92-02R FUJI-ESAB92-02R Datasheet
446Kb / 12P
   SILICON DIODE
logo
Sanken electric
FMG-24R SANKEN-FMG-24R Datasheet
226Kb / 3P
   Silicon Diode
FML-G12S SANKEN-FML-G12S Datasheet
197Kb / 4P
   Silicon Diode
FMX-22SL SANKEN-FMX-22SL Datasheet
140Kb / 5P
   Silicon Diode
FMX-2203 SANKEN-FMX-2203 Datasheet
223Kb / 4P
   Silicon Diode
FMXA-1104S SANKEN-FMXA-1104S Datasheet
137Kb / 5P
   Silicon Diode
FMX-G16S SANKEN-FMX-G16S Datasheet
149Kb / 5P
   Silicon Diode
MPL-102S SANKEN-MPL-102S Datasheet
336Kb / 4P
   Silicon Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com