Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5287IRGCR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5287IRGCR
Description  10-Bit, Octal-Channel ADC Up to 65MSPS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5287IRGCR Datasheet(HTML) 4 Page - Texas Instruments

  ADS5287IRGCR Datasheet HTML 1Page - Texas Instruments ADS5287IRGCR Datasheet HTML 2Page - Texas Instruments ADS5287IRGCR Datasheet HTML 3Page - Texas Instruments ADS5287IRGCR Datasheet HTML 4Page - Texas Instruments ADS5287IRGCR Datasheet HTML 5Page - Texas Instruments ADS5287IRGCR Datasheet HTML 6Page - Texas Instruments ADS5287IRGCR Datasheet HTML 7Page - Texas Instruments ADS5287IRGCR Datasheet HTML 8Page - Texas Instruments ADS5287IRGCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
www.ti.com
DIGITAL CHARACTERISTICS
ADS5287
SBAS428 – JANUARY 2008
DC specifications refer to the condition where the digital outputs are not switching, but are permanently at a valid logic level
'0' or '1'. At CLOAD = 5pF
(1), I
OUT = 3.5mA
(2), R
LOAD = 100Ω
(2), and no internal termination, unless otherwise noted.
ADS5287
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUTS
High-level input voltage
1.4
V
Low-level input voltage
0.3
V
High-level input current
33
µA
Low-level input current
–33
µA
Input capacitance
3
pF
LVDS OUTPUTS
High-level output voltage
1375
mV
Low-level output voltage
1025
mV
Output differential voltage, |VOD|
350
mV
VOS output offset voltage
Common-mode voltage of OUTP and OUTN
1200
mV
Output capacitance inside the device,
Output capacitance
2
pF
from either output to ground
(1)
CLOAD is the effective external single-ended load capacitance between each output pin and ground.
(2)
IOUT refers to the LVDS buffer current setting; RLOAD is the differential load resistance between the LVDS output pair.
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ADS5287


Similar Part No. - ADS5287IRGCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5287IRGCR TI-ADS5287IRGCR Datasheet
824Kb / 42P
[Old version datasheet]   10-Bit, Octal-Channel ADC Up to 65MSPS
ADS5287IRGCRG4 TI-ADS5287IRGCRG4 Datasheet
824Kb / 42P
[Old version datasheet]   10-Bit, Octal-Channel ADC Up to 65MSPS
More results

Similar Description - ADS5287IRGCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5287IRGCRG4 TI-ADS5287IRGCRG4 Datasheet
824Kb / 42P
[Old version datasheet]   10-Bit, Octal-Channel ADC Up to 65MSPS
ADS5281 TI-ADS5281_1 Datasheet
1Mb / 44P
[Old version datasheet]   12-Bit Octal-Channel ADC Family Up to 65MSPS
ADS5281 TI-ADS5281 Datasheet
913Kb / 41P
[Old version datasheet]   12-Bit Octal-Channel ADC Family Up to 65MSPS
logo
Maxim Integrated Produc...
MAX19515 MAXIM-MAX19515 Datasheet
340Kb / 35P
   Dual-Channel, 10-Bit, 65Msps ADC
Rev 1; 10/08
MAX19515 MAXIM-MAX19515_11 Datasheet
552Kb / 35P
   Dual-Channel, 10-Bit, 65Msps ADC
Rev 3; 1/11
MAX19505 MAXIM-MAX19505_V01 Datasheet
549Kb / 35P
   Dual-Channel, 8-Bit, 65Msps ADC
2010
MAX19505 MAXIM-MAX19505 Datasheet
454Kb / 34P
   Dual-Channel, 8-Bit, 65Msps ADC
Rev 0; 10/08
MAX1207 MAXIM-MAX1207 Datasheet
892Kb / 29P
   65Msps, 12-Bit ADC
2004
logo
Texas Instruments
ADS5272 TI1-ADS5272_13 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC
logo
Linear Technology
LTC2205-14 LINER-LTC2205-14 Datasheet
1Mb / 28P
   14-Bit, 65Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com