Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9111F181PL Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC9111F181PL
Description  PFM Controlled Step-Up DC/DC Converter / Controller ICs
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9111F181PL Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC9111F181PL Datasheet HTML 2Page - Torex Semiconductor XC9111F181PL Datasheet HTML 3Page - Torex Semiconductor XC9111F181PL Datasheet HTML 4Page - Torex Semiconductor XC9111F181PL Datasheet HTML 5Page - Torex Semiconductor XC9111F181PL Datasheet HTML 6Page - Torex Semiconductor XC9111F181PL Datasheet HTML 7Page - Torex Semiconductor XC9111F181PL Datasheet HTML 8Page - Torex Semiconductor XC9111F181PL Datasheet HTML 9Page - Torex Semiconductor XC9111F181PL Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
6/35
XC9110/XC9111 Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
CIRCUIT
Output Voltage
VOUT
Connected to external components
×
0.975
VOUT ×1.025
V
Output Voltage Temperature
Characteristics
VOUT
VOUT・△topr
Connected to external components
- 40℃≦Topr≦85℃
-
±
100
-
ppm/
Maximum Input Voltage
VIN
10
-
-
V
Operating Start Voltage
VST1
IOUT=1mA,
Connected to external components
-
0.8
0.9
V
Oscillation Start Voltage
VST2
Applied 0.8V to VOUT, Vpull=1.0V
-
-
0.8
V
Operating Hold Voltage
VHLD
IOUT=1mA,
Connected to external components
0.7
-
-
V
Input Current at No Load
IIN
IOUT=0mA (*1)
-
E1-1(*) E1-2(*)
μ
A
Supply Current 1 (*2)
IDD1
Applied (output voltage×0.95) to VOUT
-
E2-1(*) E2-2(*)
μ
A
Supply Current 2
IDD2
Applied (output voltage+0.5) to VOUT
-
E3-1(*) E3-2(*)
μ
A
Lx Switch ON Resistance
RSWON
Same as IDD1, VLx=0.4V (*3)
-
E4-1(*) E4-2(*)
Ω
Lx Leak Current
ILxL
Same as IDD2, VLx=7V
-
-
1
μ
A
Duty Ratio
DTY
Same as IDD1, measure Lx waveform
E7-1(*) E7-2(*) E7-3(*)
%
Duty Ratio 2
DTY2
IOUT=1mA, measure Lx ON time.
Connect to external components
48
56
64
%
Maximum Oscillation
Frequency
MAXFOSC
Same as IDD1
85
100
115
kHz
Maximum Oscillation
Frequency 2
MAXFOSC2
Same as IDD1
153
180
207
kHz
Lx Limit Voltage (*4)
VLxLMT
Same as IDD1, VLx when max. oscillation
frequency is more than double
0.7
-
1.1
V
Efficiency (*5)
EFFI
Connect to external components
-
E8(*)
-
%
ELECTRICAL CHARACTERISTICS
XC9111Axx1MR
Test condition : Unless otherwise specified, VIN=VOUT×0.6, IOUT=<C1(*)>, Vpull=5.0V
NOTE:
*1: TOREX SBD, XB01SB04A2BR is used, reverse current IR < 1μA (when reverse voltage VR = 10V is applied), in case of using selected
parts.
*2: Supply Current 1 is the value when the IC is constantly switching. In actual operation, the oscillator periodically switches, resulting in
lower power consumption. Please refer to Input Current (IIN) under no load condition for the actual current, which is supplied from the
input power supply (VIN).
*3: Lx switch ON resistance can be calculated by (VLx x Rp) / (Vpull - VLx). * Change Vpull so that VLx will become 0.4V.
*4: The Lx limit voltage function becomes stable when VOUT is over 2.0V.
*5: EFFI={[output voltage]×(output current)} / [(input voltage)×(input current)]×100
*6: Please be aware of the absolute maximum ratings of the external components.
(*): Please refer to the charts.
Ta = 25℃


Similar Part No. - XC9111F181PL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9116 TOREX-XC9116 Datasheet
1Mb / 22P
   Step-Up DC/DC Converter-Backlight LED Driver
XC9116 TOREX-XC9116 Datasheet
553Kb / 23P
   Step-Up DC/DC Converter-Backlight LED Driver
XC9116B02ADL TOREX-XC9116B02ADL Datasheet
1Mb / 22P
   Step-Up DC/DC Converter-Backlight LED Driver
XC9116B02ADL TOREX-XC9116B02ADL Datasheet
553Kb / 23P
   Step-Up DC/DC Converter-Backlight LED Driver
XC9116B02ADR TOREX-XC9116B02ADR Datasheet
1Mb / 22P
   Step-Up DC/DC Converter-Backlight LED Driver
More results

Similar Description - XC9111F181PL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9301 TOREX-XC9301_1 Datasheet
706Kb / 13P
   PWM,PWM/PFM Switching Step-Up & Down DC/DC Converter Controller ICs
logo
Gamma Microelectronics ...
GM3326 GAMMA-GM3326 Datasheet
222Kb / 7P
   PWM,PWM/PFM SWITCHING STEP-UP & DOWN DC/DC CONVERTER CONTROLLER ICS
logo
Torex Semiconductor
XC9301 TOREX-XC9301 Datasheet
524Kb / 12P
   PWM, PWM/PFM Switching Step-Up & Down DC/DC Converter Controller ICs
logo
ELM Technology Corporat...
ELM91 ELM-TECH-ELM91 Datasheet
1Mb / 22P
   PFM Step-up DC/DC converter and controller
logo
Shanghai Consonance Ele...
CN5136 CONSONANCE-CN5136 Datasheet
166Kb / 6P
   PFM Step-Up DC-DC Controller
logo
Nippon Precision Circui...
SM6702 NPC-SM6702 Datasheet
116Kb / 10P
   PFM Step-up DC/DC Converter
logo
List of Unclassifed Man...
RCR2562 ETC2-RCR2562 Datasheet
171Kb / 7P
   PFM Step-up DC/DC Converter
logo
ELM Technology Corporat...
ELM93-SERIES ELM-TECH-ELM93-SERIES Datasheet
1Mb / 8P
   PFM step-up DC/DC converter
logo
List of Unclassifed Man...
CR-F33T ETC1-CR-F33T Datasheet
122Kb / 11P
   PFM STEP-UP DC/DC CONVERTER
logo
Advanced Power Electron...
APE1910 A-POWER-APE1910 Datasheet
153Kb / 5P
   STEP-UP PFM DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com