Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LBC170 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LBC170
Description  TRIPLE DIFFERENTIAL TRANSCEIVERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LBC170 Datasheet(HTML) 3 Page - Texas Instruments

  SN65LBC170 Datasheet HTML 1Page - Texas Instruments SN65LBC170 Datasheet HTML 2Page - Texas Instruments SN65LBC170 Datasheet HTML 3Page - Texas Instruments SN65LBC170 Datasheet HTML 4Page - Texas Instruments SN65LBC170 Datasheet HTML 5Page - Texas Instruments SN65LBC170 Datasheet HTML 6Page - Texas Instruments SN65LBC170 Datasheet HTML 7Page - Texas Instruments SN65LBC170 Datasheet HTML 8Page - Texas Instruments SN65LBC170 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
SN65LBC170, SN75LBC170
TRIPLE DIFFERENTIAL TRANSCEIVERS
SLLS459C − NOVEMBER 2000 − REVISED MARCH 2005
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratingsover operating free−air temperature range (unless otherwise noted)
Supply voltage, VCC (see Note 1)
−0.3 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range at any bus I/O terminal (steady state)
−10 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage input range, A and B, (transient pulse through 100
Ω, see Figure 12)
−30 V to 30 V
. . . . . . . . . . . . . .
Voltage range at any D or DIR terminal
− 0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Receiver output current, IO
±10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrostatic discharge: Human body model (A, B, GND) (see Note 2)
12 kV
. . . . . . . . . . . . . . . . . . . . . . . . . .
All pins
5 kV
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Charged-device model (all pins) (see Note 3)
1 kV
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Power Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values, except differential I/O bus voltages, are with respect to network ground terminal.
2. Tested in accordance with JEDEC Standard 22, Test Method A114−A.
3. Tested in accordance with JEDEC Standard 22, Test Method C101.
POWER DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR}
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
DB
995 mW
8.0 mW/
°C
635 mW
515 mW
DW
1480 mW
11.8 mW/
°C
950 mW
770 mW
‡ This is the inverse of the junction-to-ambient thermal resistance when board-mounted and with no air flow.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.75
5
5.25
V
Voltage at any bus I/O terminal
A, B
−7
12
V
High-level input voltage, VIH
D, DIR
2
VCC
V
Low-level input voltage, VIL
D, DIR
0
0.8
V
Differential input voltage, VID
A with respect to B
−12
12
V
Output current
Driver
−60
60
mA
Output current
Receiver
−8
8
mA
Operating free-air temperature, TA
SN75LBC170
0
70
°C
Operating free-air temperature, TA
SN65LBC170
−40
85
°C


Similar Part No. - SN65LBC170

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC170 TI-SN65LBC170 Datasheet
291Kb / 10P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC170 TI-SN65LBC170 Datasheet
407Kb / 21P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC170DB TI-SN65LBC170DB Datasheet
291Kb / 10P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC170DB TI-SN65LBC170DB Datasheet
407Kb / 21P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC170DBR TI-SN65LBC170DBR Datasheet
291Kb / 10P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
More results

Similar Description - SN65LBC170

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC171 TI1-SN65LBC171_09 Datasheet
471Kb / 20P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC171 TI-SN65LBC171 Datasheet
289Kb / 18P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC170 TI-SN65LBC170_07 Datasheet
407Kb / 21P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC170 TI-SN65LBC170 Datasheet
291Kb / 10P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN75ALS171 TI-SN75ALS171 Datasheet
296Kb / 19P
[Old version datasheet]   TRIPLE DIFFERENTIAL BUS TRANSCEIVERS
SN75ALS171 TI-SN75ALS171_07 Datasheet
500Kb / 24P
[Old version datasheet]   TRIPLE DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176 Datasheet
212Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
logo
National Semiconductor ...
LMS75LBC176 NSC-LMS75LBC176 Datasheet
161Kb / 10P
   Differential Bus Transceivers
logo
Texas Instruments
SN65LBC176A TI-SN65LBC176A Datasheet
342Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176_08 Datasheet
515Kb / 22P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com