Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1S09PU Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST1S09PU
Description  2A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S09PU Datasheet(HTML) 2 Page - STMicroelectronics

  ST1S09PU Datasheet HTML 1Page - STMicroelectronics ST1S09PU Datasheet HTML 2Page - STMicroelectronics ST1S09PU Datasheet HTML 3Page - STMicroelectronics ST1S09PU Datasheet HTML 4Page - STMicroelectronics ST1S09PU Datasheet HTML 5Page - STMicroelectronics ST1S09PU Datasheet HTML 6Page - STMicroelectronics ST1S09PU Datasheet HTML 7Page - STMicroelectronics ST1S09PU Datasheet HTML 8Page - STMicroelectronics ST1S09PU Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
ST1S09
2/18
Contents
1
Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
2
Pin configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
3
Maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
4
Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
5
Typical performance characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
6
Typical application . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
7
Application information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
8
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
9
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17


Similar Part No. - ST1S09PU

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1S09PU STMICROELECTRONICS-ST1S09PU Datasheet
417Kb / 18P
   2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectificationtm
ST1S09PUR STMICROELECTRONICS-ST1S09PUR Datasheet
387Kb / 18P
   2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
More results

Similar Description - ST1S09PU

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1S09 STMICROELECTRONICS-ST1S09_10 Datasheet
387Kb / 18P
   2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
ST1S30 STMICROELECTRONICS-ST1S30 Datasheet
193Kb / 11P
   3 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
ST2S08B STMICROELECTRONICS-ST2S08B Datasheet
757Kb / 18P
   Dual synchronous rectification, 1.5 A, 1.5 MHz adjustable step-down switching regulator
ST1S06XX STMICROELECTRONICS-ST1S06XX Datasheet
426Kb / 20P
   Synchronous rectification with inhibit, 1.5 A, 1.5 MHz fixed or adjustable, step-down switching regulator
ST1S09 STMICROELECTRONICS-ST1S09_08 Datasheet
417Kb / 18P
   2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectificationtm
logo
List of Unclassifed Man...
BD9721FV ETC-BD9721FV Datasheet
81Kb / 2P
   1 CHANNEL STEP DOWN PWM SWITCHING REGULATOR CONTROLLER WITH SYNCHRONOUS RECTIFICATION
logo
STMicroelectronics
L5988 STMICROELECTRONICS-L5988 Datasheet
114Kb / 10P
   4A step-down switching regulator with synchronous rectification
ST2S06A33 STMICROELECTRONICS-ST2S06A33_09 Datasheet
296Kb / 18P
   Dual synchronous rectification with reset or inhibit, 0.5 A, 1.5 MHz adjustable step-down switching regulator
ST2S06A33 STMICROELECTRONICS-ST2S06A33 Datasheet
333Kb / 21P
   Dual synchronous rectification with reset or inhibit, 0.5 A, 1.5 MHz adjustable step-down switching regulator
logo
Exar Corporation
XRP7674 EXAR-XRP7674 Datasheet
737Kb / 12P
   2A 18V Synchronous PFM/PWM Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com