Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LBC170DB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LBC170DB
Description  TRIPLE DIFFERENTIAL TRANSCEIVERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LBC170DB Datasheet(HTML) 5 Page - Texas Instruments

  SN65LBC170DB Datasheet HTML 1Page - Texas Instruments SN65LBC170DB Datasheet HTML 2Page - Texas Instruments SN65LBC170DB Datasheet HTML 3Page - Texas Instruments SN65LBC170DB Datasheet HTML 4Page - Texas Instruments SN65LBC170DB Datasheet HTML 5Page - Texas Instruments SN65LBC170DB Datasheet HTML 6Page - Texas Instruments SN65LBC170DB Datasheet HTML 7Page - Texas Instruments SN65LBC170DB Datasheet HTML 8Page - Texas Instruments SN65LBC170DB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
SN65LBC170, SN75LBC170
TRIPLE DIFFERENTIAL TRANSCEIVERS
SLLS459C − NOVEMBER 2000 − REVISED MARCH 2005
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
RECEIVER SECTION
electrical characteristics over recommended operating conditions
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIT+
Positive-going differential input voltage threshold
0.2
V
VIT−
Negative-going differential input voltage threshold
See Figure 8
−0.2
V
Vhys
Hysteresis voltage (VIT+ − VIT−)
See Figure 8
40
mV
VOH
High-level output voltage
VID = 200 mV, IOH = −8 mA, See Figure 8
4
4.7
VCC
V
VOL
Low-level output voltage
VID = −200 mV, IOL = −8 mA, See Figure 8
0
0.2
0.4
V
II
Line input current
Other input = 0 V
VI = 12 V
0.9
mA
II
Line input current
Other input = 0 V
VI = −7 V
−0.7
mA
RI
Input resistance
A, B
12
k
ICC
Supply current (receiver enabled)
A, B, D, and DIR open
16
mA
† All typical values are at VCC = 5 V and TA = 25°C.
switching characteristics over recommended operating conditions
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low-to-high level output
7
16
ns
tPHL
Propagation delay time, high-to-low level output
See Figure 9
7
16
ns
tr
Receiver output rise time
See Figure 9
1.3
3
ns
tf
Receiver output fall time
1.3
3
ns
tPZH
Receiver output enable time to high level
See Figure 10
26
40
ns
tPHZ
Receiver output disable time from high level
See Figure 10
40
ns
tPZL
Receiver output enable time to low level
See Figure 11
29
40
ns
tPLZ
Receiver output enable time to high level
See Figure 11
40
ns
tsk(p)
Pulse skew (| tPLH – tPHL |)
2
ns
tsk(o)
Output skew‡
1.5
ns
tsk(pp)
Part-to-part skew§
3
ns
‡ Output skew (tsk(o)) is the magnitude of the time delay difference between the outputs of a single device with all of the inputs connected together.
§ Part-to-part skew (tsk(pp)) is the magnitude of the difference in propagation delay times between any specified terminals of two devices when
both devices operate with the same input signals, the same supply voltages, at the same temperature, and have identical packages and test
circuits.


Similar Part No. - SN65LBC170DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC170DB TI-SN65LBC170DB Datasheet
291Kb / 10P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC170DB TI-SN65LBC170DB Datasheet
407Kb / 21P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC170DBR TI-SN65LBC170DBR Datasheet
291Kb / 10P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC170DBR TI-SN65LBC170DBR Datasheet
407Kb / 21P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC170DBRG4 TI-SN65LBC170DBRG4 Datasheet
407Kb / 21P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
More results

Similar Description - SN65LBC170DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC171 TI1-SN65LBC171_09 Datasheet
471Kb / 20P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC171 TI-SN65LBC171 Datasheet
289Kb / 18P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC170 TI-SN65LBC170_07 Datasheet
407Kb / 21P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC170 TI-SN65LBC170 Datasheet
291Kb / 10P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN75ALS171 TI-SN75ALS171 Datasheet
296Kb / 19P
[Old version datasheet]   TRIPLE DIFFERENTIAL BUS TRANSCEIVERS
SN75ALS171 TI-SN75ALS171_07 Datasheet
500Kb / 24P
[Old version datasheet]   TRIPLE DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176 Datasheet
212Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
logo
National Semiconductor ...
LMS75LBC176 NSC-LMS75LBC176 Datasheet
161Kb / 10P
   Differential Bus Transceivers
logo
Texas Instruments
SN65LBC176A TI-SN65LBC176A Datasheet
342Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176_08 Datasheet
515Kb / 22P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com