Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV1112CDCYR Datasheet(PDF) 3 Page - STMicroelectronics

Part # TLV1112CDCYR
Description  1.2-V, 0.8-A LOW-DROPOUT VOLTAGE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TLV1112CDCYR Datasheet(HTML) 3 Page - STMicroelectronics

  TLV1112CDCYR Datasheet HTML 1Page - STMicroelectronics TLV1112CDCYR Datasheet HTML 2Page - STMicroelectronics TLV1112CDCYR Datasheet HTML 3Page - STMicroelectronics TLV1112CDCYR Datasheet HTML 4Page - STMicroelectronics TLV1112CDCYR Datasheet HTML 5Page - STMicroelectronics TLV1112CDCYR Datasheet HTML 6Page - STMicroelectronics TLV1112CDCYR Datasheet HTML 7Page - STMicroelectronics TLV1112CDCYR Datasheet HTML 8Page - STMicroelectronics TLV1112CDCYR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TLV1112
1.2V, 0.8A LOW DROPOUT VOLTAGE REGULATOR
SLVS562B – DECEMBER 2004 – REVISED APRIL 2005
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics, TJ = 0°C to 125°C, all typical values are at TJ = 25°C
(unless otherwise noted)
PARAMETER
TEST CONDITIONS†
TLV1112C
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
Output voltage, VOUT
VIN − VOUT = 2 V, IOUT = 10 mA, TJ = 25°C
1.17
1.2
1.23
V
Output voltage, VOUT
10 mA
≤ IOUT ≤ 800 mA, 1.4 V ≤ VIN − VOUT ≤ 10 V
1.14
1.2
1.26
V
Line regulation
IOUT = 10 mA, 1.5 ≤ VIN − VOUT ≤ 13.8 V
0.035
0.2
%
Load regulation
10 mA
≤ IOUT ≤ 800 mA, VIN − VOUT = 3 V
0.1
0.5
%
IOUT = 100 mA
1.1
1.2
Dropout voltage (see Note 4)
IOUT = 500 mA
1.15
1.25
V
Dropout voltage (see Note 4)
IOUT = 800 mA
1.2
1.3
V
Current limit
VIN − VOUT = 5 V‡, TJ = 25°C
0.8
1.2
1.5
A
Quiescent current
VIN ≤ 15 V
5
10
mA
Thermal regulation
30 ms pulse, TA = 25°C
0.01
0.1
%/W
Ripple rejection
VIN − VOUT = 3 V, Vripple = 1 Vpp, f = 120 Hz
60
75
dB
Minimum load current
VIN = 15 V
1.7
5
mA
Temperature stability
TJ = 0°C to 125°C
0.5
%
Long-term stability
1000 hrs, No load, TA = 125°C
0.3
%
Output noise voltage (% of VOUT)
f = 10 Hz to 100 kHz
0.003
%
† All characteristics are measured with a 10-µF capacitor across the input and a 10-µF capacitor across the output. Pulse testing techniques are
used to maintain the junction temperature as close to the ambient temperature as possible.
‡ Current limit test specified under recommended operating conditions
NOTE 2: Dropout is defined as the input-to-output differential at which VOUT drops 100 mV below the value of VOUT, measured at
VIN = VOUT(nom) + 1.5 V.
electrical characteristics, TJ = −40°C to 125°C, all typical values are at TJ = 25°C
(unless otherwise noted)
PARAMETER
TEST CONDITIONS†
TLV1112I
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
Output voltage, VOUT
VIN − VOUT = 2 V, IOUT = 10 mA, TJ = 25°C
1.17
1.2
1.23
V
Output voltage, VOUT
10 mA
≤ IOUT ≤ 800 mA, 1.4 V ≤ VIN − VOUT ≤ 10 V
1.14
1.2
1.26
V
Line regulation
IOUT = 10 mA, 1.5 ≤ VIN − VOUT ≤ 13.8 V
0.035
0.3
%
Load regulation
10 mA
≤ IOUT ≤ 800 mA, VIN − VOUT = 3 V
0.2
0.5
%
IOUT = 100 mA
1.1
1.3
Dropout voltage (see Note 4)
IOUT = 500 mA
1.15
1.35
V
Dropout voltage (see Note 4)
IOUT = 800 mA
1.2
1.4
V
Current limit
VIN − VOUT = 5 V‡, TJ = 25°C
0.8
1.2
1.5
A
Quiescent current
VIN ≤ 15 V
5
15
mA
Thermal regulation
30 ms pulse, TA = 25°C
0.01
0.1
%/W
Ripple rejection
VIN − VOUT = 3 V, Vripple = 1 Vpp, f = 120 Hz
60
75
dB
Minimum load current
VIN = 15 V
1.7
5
mA
Temperature stability
TJ = −40°C to 125°C
0.5
%
Long-term stability
1000 hrs, No load, TA = 125°C
0.3
%
Output noise voltage (% of VOUT)
f = 10 Hz to 100 kHz
0.003
%
† All characteristics are measured with a 10-µF capacitor across the input and a 10-µF capacitor across the output. Pulse-testing techniques are
used to maintain the junction temperature as close to the ambient temperature as possible.
‡ Current limit test specified under recommended operating conditions
NOTE 4: Dropout is defined as the input-to-output differential at which VOUT drops 100 mV below the value of VOUT, measured at
VIN = VOUT(nom) + 1.5 V.


Similar Part No. - TLV1112CDCYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1117 TI-TLV1117 Datasheet
594Kb / 24P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117 TI-TLV1117 Datasheet
1Mb / 36P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117-15 TI-TLV1117-15 Datasheet
594Kb / 24P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117-15CDCY TI-TLV1117-15CDCY Datasheet
594Kb / 24P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117-15CDCY TI1-TLV1117-15CDCY Datasheet
1Mb / 36P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
More results

Similar Description - TLV1112CDCYR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDL1117 STMICROELECTRONICS-LDL1117 Datasheet
1Mb / 23P
   1.2 A high PSRR low-dropout linear voltage regulator
Rev 6 - April 2020
logo
Panasonic Semiconductor
AN7700 PANASONIC-AN7700 Datasheet
169Kb / 21P
   Low-dropout three-pin voltage regulator 1.2-A type
logo
Analog Devices
ADP1754 AD-ADP1754 Datasheet
738Kb / 20P
   1.2 A, Low VIN, Low Dropout Linear Regulator
Rev. E
ADP1752 AD-ADP1752 Datasheet
703Kb / 20P
   0.8 A, Low VIN, Low Dropout Linear Regulator
Rev. E
ADP1755ACPZ AD-ADP1755ACPZ Datasheet
709Kb / 20P
   1.2 A, Low VIN, Low Dropout Linear Regulator
Rev. F
logo
ON Semiconductor
NCV8187 ONSEMI-NCV8187_V01 Datasheet
580Kb / 19P
   Voltage Regulator - Low Iq, Low Dropout, Power Good Output 1.2 A
August, 2021 ??Rev. 8
NCV8187 ONSEMI-NCV8187 Datasheet
278Kb / 12P
   Voltage Regulator - Low Iq, Low Dropout, Power Good Output 1.2 A
August, 2020 ??Rev. 2
logo
Texas Instruments
LM2940 TI1-LM2940 Datasheet
290Kb / 16P
[Old version datasheet]   1-A LOW-DROPOUT VOLTAGE REGULATOR
MAY 2006
logo
GTM CORPORATION
GJ2138 GTM-GJ2138 Datasheet
420Kb / 5P
   1.5 A LOW DROPOUT VOLTAGE REGULATOR
logo
STMicroelectronics
L5150CS STMICROELECTRONICS-L5150CS Datasheet
664Kb / 34P
   5 V low dropout voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com